Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC13142 Arkusz danych (PDF) - Motorola, Inc

MC13142 Datasheet PDF - Motorola, Inc
Numer części MC13142
Pobierz  MC13142 Pobierz

Rozmiar pliku   165.21 Kbytes
Page   16 Pages
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Szczegółowy opis LOW POWER DC - 1.8 GHz LNA, MIXER and VCO

MC13142 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
MC13142 Datasheet PDF - Motorola, Inc

Numer części MC13142
Pobierz  MC13142 Click to download

Rozmiar pliku   165.21 Kbytes
Page   16 Pages
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Szczegółowy opis LOW POWER DC - 1.8 GHz LNA, MIXER and VCO

MC13142 Arkusz danych (HTML) - Motorola, Inc

Back Button MC13142 Datasheet HTML 1Page - Motorola, Inc MC13142 Datasheet HTML 2Page - Motorola, Inc MC13142 Datasheet HTML 3Page - Motorola, Inc MC13142 Datasheet HTML 4Page - Motorola, Inc MC13142 Datasheet HTML 5Page - Motorola, Inc MC13142 Datasheet HTML 6Page - Motorola, Inc MC13142 Datasheet HTML 7Page - Motorola, Inc MC13142 Datasheet HTML 8Page - Motorola, Inc MC13142 Datasheet HTML 9Page - Motorola, Inc MC13142 Datasheet HTML 10Page - Motorola, Inc Next Button 

MC13142 Szczegóły Produktu

The MC13142 is intended to be used as a first amplifier, voltage controlled oscillator and down converter for RF applications. It features wide band operation, low noise, high gain and high linearity while maintaining low current consumption. The circuit consists of a Low Noise Amplifier (LNA), a Voltage Controlled Oscillator (VCO), a buffered oscillator output, a mixer, an Intermediate Frequency amplifier (IFamp) and a dc control section. The wide mixer IF bandwidth allows this part also to be used as an up converter and exciter amplifier.

• Wide RF Bandwidth: DC–1.8 GHz
• Wide LO Bandwidth: DC–1.8 GHz
• Wide IF Bandwidth: DC–1.8 GHz
• Low Power: 13 mA @ VCC = 2.7 – 6.5 V
• High Mixer Linearity: Pi1.0 dB = 3.0 dBm
• Linearity Adjustment Increases IP3in Up to 20 dBm
• Single–Ended 50 Ω Mixer Input
• Double Balanced Mixer Operation
• Open Collector Mixer Output
• Single Transistor Oscillator with Collector, Base and Emitter Pinned Out
• Buffered Oscillator Output




Podobny numer części - MC13142

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC13143 MOTOROLA-MC13143 Datasheet
459Kb / 9P
   Ultra Low Power DC-2.4 GHz Linear Mixer
MC13143D MOTOROLA-MC13143D Datasheet
459Kb / 9P
   Ultra Low Power DC-2.4 GHz Linear Mixer
MC13144 MOTOROLA-MC13144 Datasheet
328Kb / 8P
   VHF- 2.0 GHz Low Noise Amplifier with Programmable Bias
MC13144D MOTOROLA-MC13144D Datasheet
328Kb / 8P
   VHF- 2.0 GHz Low Noise Amplifier with Programmable Bias
MC13145 MOTOROLA-MC13145 Datasheet
231Kb / 6P
   UHF Wideband Receiver Subsystem (LNA, Mixer, VCO, Prescaler, IF Subsystem, Coiless Detector)
More results


Podobny opis - MC13142

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
SA621 PHILIPS-SA621 Datasheet
118Kb / 16P
   1GHz - Low voltage LNA, mixer and VCO
1997 Nov 07
SA620 PHILIPS-SA620 Datasheet
331Kb / 11P
   Low voltage LNA, mixer and VCO - 1GHz
December 15, 1993
logo
Motorola, Inc
MC13104 MOTOROLA-MC13104 Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
logo
LANSDALE Semiconductor ...
ML13146 LANSDALE-ML13146 Datasheet
7Mb / 15P
   Low Power DC - 1.8 GHz Transmitter
ML13146 LANSDALE-ML13146_08 Datasheet
2Mb / 15P
   Low Power DC ??1.8 GHz Transmitter
logo
NXP Semiconductors
SA611 PHILIPS-SA611 Datasheet
106Kb / 16P
   1GHz low voltage LNA and mixer
1999 Mar 26
SA601 PHILIPS-SA601 Datasheet
182Kb / 11P
   Low voltage LNA and mixer - 1GHz
December 15, 1994
SA631 PHILIPS-SA631 Datasheet
103Kb / 16P
   1GHz low voltage LNA and mixer
1998 Jan 08
SA600 PHILIPS-SA600 Datasheet
283Kb / 17P
   1GHz LNA and mixer
1993 Dec 15
logo
RF Micro Devices
RF2418 RFMD-RF2418 Datasheet
114Kb / 10P
   LOW CURRENT LNA/MIXER
More results




O Motorola, Inc


Motorola, Inc. była amerykańską międzynarodową firmą telekomunikacyjną, która została założona w 1928 roku. Miała siedzibę w Schaumburgu w stanie Illinois i była jednym z największych dostawców telefonów komórkowych, sprzętu telekomunikacyjnego i półprzewodników. W całej swojej historii Motorola była znana z innowacji w dziedzinie telekomunikacji, w tym z rozwoju pierwszego na świecie dostępnego na rynku telefonu komórkowego, Dynatac i pierwszego na świecie dwukierunkowego pagera, Pageboya.

W 2011 r. Motorola podzielił się na dwie oddzielne firmy: Motorola Mobility i Motorola Solutions. Motorola Mobility została później przejęta przez Google w 2012 roku i jest obecnie spółką zależną Lenovo. Motorola Solutions koncentruje się na rozwiązaniach związanych z bezpieczeństwem publicznym i komercyjnym i przemysłowym. Firma zapewnia szeroką gamę produktów, w tym radiotelefony, mobilne urządzenia komputerowe i sprzęt infrastruktury sieciowej.

Motorola była jednym z pionierów branży telefonów komórkowych i ma bogatą historię innowacji i postępów technologicznych. Dziedzictwo firmy trwa poprzez jej spółki zależne, a jej technologia i produkty są nadal używane na całym świecie.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com