Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NVT4857UKAZ Arkusz danych (PDF) - NXP Semiconductors

NVT4857UKAZ Datasheet PDF - NXP Semiconductors
Numer części NVT4857UKAZ
Pobierz  NVT4857UKAZ Pobierz
Rozmiar pliku   357.5 Kbytes
Page   23 Pages
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors
Szczegółowy opis SD 3.0-SDR104 compliant integrated auto-direction control

NVT4857UKAZ Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
NVT4857UKAZ Datasheet PDF - NXP Semiconductors

Numer części NVT4857UKAZ
Pobierz  NVT4857UKAZ Click to download

Rozmiar pliku   357.5 Kbytes
Page   23 Pages
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors
Szczegółowy opis SD 3.0-SDR104 compliant integrated auto-direction control

NVT4857UKAZ Arkusz danych (HTML) - NXP Semiconductors


NVT4857UKAZ Szczegóły Produktu

1 General description
The device is an SD 3.0-compliant bidirectional dual voltage level translator with auto-direction control. It is designed to interface between a memory card operating at 1.8 V or 3.0 V signal levels and a host with a nominal supply voltage of 1.2 V to 1.8 V. The device supports SD 3.0 SDR104, SDR50, DDR50, SDR25, SDR12 and SD 2.0 High-Speed (50 MHz) and Default-Speed (25 MHz) modes. The device has an integrated voltage selectable low dropout regulator to supply the card-side I/Os, an auto-enable/ disable function connected to the VSD supply pin, built-in EMI filters and robust ESD protections (IEC 61000-4-2, level 4).

2 Features and benefits
• Supports up to 208 MHz clock rate
• SD 3.0 specification-compliant voltage translation to support SDR104, SDR50, DDR50, SDR25, SDR12,
High-Speed and Default-Speed modes
• 1.2 V to 1.8 V host side interface voltage support
• Feedback channel for clock synchronization
• 100 mA Low dropout voltage regulator to supply the card-side I/Os
• Low power consumption by push-pull output stage with break-before-make architecture
• Automatic enable and disable through VSD
• Integrated pull-up and pull-down resistors: no external resistors required
• Integrated EMI filters suppress higher harmonics of digital I/Os
• Integrated 8 kV ESD protection according to IEC 61000-4-2, level 4 on card side
• Level shifting buffers keep ESD stress away from the host (zero-clamping concept)
• 20-ball WLCSP; pitch 0.4 mm

3 Applications
• Smart phones
• Mobiles handsets
• Digital cameras
• Tablet PCs
• Laptop computers
• SD, MMC or microSD card readers




Podobny numer części - NVT4857UKAZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
NVT4857UKAZ NXP-NVT4857UKAZ Datasheet
643Kb / 24P
SD 3.0-SDR104 compliant integrated auto-direction control memory card voltage level translator with EMI filter and ESD protection
Rev. 2-6 June 2018
NVT4857UKAZ NXP-NVT4857UKAZ Datasheet
355Kb / 23P
SD 3.0-SDR104 compliant integrated auto-direction control
Rev. 2.1 - 7 November 2022
More results


Podobny opis - NVT4857UKAZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
NVT4857UK NXP-NVT4857UK_V01 Datasheet
355Kb / 23P
SD 3.0-SDR104 compliant integrated auto-direction control
Rev. 2.1 - 7 November 2022
NVT4857UK NXP-NVT4857UK Datasheet
643Kb / 24P
SD 3.0-SDR104 compliant integrated auto-direction control memory card voltage level translator with EMI filter and ESD protection
Rev. 2-6 June 2018
logo
Nexperia B.V. All right...
NXS0506 NEXPERIA-NXS0506 Datasheet
264Kb / 17P
SD 3.0-compatible memory card integrated auto-direction control and level translator with EMI filter and ESD protection
Rev. 2 - 8 March 2022
logo
NXP Semiconductors
IP4855CX25 NXP-IP4855CX25 Datasheet
245Kb / 29P
SD 3.0-compliant memory card integrated voltage level translator with EMI filter and ESD protection
Rev. 1-13 September 2012
logo
Nexperia B.V. All right...
IP4856CX25 NEXPERIA-IP4856CX25 Datasheet
383Kb / 22P
SD 3.0-compliant memory card integrated dual voltage level translator with EMI filter and ESD protection
logo
List of Unclassifed Man...
AP-MSD04GCS4P-1TM ETC2-AP-MSD04GCS4P-1TM Datasheet
514Kb / 21P
Industrial Micro SD 3.0
TSM23P-4AG ETC2-TSM23P-4AG Datasheet
257Kb / 10P
NEMA 23 Integrated StepSERVO??Motor w/ Pulse & Direction Control
TSM23P-3AG ETC2-TSM23P-3AG Datasheet
262Kb / 10P
NEMA 23 Integrated StepSERVO??Motor w/ Pulse & Direction Control
TSM17P-2AG ETC2-TSM17P-2AG Datasheet
268Kb / 10P
NEMA 17 Integrated StepSERVO??Motor w/ Pulse & Direction Control
TSM17P-1AG ETC2-TSM17P-1AG Datasheet
263Kb / 10P
NEMA 17 Integrated StepSERVO??Motor w/ Pulse & Direction Control
More results




O NXP Semiconductors


NXP Semiconductors to publicznie notowana międzynarodowa firma, która projektuje, rozwija i produkuje szeroką gamę półprzewodników i zintegrowanych obwodów dla różnych aplikacji, w tym rynków motoryzacyjnych, przemysłowych, komunikacyjnych i konsumenckich.

Firma została założona w 2006 roku i ma siedzibę w Eindhoven w Holandii.

NXP oferuje szerokie portfolio produktów, w tym między innymi mikrokontrolery, mikroprocesory, bezpieczne układy uwierzytelniające, systemy zarządzania energią, RF i komponenty mikrofalowe oraz rozwiązania czujników.

Produkty firmy są zaprojektowane tak, aby były energooszczędne, bezpieczne i niezawodne, i są wykorzystywane w różnych aplikacjach, w tym w systemach motoryzacyjnych, automatyzacji i kontroli przemysłowej, inteligentnych domach i budynkach oraz podłączonych urządzeniach.

NXP jest poświęcony innowacjom i zadowoleniu klientów i jest zaangażowany w zapewnianie swoim klientom najlepszych rozwiązań półprzewodników w celu zaspokojenia ich potrzeb.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com