Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA19997HL Arkusz danych (PDF) - NXP Semiconductors

TDA19997HL Datasheet PDF - NXP Semiconductors
Numer części TDA19997HL
Pobierz  TDA19997HL Pobierz

Rozmiar pliku   295.42 Kbytes
Page   26 Pages
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors
Szczegółowy opis Smart HDMI 1.4 (4 : 1) switch with auto-adaptive equalizer

TDA19997HL Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
TDA19997HL Datasheet PDF - NXP Semiconductors

Numer części TDA19997HL
Pobierz  TDA19997HL Click to download

Rozmiar pliku   295.42 Kbytes
Page   26 Pages
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors
Szczegółowy opis Smart HDMI 1.4 (4 : 1) switch with auto-adaptive equalizer

TDA19997HL Arkusz danych (HTML) - NXP Semiconductors

Back Button TDA19997HL Datasheet HTML 1Page - NXP Semiconductors TDA19997HL Datasheet HTML 2Page - NXP Semiconductors TDA19997HL Datasheet HTML 3Page - NXP Semiconductors TDA19997HL Datasheet HTML 4Page - NXP Semiconductors TDA19997HL Datasheet HTML 5Page - NXP Semiconductors TDA19997HL Datasheet HTML 6Page - NXP Semiconductors TDA19997HL Datasheet HTML 7Page - NXP Semiconductors TDA19997HL Datasheet HTML 8Page - NXP Semiconductors TDA19997HL Datasheet HTML 9Page - NXP Semiconductors TDA19997HL Datasheet HTML 10Page - NXP Semiconductors Next Button 

TDA19997HL Szczegóły Produktu

1. General description
The High-Definition Multimedia Interface (HDMI) switch enables connection of multiple
DVI/HDMI inputs to a receiver with at least one input. The TDA19997HL is a switch with
four HDMI 1.4 compliant DVI/HDMI inputs and one DVI/HDMI output. Each HDMI input
has its own dedicated embedded EDID memory. A fifth DDC-bus input is available for
VGA or second HDMI input of SoC. The built-in auto-adaptive equalizer improves signal
quality, allowing the use of cable lengths up to 30 m.
The TDA19997HL supports Deep Color mode in 10-bit and 12-bit per channel up to
1920 × 1080p at 50/60 Hz. The TDA19997HL supports DVI/HDMI streams with or without
High-bandwidth Digital Content Protection (HDCP 1.3) and all Data Island packets.
The TDA19997HL settings are controllable via the I2C-bus.
2. Features
Complies with the HDMI 1.4, DVI 1.0, EIA/CEA-861D and HDCP 1.3 standards
Four independent DVI/HDMI inputs, up to 2.25 gigasamples per second
Pin compatible with TDA9996/TDA9995
Robust auto-adaptive equalizer (up to 20 m AWG26 at 2.25 Gbit/s)
Robust auto-adaptive equalizer (up to 30 m AWG24 at 1.5 Gbit/s)
Integrated 50 Ω single-ended termination resistors
+5 V signal detection for each HDMI input
Supports color depth processing at 24-bit, 30-bit or 36-bit per pixel
Supports all Data Island packets
Activity detection on each input, manages output activity and power consumption
Extended mode: re-generate output TMDS waveform removing jitter and skew
Frequency measurement allowing direct reading of format/resolution
Automatic mode for main features:
Automatic Hot Plug Detect (HPD) generation and termination resistors
management
Automatic HPD generation with programmable duration
Automatic EDID load
Display Data Channel (DDC) bus:
5 V tolerant, DDC-bus inputs with bit rates up to 400 kbit/s
One DDC-bus output with the same latency as the HDMI stream pipeline delay
DDC-bus master switch functionality avoids bus corruption
DDC-bus level-shifting buffer with digital lock-up protection
A fifth DDC-bus input available for VGA or second HDMI input of SoC
I2C-bus controllable at bit rates up to 400 kbit/s
Non-volatile memory for switch management (Hot Plug Detect, Power-down)
Non-volatile storage for EDID’s allowing easy loading
Embedded Extended Display Identification Data (EDID) memory:
253-byte shared and 3-byte of dedicated EDID memory per HDMI input
Non-volatile memory for programming default EDID content
Supports sources without +5 V
5 embedded EDID memory supplied by +5 V from HDMI source
An extra 128-byte blocks for DVI or PC formats
EDID update by I2C-bus, example for AVR applications
Fail-safe output in Idle mode
Mute pin preventing from pop noise/image noise
ATC/Rx compliant for 36-bit Deep Color 1080p 60 Hz
ATC/Tx eye diagram compliant for 36-bit Deep color 1080p 60 Hz
Programmable slave address for easy cascade approach
Ready for HDMI Audio return Channel (HDMI 1.4 features refer to AN907)
3.3 V and 1.8 V power supplies
Additional ESD protection pin for CEC line
ESD protection:
HBM: class 2
MM: class B
FCDM: class IV
IEC 61000-4-2 class 3 for HDMI inputs
Power-down mode with dedicated pin
CMOS process
Lead (Pb) free LQFP100 14 × 14 × 1 mm package, pitch 0.5 mm
3. Applications
HDTV (plasma, Rear projection TV and LCD TV)
YCbCr or RGB Hi-Speed video digitizer
Projector
Home theater
AVR
Switch box




Podobny numer części - TDA19997HL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA19977A NXP-TDA19977A Datasheet
1Mb / 40P
   Triple input HDMI 1.4a compliant receiver interface with equalizer
Rev. 3-19 November 2010
TDA19977AHV NXP-TDA19977AHV Datasheet
1Mb / 40P
   Triple input HDMI 1.4a compliant receiver interface with equalizer
Rev. 3-19 November 2010
TDA19977BHV NXP-TDA19977BHV Datasheet
1Mb / 40P
   Triple input HDMI 1.4a compliant receiver interface with equalizer
Rev. 3-19 November 2010
TDA19978A NXP-TDA19978A Datasheet
287Kb / 38P
   Quad HDMI 1.3a receiver interface with equalizer (HDTV up to 1080p, up to UXGA for PC formats)
Rev. 03-16 April 2010
TDA19978AHV NXP-TDA19978AHV Datasheet
287Kb / 38P
   Quad HDMI 1.3a receiver interface with equalizer (HDTV up to 1080p, up to UXGA for PC formats)
Rev. 03-16 April 2010
More results


Podobny opis - TDA19997HL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STDVE003A STMICROELECTRONICS-STDVE003A_08 Datasheet
702Kb / 41P
   Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
STDVE103A STMICROELECTRONICS-STDVE103A Datasheet
685Kb / 43P
   Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
logo
Texas Instruments
TMDS461 TI1-TMDS461 Datasheet
3Mb / 43P
[Old version datasheet]   1080p ??Deep Color 4-to-1 HDMI/DVI Switch with Adaptive Equalization
logo
STMicroelectronics
STDVE001A STMICROELECTRONICS-STDVE001A Datasheet
789Kb / 49P
   Adaptive single 3.4 Gbps TMDS/HDMI signal equalizer
logo
Analog Devices
AD8191 AD-AD8191 Datasheet
975Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197B AD-AD8197B Datasheet
804Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191A AD-AD8191A_15 Datasheet
837Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191AASTZ-RL AD-AD8191AASTZ-RL Datasheet
837Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197 AD-AD8197_15 Datasheet
842Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197 AD-AD8197 Datasheet
700Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
PrA
More results




O NXP Semiconductors


NXP Semiconductors to publicznie notowana międzynarodowa firma, która projektuje, rozwija i produkuje szeroką gamę półprzewodników i zintegrowanych obwodów dla różnych aplikacji, w tym rynków motoryzacyjnych, przemysłowych, komunikacyjnych i konsumenckich.

Firma została założona w 2006 roku i ma siedzibę w Eindhoven w Holandii.

NXP oferuje szerokie portfolio produktów, w tym między innymi mikrokontrolery, mikroprocesory, bezpieczne układy uwierzytelniające, systemy zarządzania energią, RF i komponenty mikrofalowe oraz rozwiązania czujników.

Produkty firmy są zaprojektowane tak, aby były energooszczędne, bezpieczne i niezawodne, i są wykorzystywane w różnych aplikacjach, w tym w systemach motoryzacyjnych, automatyzacji i kontroli przemysłowej, inteligentnych domach i budynkach oraz podłączonych urządzeniach.

NXP jest poświęcony innowacjom i zadowoleniu klientów i jest zaangażowany w zapewnianie swoim klientom najlepszych rozwiązań półprzewodników w celu zaspokojenia ich potrzeb.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com