Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

100002241 Arkusz danych (PDF) - Turck, Inc.

100002241 Datasheet PDF - Turck, Inc.
Numer części 100002241
Pobierz  100002241 Pobierz

Rozmiar pliku   110.16 Kbytes
Page   5 Pages
Producent  TURCK [Turck, Inc.]
Strona internetowa  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Szczegółowy opis Pressure TransmitterWith Current Output (2-Wire)

100002241 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
100002241 Datasheet PDF - Turck, Inc.

Numer części 100002241
Pobierz  100002241 Click to download

Rozmiar pliku   110.16 Kbytes
Page   5 Pages
Producent  TURCK [Turck, Inc.]
Strona internetowa  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Szczegółowy opis Pressure TransmitterWith Current Output (2-Wire)

100002241 Arkusz danych (HTML) - Turck, Inc.

100002241 Datasheet HTML 1Page - Turck, Inc. 100002241 Datasheet HTML 2Page - Turck, Inc. 100002241 Datasheet HTML 3Page - Turck, Inc. 100002241 Datasheet HTML 4Page - Turck, Inc. 100002241 Datasheet HTML 5Page - Turck, Inc.

100002241 Szczegóły Produktu

Features
■Fully welded metal measuring cell
■Pressure range 0…5000 psi rel.
■10…30 VDC
■Analog output 4…20 mA
■Process connection 1/4"-18 NPT male
thread
■Plug-in device, M12 × 1
■ATEX, IECEx
■Category II 1/2 GD, Ex zone 0

Functional principle
The pressure sensors in the PT…‐2000
product series operate with a fully welded
metal measuring cell in various pressure
ranges of up to -1…1000 bar in 2-, 3- or even
4-wire technology. Depending on the sensor
variant, the processed signal is available
as an analog output signal (4…20 mA, 0…
10 V, 0…5 V, 1…6 V, ratiometric) or as a
digital IO-Link process parameter. The IO-Link
sensor variants also have two independently
configurable switching outputs.
In addition to the standard variants, there are
special sensors for uses such as ATEX areas
or for oxygen applications.
A wide range of process connections and
electrical connections offer a high degree of
flexibility in a wide range of applications.




Podobny numer części - 100002241

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Turck, Inc.
100002240 TURCK-100002240 Datasheet
110Kb / 5P
   Pressure Transmitter – With Current Output (2-Wire)
11/08/2023
100002242 TURCK-100002242 Datasheet
110Kb / 5P
   Pressure Transmitter – With Current Output (2-Wire)
11/08/2023
100002244 TURCK-100002244 Datasheet
110Kb / 5P
   Pressure Transmitter – With Current Output (2-Wire)
11/08/2023
100002245 TURCK-100002245 Datasheet
110Kb / 5P
   Pressure Transmitter – With Current Output (2-Wire)
11/08/2023
100002246 TURCK-100002246 Datasheet
110Kb / 5P
   Pressure Transmitter – With Current Output (2-Wire)
11/08/2023
More results


Podobny opis - 100002241

ProducentNumer częściArkusz danychSzczegółowy opis
logo
WOLFSPEED, INC.
AMS4711 WOLFSPEED-AMS4711 Datasheet
539Kb / 8P
   Miniaturized pressure transmitter with 0 .. 5 V output
March 2015 Rev. 4.0
AMS3011 WOLFSPEED-AMS3011 Datasheet
511Kb / 8P
   Miniaturized pressure transmitter with 0 .. 5 V output
April 2016 Rev. 1.0
AMS4712 WOLFSPEED-AMS4712 Datasheet
607Kb / 8P
   Miniaturized pressure transmitter with 4 .. 20 mA output
March 2015 Rev. 4.0
AMS4710 WOLFSPEED-AMS4710 Datasheet
610Kb / 8P
   Miniaturized pressure transmitter with analog 0 ... 10 V output
March 2020 Rev. 1.0
logo
Intersil Corporation
AD590 INTERSIL-AD590_02 Datasheet
334Kb / 10P
   2-Wire, Current Output Temperature Transducer
AD590 INTERSIL-AD590 Datasheet
95Kb / 10P
   2-Wire, Current Output Temperature Transducer
August 1997
logo
Renesas Technology Corp
AD590 RENESAS-AD590 Datasheet
631Kb / 10P
   2-Wire, Current Output Temperature Transducer
January 2002
logo
List of Unclassifed Man...
JH240 ETC1-JH240 Datasheet
215Kb / 2P
   2-WIRE RTD TRANSMITTER
logo
Festo Corporation.
571476 FESTO-571476 Datasheet
92Kb / 2P
   Pressure transmitter
571488 FESTO-571488 Datasheet
82Kb / 2P
   Pressure transmitter
8000102 FESTO-8000102 Datasheet
94Kb / 2P
   Pressure transmitter
More results



Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com