Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UPC8179TK-E2-A Arkusz danych (PDF) - NEC

UPC8179TK-E2-A Datasheet PDF - NEC
Numer części UPC8179TK-E2-A
Pobierz  UPC8179TK-E2-A Pobierz

Rozmiar pliku   289.32 Kbytes
Page   27 Pages
Producent  NEC [NEC]
Strona internetowa  http://www.nec.com/
Logo NEC - NEC
Szczegółowy opis SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS

UPC8179TK-E2-A Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
UPC8179TK-E2-A Datasheet PDF - NEC

Numer części UPC8179TK-E2-A
Pobierz  UPC8179TK-E2-A Click to download

Rozmiar pliku   289.32 Kbytes
Page   27 Pages
Producent  NEC [NEC]
Strona internetowa  http://www.nec.com/
Logo NEC - NEC
Szczegółowy opis SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS

UPC8179TK-E2-A Arkusz danych (HTML) - NEC

Back Button UPC8179TK-E2-A Datasheet HTML 1Page - NEC UPC8179TK-E2-A Datasheet HTML 2Page - NEC UPC8179TK-E2-A Datasheet HTML 3Page - NEC UPC8179TK-E2-A Datasheet HTML 4Page - NEC UPC8179TK-E2-A Datasheet HTML 5Page - NEC UPC8179TK-E2-A Datasheet HTML 6Page - NEC UPC8179TK-E2-A Datasheet HTML 7Page - NEC UPC8179TK-E2-A Datasheet HTML 8Page - NEC UPC8179TK-E2-A Datasheet HTML 9Page - NEC UPC8179TK-E2-A Datasheet HTML 10Page - NEC Next Button 

UPC8179TK-E2-A Szczegóły Produktu

DESCRIPTION

The µPC8179TK is a silicon monolithic integrated circuit designed as amplifier for mobile communications. This IC can realize low current consumption with external chip inductor which can not be realized on internal 50 Ω wide band matched IC. µPC8179TK adopts 6-pin lead-less minimold package using same chip as the conventional µPC8179TB in 6-pin super minimold.

TK suffix IC which is smaller package than TB suffix IC contributes to reduce mounting space by 50%. This IC is manufactured using our 30 GHz fmaxUHS0 (Ultra High Speed Process) silicon bipolar process.



FEATURES

•  Low current consumption  : ICC= 4.0 mA TYP. @ VCC= 3.0 V

•  Supply voltage  : VCC= 2.4 to 3.3 V

•  Excellent isolation  : ISL = 43.0 dB TYP. @ f = 1.0 GHz

  ISL = 42.0 dB TYP. @ f = 1.9 GHz

  ISL = 42.0 dB TYP. @ f = 2.4 GHz

•  Power gain  : GP= 13.5 dB TYP. @ f = 1.0 GHz

  GP= 15.5 dB TYP. @ f = 1.9 GHz

  GP= 16.0 dB TYP. @ f = 2.4 GHz

•  Gain 1 dB compression output power  : PO (1 dB)= +2.0 dBm TYP. @ f = 1.0 GHz

  PO (1 dB)= +0.5 dBm TYP. @ f = 1.9 GHz

  PO (1 dB)= +0.5 dBm TYP. @ f = 2.4 GHz

•  Operating frequency  : 0.1 to 2.4 GHz (Output port LC matching)

•  High-density surface mounting  : 6-pin lead-less minimold package (1.5 ×1.3 ×0.55 mm)

•  Light weight  : 3 mg (Standard value)




Podobny numer części - UPC8179TK-E2-A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
California Eastern Labs
UPC8179TK-E2-A CEL-UPC8179TK-E2-A Datasheet
434Kb / 7P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC8179TK-E2-A CEL-UPC8179TK-E2-A Datasheet
1Mb / 25P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPC8179TK-E2-A RENESAS-UPC8179TK-E2-A Datasheet
419Kb / 29P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2005
More results


Podobny opis - UPC8179TK-E2-A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
California Eastern Labs
UPC8178TK CEL-UPC8178TK Datasheet
593Kb / 27P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC8179TK CEL-UPC8179TK Datasheet
434Kb / 7P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
NEC
UPC8179TB NEC-UPC8179TB Datasheet
154Kb / 7P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
August 2000
UPC8179TB NEC-UPC8179TB_1 Datasheet
151Kb / 28P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
August 2000
UPC8178TK NEC-UPC8178TK Datasheet
308Kb / 27P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC8178TB NEC-UPC8178TB Datasheet
165Kb / 28P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
Renesas Technology Corp
PC8179TK RENESAS-PC8179TK_15 Datasheet
420Kb / 29P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
California Eastern Labs
UPC8178TB CEL-UPC8178TB Datasheet
206Kb / 7P
   SILICON RFIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC8179TB CEL-UPC8179TB Datasheet
283Kb / 11P
   SILICON RFIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC2747TB_V1 CEL-UPC2747TB_V1 Datasheet
1Mb / 17P
   3 V, SUPER MINIMOLD SILICON MMIC AMPLIFIER FOR MOBILE COMMUNICATIONS
More results




O NEC


NEC Corporation to japońska międzynarodowa firma informatyczna i elektroniczna. Firma została założona w 1899 roku i ma siedzibę w Tokio w Japonii. NEC zapewnia szeroką gamę produktów i usług, w tym technologię informatyczną, telekomunikację i elektronikę. Jego portfolio obejmuje sprzęt komputerowy, oprogramowanie i usługi, rozwiązania sieciowe, rozwiązania wyświetlane oraz serwery korporacyjne i rozwiązania pamięci masowej.

NEC jest znany ze swojej wiedzy specjalistycznej w dziedzinie technologii informacyjnych i zdolności do dostarczania innowacyjnych i wysokiej jakości produktów i usług. Firma ma działalność i obiekty w różnych krajach na całym świecie i ma silną obecność w regionie Azji i Pacyfiku. NEC ściśle współpracuje z klientami, aby zapewnić niestandardowe rozwiązania, które spełniają ich konkretne wymagania i potrzeby.

Oprócz podstawowej działalności, NEC jest również aktywny w dziedzinie badań i rozwoju i bierze udział w różnych projektach związanych z zaawansowanymi technologiami, takimi jak sztuczna inteligencja, sieci 5G i Internet przedmiotów (IoT). NEC jest zaangażowany w dostarczanie zrównoważonych rozwiązań, które wspierają rozwój społeczeństwa i poprawia jakość życia ludzi na całym świecie.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com