Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG1439BRUZ-REEL7 Arkusz danych (PDF) - Analog Devices

ADG1439BRUZ-REEL7 Datasheet PDF - Analog Devices
Numer części ADG1439BRUZ-REEL7
Pobierz  ADG1439BRUZ-REEL7 Pobierz

Rozmiar pliku   605.53 Kbytes
Page   20 Pages
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices
Szczegółowy opis Serially Controlled, 짹15 V/12 V/짹5 V, 8-Channel/4-Channel, iCMOS Multiplexers/Matrix Switches

ADG1439BRUZ-REEL7 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
ADG1439BRUZ-REEL7 Datasheet PDF - Analog Devices

Numer części ADG1439BRUZ-REEL7
Pobierz  ADG1439BRUZ-REEL7 Click to download

Rozmiar pliku   605.53 Kbytes
Page   20 Pages
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices
Szczegółowy opis Serially Controlled, 짹15 V/12 V/짹5 V, 8-Channel/4-Channel, iCMOS Multiplexers/Matrix Switches

ADG1439BRUZ-REEL7 Arkusz danych (HTML) - Analog Devices

Back Button ADG1439BRUZ-REEL7 Datasheet HTML 1Page - Analog Devices ADG1439BRUZ-REEL7 Datasheet HTML 2Page - Analog Devices ADG1439BRUZ-REEL7 Datasheet HTML 3Page - Analog Devices ADG1439BRUZ-REEL7 Datasheet HTML 4Page - Analog Devices ADG1439BRUZ-REEL7 Datasheet HTML 5Page - Analog Devices ADG1439BRUZ-REEL7 Datasheet HTML 6Page - Analog Devices ADG1439BRUZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG1439BRUZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG1439BRUZ-REEL7 Datasheet HTML 9Page - Analog Devices ADG1439BRUZ-REEL7 Datasheet HTML 10Page - Analog Devices Next Button 

ADG1439BRUZ-REEL7 Szczegóły Produktu

GENERAL DESCRIPTION

The ADG1438 and ADG1439 are CMOS analog matrix switches with a serially controlled 3-wire interface. The ADG1438 is an 8-channel matrix switch, and the ADG1439 is a dual 4-channel matrix switch.

The ADG1438/ADG1439 use a versatile 3-wire serial interface that operates at clock rates of up to 50 MHz and is compatible with standard SPI, QSPI™, MICROWIRE™, and DSP interface standards. The output of the shift register, SDO, enables a number of the ADG1438/ADG1439 parts to be daisy-chained. On power-up, the internal shift register contains all zeros, and all switches are in the off state.



FEATURES

Serial interface up to 50 MHz

SDO daisy-chaining option

9.5 Ω on resistance @ 25°C

1.6 Ω on-resistance flatness

Fully specified at ±15 V/+12 V/±5 V

3 V logic-compatible inputs

Rail-to-rail operation

20-lead TSSOP and 20-lead ,4 mm × 4 mm LFCSP packages



APPLICATIONS

Relay replacement

Audio and video routing

Automatic test equipment

Data acquisition systems

Temperature measurement systems

Avionics

Battery-powered systems

Communication systems

Medical equipment




Podobny numer części - ADG1439BRUZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG1433 AD-ADG1433 Datasheet
434Kb / 20P
   4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
REV. 0
ADG1433YCPZ-REEL AD-ADG1433YCPZ-REEL Datasheet
434Kb / 20P
   4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
REV. 0
ADG1433YCPZ-REEL7 AD-ADG1433YCPZ-REEL7 Datasheet
434Kb / 20P
   4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
REV. 0
ADG1433YRUZ AD-ADG1433YRUZ Datasheet
434Kb / 20P
   4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
REV. 0
ADG1433YRUZ-REEL AD-ADG1433YRUZ-REEL Datasheet
434Kb / 20P
   4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
REV. 0
More results


Podobny opis - ADG1439BRUZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG1414 AD-ADG1414 Datasheet
462Kb / 20P
   9.5 廓 RON 짹15 V/12 V/짹5 V iCMOS Serially-Controlled Octal SPST Switches
REV. 0
ADG1406 AD-ADG1406 Datasheet
571Kb / 20P
   9.5 ohm RON, 16-Channel, Differential 8-Channel, 짹15 V/12 V/짹5 V iCMOS Multiplexers
REV. 0
ADG1209YRZ AD-ADG1209YRZ Datasheet
433Kb / 20P
   Low Capacitance, 4-/8-Channel, 짹15 V/12 V iCMOS Multiplexers
REV. B
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1421 AD-ADG1421 Datasheet
476Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS Dual SPST Switches
REV. 0
ADG1208 AD-ADG1208 Datasheet
445Kb / 20P
   Low Capacitance, 4-/8-Channel -15 V/12 V iCMOS Multiplexers
REV. 0
ADG1209YRZ AD-ADG1209YRZ Datasheet
433Kb / 20P
   Low Capacitance, 4-/8-Channel 15 V/12 V iCMOS Multiplexers
REV. B
ADG1404 AD-ADG1404 Datasheet
252Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V 4:1 iCMOS??Multiplexer
Rev.PrB
ADG1419 AD-ADG1419 Datasheet
512Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPDT Switch
REV. 0
ADG1436-EP AD-ADG1436-EP Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
More results




O Analog Devices


Analog Devices, Inc. (ADI) to spółka giełdowa, która projektuje, rozwija i produkuje obwody zintegrowane o wysokiej wydajności, mieszane i cyfrowe przetwarzanie sygnałów (DSP) (ICS).
Firma została założona w 1965 roku i ma siedzibę w Norwood w stanie Massachusetts.
ADI obsługuje szeroką gamę branż, w tym lotniska i obronę, motoryzację, komunikację, konsumenckie, przemysłowe, medyczne i testowe i pomiarowe.
Portfolio produktów firmy obejmuje między innymi konwertery danych, wzmacniacze i komparatory, ICS zarządzania energią, mikrokontrolery, czujniki i częstotliwość radiową (RF) oraz komponenty mikrofalowe.
ADI jest poświęcone innowacjom i zadowoleniu klientów i jest zaangażowana w dostarczanie swoim klientom wysokiej jakości, niezawodne rozwiązania w celu zaspokojenia ich potrzeb.
Koncentrując się na efektywności energetycznej i zrównoważonym rozwoju, ADI jest liderem w branży analogowej i mieszanej sygnału IC, kierując postępami technologicznymi i zapewniając innowacyjne rozwiązania najtrudniejszych problemów na świecie.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com