Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADAU1781 Arkusz danych (PDF) - Analog Devices

ADAU1781 Datasheet PDF - Analog Devices
Numer części ADAU1781
Pobierz  ADAU1781 Pobierz

Rozmiar pliku   944.68 Kbytes
Page   88 Pages
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices
Szczegółowy opis Low Noise Stereo Codec with SigmaDSP Processing Core

ADAU1781 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
ADAU1781 Datasheet PDF - Analog Devices

Numer części ADAU1781
Pobierz  ADAU1781 Click to download

Rozmiar pliku   944.68 Kbytes
Page   88 Pages
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices
Szczegółowy opis Low Noise Stereo Codec with SigmaDSP Processing Core

ADAU1781 Arkusz danych (HTML) - Analog Devices

Back Button ADAU1781 Datasheet HTML 1Page - Analog Devices ADAU1781 Datasheet HTML 2Page - Analog Devices ADAU1781 Datasheet HTML 3Page - Analog Devices ADAU1781 Datasheet HTML 4Page - Analog Devices ADAU1781 Datasheet HTML 5Page - Analog Devices ADAU1781 Datasheet HTML 6Page - Analog Devices ADAU1781 Datasheet HTML 7Page - Analog Devices ADAU1781 Datasheet HTML 8Page - Analog Devices ADAU1781 Datasheet HTML 9Page - Analog Devices ADAU1781 Datasheet HTML 10Page - Analog Devices Next Button 

ADAU1781 Szczegóły Produktu

GENERAL DESCRIPTION
The ADAU1781 is a low power, 24-bit stereo audio codec. The low noise DAC and ADC support sample rates from 8 kHz to 96 kHz. Low current draw and power saving modes make the ADAU1781 ideal for battery-powered audio applications.

FEATURES
   24-bit stereo audio ADC and DAC
   400 mW speaker amplifier (into 8 Ω load)
   Programmable SigmaDSP audio processing core
      Wind noise detection and filtering
      Enhanced stereo capture (ESC)
      Dynamics processing
      Equalization and filtering
      Volume control and mute
   Sampling rates from 8 kHz to 96 kHz
   Stereo pseudo differential microphone input
   Optional stereo digital microphone input pulse-density
      modulation (PDM)
   Stereo line output
   PLL supporting a range of input clock rates
   Analog and digital I/O 1.8 V to 3.3 V
   Software control via SigmaStudio graphical user interface
   Software-controllable, clickless mute
   Software register and hardware pin standby mode
   32-lead, 5 mm × 5 mm LFCSP

APPLICATIONS
   Digital still cameras
   Digital video cameras




Podobny numer części - ADAU1781

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADAU1781 AD-ADAU1781 Datasheet
963Kb / 93P
   Low Noise Stereo Codec
ADAU1781BCPZ AD-ADAU1781BCPZ Datasheet
963Kb / 93P
   Low Noise Stereo Codec
ADAU1781BCPZ-RL7 AD-ADAU1781BCPZ-RL7 Datasheet
963Kb / 93P
   Low Noise Stereo Codec
ADAU1781 AD-ADAU1781_17 Datasheet
963Kb / 93P
   Low Noise Stereo Codec
More results


Podobny opis - ADAU1781

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADAU1382 AD-ADAU1382 Datasheet
1Mb / 84P
   Low Noise Stereo Codec with Recording and Playback Processing
ADAU1381 AD-ADAU1381 Datasheet
1Mb / 84P
   Low Noise Stereo Codec with Enhanced Recording and Playback Processing
REV. 0
ADAU1781 AD-ADAU1781_17 Datasheet
963Kb / 93P
   Low Noise Stereo Codec
ADAU1461 AD-ADAU1461 Datasheet
1Mb / 88P
   SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
REV. 0
ADAU1761 AD-ADAU1761 Datasheet
1Mb / 92P
   SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
REV. C
ADAV400 AD-ADAV400_15 Datasheet
620Kb / 36P
   Audio Codec with Embedded SigmaDSP Processor
REV. A
ADAV400 AD-ADAV400 Datasheet
696Kb / 36P
   Audio Codec with Embedded SigmaDSP Processor
REV. 0
logo
Texas Instruments
TLV320AIC3110IRHBT TI1-TLV320AIC3110IRHBT Datasheet
1Mb / 127P
[Old version datasheet]   Low-Power Audio Codec With Audio Processing and Stereo Class-D Speaker Amplifier
TLV320AIC3110 TI1-TLV320AIC3110_16 Datasheet
1Mb / 132P
[Old version datasheet]   TLV320AIC3110 Low-Power Audio Codec With Audio Processing and Stereo Class-D Speaker Amplifier
TLV320AIC3107 TI1-TLV320AIC3107 Datasheet
2Mb / 102P
[Old version datasheet]   Low-Power Stereo Codec
More results




O Analog Devices


Analog Devices, Inc. (ADI) to spółka giełdowa, która projektuje, rozwija i produkuje obwody zintegrowane o wysokiej wydajności, mieszane i cyfrowe przetwarzanie sygnałów (DSP) (ICS).
Firma została założona w 1965 roku i ma siedzibę w Norwood w stanie Massachusetts.
ADI obsługuje szeroką gamę branż, w tym lotniska i obronę, motoryzację, komunikację, konsumenckie, przemysłowe, medyczne i testowe i pomiarowe.
Portfolio produktów firmy obejmuje między innymi konwertery danych, wzmacniacze i komparatory, ICS zarządzania energią, mikrokontrolery, czujniki i częstotliwość radiową (RF) oraz komponenty mikrofalowe.
ADI jest poświęcone innowacjom i zadowoleniu klientów i jest zaangażowana w dostarczanie swoim klientom wysokiej jakości, niezawodne rozwiązania w celu zaspokojenia ich potrzeb.
Koncentrując się na efektywności energetycznej i zrównoważonym rozwoju, ADI jest liderem w branży analogowej i mieszanej sygnału IC, kierując postępami technologicznymi i zapewniając innowacyjne rozwiązania najtrudniejszych problemów na świecie.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com