Producent | Numer części | Arkusz danych | Szczegółowy opis |
Molex Electronics Ltd. |
5008100010
|
156Kb / 3P |
Mini-HMC Shielded I/O Plug Shell, 40 Circuits, 8 Rows, Polarizing Key Type B
|
5008090000
|
175Kb / 3P |
Mini-HMC Shielded Panel-Mount I/O Receptacle Shell, 40 Circuits, 8 Rows, Polarizing Key Type A
|
5008090010
|
175Kb / 3P |
Mini-HMC Shielded Panel-Mount I/O Receptacle Shell, 40 Circuits, 8 Rows, Polarizing Key Type B
|
0587820011
|
276Kb / 5P |
HMC??Rectangular Industrial Plug Shell Assembly, Single Module Type, For Small Plug Cover, 12 and 40 Circuits
|
0563773001
|
107Kb / 2P |
CRC??Shielded Rectangular I/O Receptacle Shell, Panel Mount, Signal, 30 Circuits,Rear Mount Type
|
0563775001
|
117Kb / 2P |
CRC??Shielded Rectangular I/O Receptacle Shell, Panel Mount, Signal, 50 Circuits,Rear Mount Type
|
0563772001
|
107Kb / 2P |
CRC??Shielded Rectangular I/O Receptacle Shell, Panel Mount, Signal, 20 Circuits, Rear Mount Type
|
0595875010
|
108Kb / 2P |
CRC??Shielded Rectangular I/O Plug Cover A, For Plug Assembly, Signal, 50 Circuits
|
Tyco Electronics |
2013595
|
73Kb / 1P |
INDUSTRIAL MINI I/O PLUG CONNECTOR KIT D-SHAPE TYPE I
|
Molex Electronics Ltd. |
5008121000
|
99Kb / 3P |
3.00mm (.118") Pitch Mini-HMC Crimp Housing, Male, 2 Rows, 10 Circuits
|