Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL21070CIH333Z-TK Arkusz danych (PDF) - Intersil Corporation

ISL21070CIH333Z-TK Datasheet PDF - Intersil Corporation
Numer części ISL21070CIH333Z-TK
Pobierz  ISL21070CIH333Z-TK Pobierz

Rozmiar pliku   485.23 Kbytes
Page   12 Pages
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Szczegółowy opis 25關A Micropower Voltage References

ISL21070CIH333Z-TK Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
ISL21070CIH333Z-TK Datasheet PDF - Intersil Corporation

Numer części ISL21070CIH333Z-TK
Pobierz  ISL21070CIH333Z-TK Click to download

Rozmiar pliku   485.23 Kbytes
Page   12 Pages
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Szczegółowy opis 25關A Micropower Voltage References

ISL21070CIH333Z-TK Arkusz danych (HTML) - Intersil Corporation

Back Button ISL21070CIH333Z-TK Datasheet HTML 1Page - Intersil Corporation ISL21070CIH333Z-TK Datasheet HTML 2Page - Intersil Corporation ISL21070CIH333Z-TK Datasheet HTML 3Page - Intersil Corporation ISL21070CIH333Z-TK Datasheet HTML 4Page - Intersil Corporation ISL21070CIH333Z-TK Datasheet HTML 5Page - Intersil Corporation ISL21070CIH333Z-TK Datasheet HTML 6Page - Intersil Corporation ISL21070CIH333Z-TK Datasheet HTML 7Page - Intersil Corporation ISL21070CIH333Z-TK Datasheet HTML 8Page - Intersil Corporation ISL21070CIH333Z-TK Datasheet HTML 9Page - Intersil Corporation ISL21070CIH333Z-TK Datasheet HTML 10Page - Intersil Corporation Next Button 

ISL21070CIH333Z-TK Szczegóły Produktu

25µA Micropower Voltage References

The ISL21070 voltage references are analog voltage references featuring low supply voltage operation at ultra-low 25µA max operating current.
Additionally, the ISL21070 family features guaranteed initial accuracy as low as ±0.2% and 30ppm/°C temperature coefficient.

Features
• Reference Output Voltage . . . . . . . 1.024V, 2.048V, 2.500V, 3.300V
• Initial Accuracy: 1.024V . . . . . . . . . . . . . . .±0.5%
• Initial Accuracy: 2.048V . . . . . . . . . . . . . .±0.25%
• initial Accuracy: 2.5V, 3.3V . . . . . . . . . . . . .±0.2%
• Input Voltage Range
    - ISL21070-10 (Coming Soon) . . . . . . 2.7V to 5.5V
    - ISL21070-20 (Coming Soon) . . . . . . 2.7V to 5.5V
    - ISL21070-25. . . . . . . . . . . . . . . . . . 2.7V to 5.5V
    - ISL21070-33 (Coming Soon) . . . . . . 3.5V to 5.5V
• Output Voltage Noise . . . . 30µVP-P (0.1Hz to 10Hz)
• Supply Current. . . . . . . . . . . . . . . . . . 25µA (Max)
• Tempco . . . . . . . . . . . . . . . . . . . . . . . . 30ppm/°C
• Output Current Capability . . . . . . . . . . . . . ±10mA
• Operating Temperature Range . . . . -40°C to +85°C
• Package . . . . . . . . . . . . . . . . . . . . . . 3 Ld SOT-23
• Pb-Free (RoHS compliant)

Applications*(see page 11)
• Battery Management/Monitoring
• Low Power Standby Voltages
• Portable Instrumentation
• Consumer/Medical Electronics
• Wearable Electronics
• Lower Cost Industrial and Instrumentation
• Power Regulation Circuits
• Control Loops and Compensation Networks
• LED/Diode Supply




Podobny numer części - ISL21070CIH333Z-TK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL21070CIH320Z-TK INTERSIL-ISL21070CIH320Z-TK Datasheet
416Kb / 11P
   25關A Micropower Voltage References Low Power Standby Voltages
ISL21070CIH320Z-TK INTERSIL-ISL21070CIH320Z-TK Datasheet
512Kb / 11P
   25µA Micropower Voltage References
September 3, 2015
logo
Renesas Technology Corp
ISL21070CIH320Z-TK RENESAS-ISL21070CIH320Z-TK Datasheet
777Kb / 12P
   25關A Micropower Voltage References
logo
Intersil Corporation
ISL21070CIH325Z-TK INTERSIL-ISL21070CIH325Z-TK Datasheet
416Kb / 11P
   25關A Micropower Voltage References Low Power Standby Voltages
ISL21070CIH325Z-TK INTERSIL-ISL21070CIH325Z-TK Datasheet
512Kb / 11P
   25µA Micropower Voltage References
September 3, 2015
More results


Podobny opis - ISL21070CIH333Z-TK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL21070 RENESAS-ISL21070 Datasheet
777Kb / 12P
   25關A Micropower Voltage References
logo
Intersil Corporation
ISL21070 INTERSIL-ISL21070_11 Datasheet
416Kb / 11P
   25關A Micropower Voltage References Low Power Standby Voltages
logo
Texas Instruments
LM285-2-5 TI-LM285-2-5 Datasheet
669Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI1-LM285-2.5_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM285-1.2 TI1-LM285-1.2_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM385-1.2-MIL TI1-LM385-1.2-MIL Datasheet
402Kb / 16P
[Old version datasheet]   Micropower Voltage References
LM385LPE3-2-5 TI1-LM385LPE3-2-5 Datasheet
651Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285 TI-LM285 Datasheet
307Kb / 15P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385B-2.5 TI-LM385B-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI-LM285-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
More results




O Intersil Corporation


Intersil Corporation była amerykańską firmą półprzewodników, która specjalizowała się w projektowaniu i produkcji wysokowydajnych obwodów zintegrowanych analogowych i mieszanych.
Firma została założona w 1967 r. I była znana ze swojej wiedzy specjalistycznej w zakresie zarządzania energią, konwersją danych i technologii częstotliwości radiowej (RF).
Produkty Intersil były używane w szerokiej gamie zastosowań, takich jak elektronika konsumpcyjna, przemysł, telekomunikacja oraz lotnica i obrona.
W 2016 r. Intersil został przejęty przez Renesas Electronics Corporation, japońską firmę półprzewodników.
Marka i technologia Intersil są nadal opracowywane i sprzedawane w ramach portfela produktów Renesas.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com