Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADSP-BF531SBB400 Arkusz danych (PDF) - Analog Devices

ADSP-BF531SBB400 Datasheet PDF - Analog Devices
Numer części ADSP-BF531SBB400
Pobierz  ADSP-BF531SBB400 Pobierz

Rozmiar pliku   2468.02 Kbytes
Page   64 Pages
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices
Szczegółowy opis Blackfin Embedded Processor

ADSP-BF531SBB400 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
ADSP-BF531SBB400 Datasheet PDF - Analog Devices

Numer części ADSP-BF531SBB400
Pobierz  ADSP-BF531SBB400 Click to download

Rozmiar pliku   2468.02 Kbytes
Page   64 Pages
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices
Szczegółowy opis Blackfin Embedded Processor

ADSP-BF531SBB400 Arkusz danych (HTML) - Analog Devices

Back Button ADSP-BF531SBB400 Datasheet HTML 1Page - Analog Devices ADSP-BF531SBB400 Datasheet HTML 2Page - Analog Devices ADSP-BF531SBB400 Datasheet HTML 3Page - Analog Devices ADSP-BF531SBB400 Datasheet HTML 4Page - Analog Devices ADSP-BF531SBB400 Datasheet HTML 5Page - Analog Devices ADSP-BF531SBB400 Datasheet HTML 6Page - Analog Devices ADSP-BF531SBB400 Datasheet HTML 7Page - Analog Devices ADSP-BF531SBB400 Datasheet HTML 8Page - Analog Devices ADSP-BF531SBB400 Datasheet HTML 9Page - Analog Devices ADSP-BF531SBB400 Datasheet HTML 10Page - Analog Devices Next Button 

ADSP-BF531SBB400 Szczegóły Produktu

GENERAL DESCRIPTION

The ADSP-BF531/ADSP-BF532/ADSP-BF533 processors are members of the Blackfin family of products, incorporating the Analog Devices/Intel Micro Signal Architecture (MSA). Black fin processors combine a dual-MAC state-of-the-art signal processing engine, the advantages of a clean, orthogonal RISC like microprocessor instruction set, and single instruction, multiple data (SIMD) multimedia capabilities into a single instruction set architecture.



FEATURES

Up to 600 MHz high performance Blackfin processor

  Two 16-bit MACs, two 40-bit ALUs, four 8-bit video ALUs, 40-bit shifter

  RISC-like register and instruction model for ease of programming and compiler-friendly support

  Advanced debug, trace, and performance monitoring

0.85 V to 1.30 V core VDD with on-chip voltage regulation

1.8 V, 2.5 V, and 3.3 V compliant I/O

160-ball CSP_BGA, 169-ball PBGA, and 176-lead LQFP packages



MEMORY

Up to 148K bytes of on-chip memory:

   16K bytes of instruction SRAM/Cache

   Up to 64K bytes of instruction SRAM

   Up to32K bytes of data SRAM/Cache

   Up to32K bytes of data SRAM

   4K bytes of scratchpad SRAM

Memory management unit providing memory protection

External memory controller with glueless support for SDRAM, SRAM, flash, and ROM

Flexible memory booting options from SPI® and external memory



PERIPHERALS

Parallel peripheral interface PPI/GPIO, supporting ITU-R 656 video data formats

Two dual-channel, full duplex synchronous serial ports, supporting eight stereo I2S channels

Four memory-to-memory DMAs

Eight peripheral DMAs

SPI-compatible port

Three 32-bit timer/counters with PWM support

Real-time clock and watchdog timer

32-bit core timer

Up to 16 general-purpose I/O pins (GPIO)

UART with support for IrDA®

Event handler

Debug/JTAG interface

On-chip PLL capable of 0.5� to 64� frequency multiplication




Podobny numer części - ADSP-BF531SBB400

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-BF531SBB400 AD-ADSP-BF531SBB400 Datasheet
2Mb / 60P
   Blackfin Embedded Processor
REV. D
ADSP-BF531SBB400 AD-ADSP-BF531SBB400 Datasheet
3Mb / 60P
   Blackfin짰 Embedded Processor
Rev. E
ADSP-BF531SBB400 AD-ADSP-BF531SBB400 Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. I
More results


Podobny opis - ADSP-BF531SBB400

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-BF533SBBC-500 AD-ADSP-BF533SBBC-500 Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. I
ADSP-BF531 AD-ADSP-BF531 Datasheet
671Kb / 56P
   Blackfin Embedded Processor
REV. 0
ADSP-BF538 AD-ADSP-BF538 Datasheet
3Mb / 56P
   Blackfin Embedded Processor
Rev. PrD
ADSP-BF538 AD-ADSP-BF538_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF538F AD-ADSP-BF538F_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF527 AD-ADSP-BF527_15 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-BF544 AD-ADSP-BF544_15 Datasheet
3Mb / 102P
   Blackfin Embedded Processor
Rev. E
ADSP-BF539 AD-ADSP-BF539 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
Rev. PrF
ADSP-BF534 AD-ADSP-BF534_08 Datasheet
1Mb / 68P
   Blackfin Embedded Processor
Rev. E
ADSP-BF516BSWZ-4 AD-ADSP-BF516BSWZ-4 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
REV. B
ADSP-BF522 AD-ADSP-BF522 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
More results




O Analog Devices


Analog Devices, Inc. (ADI) to spółka giełdowa, która projektuje, rozwija i produkuje obwody zintegrowane o wysokiej wydajności, mieszane i cyfrowe przetwarzanie sygnałów (DSP) (ICS).
Firma została założona w 1965 roku i ma siedzibę w Norwood w stanie Massachusetts.
ADI obsługuje szeroką gamę branż, w tym lotniska i obronę, motoryzację, komunikację, konsumenckie, przemysłowe, medyczne i testowe i pomiarowe.
Portfolio produktów firmy obejmuje między innymi konwertery danych, wzmacniacze i komparatory, ICS zarządzania energią, mikrokontrolery, czujniki i częstotliwość radiową (RF) oraz komponenty mikrofalowe.
ADI jest poświęcone innowacjom i zadowoleniu klientów i jest zaangażowana w dostarczanie swoim klientom wysokiej jakości, niezawodne rozwiązania w celu zaspokojenia ich potrzeb.
Koncentrując się na efektywności energetycznej i zrównoważonym rozwoju, ADI jest liderem w branży analogowej i mieszanej sygnału IC, kierując postępami technologicznymi i zapewniając innowacyjne rozwiązania najtrudniejszych problemów na świecie.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com