Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

W83195BR-25 Arkusz danych (PDF) - Winbond

W83195BR-25 Datasheet PDF - Winbond
Numer części W83195BR-25
Pobierz  W83195BR-25 Pobierz

Rozmiar pliku   264.44 Kbytes
Page   18 Pages
Producent  WINBOND [Winbond]
Strona internetowa  http://www.winbond.com
Logo WINBOND - Winbond
Szczegółowy opis 200MHZ 3-DIMM CLOCK FOR SOLANO CHIPSET

W83195BR-25 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
W83195BR-25 Datasheet PDF - Winbond

Numer części W83195BR-25
Pobierz  W83195BR-25 Click to download

Rozmiar pliku   264.44 Kbytes
Page   18 Pages
Producent  WINBOND [Winbond]
Strona internetowa  http://www.winbond.com
Logo WINBOND - Winbond
Szczegółowy opis 200MHZ 3-DIMM CLOCK FOR SOLANO CHIPSET

W83195BR-25 Arkusz danych (HTML) - Winbond

Back Button W83195BR-25 Datasheet HTML 1Page - Winbond W83195BR-25 Datasheet HTML 2Page - Winbond W83195BR-25 Datasheet HTML 3Page - Winbond W83195BR-25 Datasheet HTML 4Page - Winbond W83195BR-25 Datasheet HTML 5Page - Winbond W83195BR-25 Datasheet HTML 6Page - Winbond W83195BR-25 Datasheet HTML 7Page - Winbond W83195BR-25 Datasheet HTML 8Page - Winbond W83195BR-25 Datasheet HTML 9Page - Winbond W83195BR-25 Datasheet HTML 10Page - Winbond Next Button 

W83195BR-25 Szczegóły Produktu

GENERAL DESCRIPTION
The W83195BR-25 is a Clock Synthesizer for Intel 815 Solano chipset. W83195BR-25 provides all clocks required for high-speed RISC or CISC microprocessor and also provides 64 different frequencies of CPU, SDRAM, PCI, 3V66, IOAPIC clocks frequency setting. All clocks are externally selectable with smooth transitions.

PRODUCT FEATURES
• 2 CPU clocks (2.5V)
• 3 3V-66 clocks (3.3V)
• 12 SDRAM clocks for 3 DIMMs(3.3V)
• 8 PCI synchronous clocks.
• Optional single or mixed supply:
   (VDDR = VDDP=VDDS = VDD48 = VDD3 = 3.3V, VDDA=VDDC=2.5V)
• Skew form CPU to PCI clock -1 to 4 ns, center 2.6 ns
• Smooth frequency switch with selections from 66.8 to 200MHz
• I2C 2-Wire serial interface and I2C read back
• 0.25% center and 0.5% center type spread spectrum
• Programmable registers to enable/stop each output and select modes
   (mode as Tri-state or Normal )
• 48 MHz for USB
• 24 MHz for super I/O
• Packaged in 56-pin SSOP




Podobny numer części - W83195BR-25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Winbond
W83195BR-101 WINBOND-W83195BR-101 Datasheet
673Kb / 27P
   Winbond Clock Generator For Intel 915/925 Chipsets
W83195BR-118 WINBOND-W83195BR-118 Datasheet
361Kb / 28P
   Clock Generator
W83195BR-341 WINBOND-W83195BR-341 Datasheet
325Kb / 26P
   WINBOND CLOCK GENERATOR FOR VIA P4/KT SERIES CHIPSET
W83195BR-341 WINBOND-W83195BR-341 Datasheet
691Kb / 26P
   WINBOND CLOCK GENERATOR FOR VIA P4/KT SERIES CHIPSET
W83195BR-341 WINBOND-W83195BR-341_06 Datasheet
691Kb / 26P
   WINBOND CLOCK GENERATOR FOR VIA P4/KT SERIES CHIPSET
More results


Podobny opis - W83195BR-25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Winbond
W83195AR-25 WINBOND-W83195AR-25 Datasheet
245Kb / 16P
   200MHZ 3-DIMM CLOCK FOR SOLANO CHIPSET
W83195BR-S WINBOND-W83195BR-S Datasheet
170Kb / 10P
   STEPLESS 200MHZ 3-DIMM CLOCK FOR SOLANO CHIPSET
W83194BR-S WINBOND-W83194BR-S Datasheet
295Kb / 17P
   200MHZ 2-DIMM CLOCK FOR SOLANO CHIPSET
W83194BR-138 WINBOND-W83194BR-138 Datasheet
233Kb / 14P
   200MHZ CLOCK FOR SOLANO CHIPSET
W83195AR-WE WINBOND-W83195AR-WE Datasheet
178Kb / 10P
   200MHZ 3-DIMM CLOCK FOR WHITNEY CHIPSET
W83194AR-WE WINBOND-W83194AR-WE Datasheet
270Kb / 16P
   200MHZ CLOCK FOR WHITNEY CHIPSET
W83194BR-C WINBOND-W83194BR-C Datasheet
215Kb / 13P
   200MHZ CLOCK FOR CAMINO CHIPSET
W83194AR-96 WINBOND-W83194AR-96 Datasheet
214Kb / 12P
   200MHZ CLOCK FOR WHITNEY CHIPSET
W83194BR-97 WINBOND-W83194BR-97 Datasheet
207Kb / 11P
   200MHZ CLOCK FOR CAMINO CHIPSET
logo
Cypress Semiconductor
C9835 CYPRESS-C9835 Datasheet
343Kb / 18P
   Low-EMI Clock Generator for Intel Mobile 133-MHz/3 SO-DIMM Chipset Systems
More results



Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com