Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ACE1101L Arkusz danych (PDF) - Fairchild Semiconductor

ACE1101L Datasheet PDF - Fairchild Semiconductor
Numer części ACE1101L
Pobierz  ACE1101L Pobierz

Rozmiar pliku   152.48 Kbytes
Page   33 Pages
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Szczegółowy opis Arithmetic Controller Engine (ACEx?? for Low Power Applications

ACE1101L Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
ACE1101L Datasheet PDF - Fairchild Semiconductor

Numer części ACE1101L
Pobierz  ACE1101L Click to download

Rozmiar pliku   152.48 Kbytes
Page   33 Pages
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Szczegółowy opis Arithmetic Controller Engine (ACEx?? for Low Power Applications

ACE1101L Arkusz danych (HTML) - Fairchild Semiconductor

Back Button ACE1101L Datasheet HTML 1Page - Fairchild Semiconductor ACE1101L Datasheet HTML 2Page - Fairchild Semiconductor ACE1101L Datasheet HTML 3Page - Fairchild Semiconductor ACE1101L Datasheet HTML 4Page - Fairchild Semiconductor ACE1101L Datasheet HTML 5Page - Fairchild Semiconductor ACE1101L Datasheet HTML 6Page - Fairchild Semiconductor ACE1101L Datasheet HTML 7Page - Fairchild Semiconductor ACE1101L Datasheet HTML 8Page - Fairchild Semiconductor ACE1101L Datasheet HTML 9Page - Fairchild Semiconductor ACE1101L Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

ACE1101L Szczegóły Produktu

General Description
The ACE1101 (Arithmetic Controller Engine) is a dedicated programmable monolithic integrated circuit for applications requiring high performance, low power, and small size. It is a fully static part fabricated using CMOS technology.
The ACE1101 has an 8-bit microcontroller core, 64 bytes of RAM, 64 bytes of data EEPROM and 1K bytes of code EEPROM. Its on chip peripherals include a multi-function 16-bit timer, watchdog/idle timer, and programmable undervoltage detection circuitry. On-chip clock and reset functions reduce the number of required external components. The ACE1101 is available in an 8-pin TSSOP package.

Features
■ Arithmetic Controller Engine
■ 1K bytes on-board code EEPROM
■ 64 bytes data EEPROM
■ 64 bytes RAM
■ Watchdog
■ Multi-input wake-up all I/O pins
■ 16-bit multifunction timer
■ On-chip oscillator
   — No external components
   — 1µs instruction cycle time
■ Instruction set geared for block encryption
■ On-chip power on reset
■ Programmable read and write disable functions
■ Memory mapped I/O
■ Multilevel Low Voltage Detection
■ Fully static CMOS
   — Low power HALT mode (100nA @3.3V)
   — Power saving IDLE mode
   — Single supply operation (2.0-5.5V, 2.2-5.5V, 2.7-5.5V))
■ Software selectable I/O options
   — Push-pull outputs with tri-state option
   — Weak pull-up or high impedance inputs
■ 40 years data retention
■ 1,000,000 data changes
■ 8-pin TSSOP package
■ In-circuit programming




Podobny numer części - ACE1101L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ACE Technology Co., LTD...
ACE11011B ACE-ACE11011B Datasheet
951Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
VER 1.1
ACE11011BPN-1+H ACE-ACE11011BPN-1+H Datasheet
951Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
VER 1.1
ACE11013A ACE-ACE11013A Datasheet
348Kb / 7P
   P-Channel Enhancement Mode MOSFET
VER 1.1
More results


Podobny opis - ACE1101L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
ACE1001 FAIRCHILD-ACE1001 Datasheet
510Kb / 32P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1202 FAIRCHILD-ACE1202 Datasheet
2Mb / 39P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1501 FAIRCHILD-ACE1501 Datasheet
1Mb / 33P
   ACE1501 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE8000 FAIRCHILD-ACE8000 Datasheet
203Kb / 31P
   ACE8001 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1502 FAIRCHILD-ACE1502 Datasheet
1Mb / 33P
   Arithmetic Controller Engine for Low Power Applications
FAN302UL FAIRCHILD-FAN302UL Datasheet
1Mb / 19P
   PWM Controller for Low Standby Power Battery-Charger Applications
logo
Analog Devices
ADP1043 AD-ADP1043 Datasheet
141Kb / 8P
   Digital Controller for Isolated Power Supply Applications
Rev. PrA
ADP1043A AD-ADP1043A Datasheet
1Mb / 72P
   Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1046A AD-ADP1046A Datasheet
1Mb / 88P
   Digital Controller for Isolated Power Supply Applications
REV. 0
logo
Fairchild Semiconductor
FAN302HLMY FAIRCHILD-FAN302HLMY Datasheet
1Mb / 18P
   PWM Controller for Low Standby Power Battery- Charger Applications ??mWSaver??Technology
More results




O Fairchild Semiconductor


Fairchild Semiconductor był pionierską firmą półprzewodników, która została założona pod koniec lat 50. XX wieku.
Firma była znana z innowacji w opracowywaniu pierwszego tranzystora komercyjnego i jej wkładu w rozwój technologii zintegrowanego obwodu.
Fairchild stał się wiodącym dostawcą półprzewodników energetycznych, analogowych i mieszanych obwodów zintegrowanych oraz innych produktów półprzewodników.
Firma została przejęta przez Semiconductor w 2016 roku, a jej produkty i technologie są nadal opracowywane i sprzedawane pod marką półprzewodnikową.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com