Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADUM5401WCRWZ Arkusz danych (PDF) - Analog Devices

ADUM5401WCRWZ Datasheet PDF - Analog Devices
Numer części ADUM5401WCRWZ
Pobierz  ADUM5401WCRWZ Pobierz

Rozmiar pliku   536.46 Kbytes
Page   24 Pages
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices
Szczegółowy opis Quad-Channel Isolators with Integrated DC-to-DC Converter

ADUM5401WCRWZ Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
ADUM5401WCRWZ Datasheet PDF - Analog Devices

Numer części ADUM5401WCRWZ
Pobierz  ADUM5401WCRWZ Click to download

Rozmiar pliku   536.46 Kbytes
Page   24 Pages
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices
Szczegółowy opis Quad-Channel Isolators with Integrated DC-to-DC Converter

ADUM5401WCRWZ Arkusz danych (HTML) - Analog Devices

Back Button ADUM5401WCRWZ Datasheet HTML 1Page - Analog Devices ADUM5401WCRWZ Datasheet HTML 2Page - Analog Devices ADUM5401WCRWZ Datasheet HTML 3Page - Analog Devices ADUM5401WCRWZ Datasheet HTML 4Page - Analog Devices ADUM5401WCRWZ Datasheet HTML 5Page - Analog Devices ADUM5401WCRWZ Datasheet HTML 6Page - Analog Devices ADUM5401WCRWZ Datasheet HTML 7Page - Analog Devices ADUM5401WCRWZ Datasheet HTML 8Page - Analog Devices ADUM5401WCRWZ Datasheet HTML 9Page - Analog Devices ADUM5401WCRWZ Datasheet HTML 10Page - Analog Devices Next Button 

ADUM5401WCRWZ Szczegóły Produktu

GENERAL DESCRIPTION
The ADuM5401W/ADuM5402W/ADuM5403W1 devices are quad-channel digital isolators with isoPower®, an integrated, isolated dc-to-dc converter. Based on the Analog Devices, Inc., iCoupler® technology, the dc-to-dc converter provides up to 500 mW of regulated, isolated power at 5.0 V (see Table 1). These devices eliminate the need for a separate, isolated dc-todc converter in low power, isolated designs. The iCoupler chip scale transformer technology is used to isolate the logic signals and for the magnetic components of the dc-to-dc converter. The result is a small form factor, total isolation solution.

FEATURES
   isoPower integrated, isolated dc-to-dc converter
   Qualified for automotive applications
   Regulated 5 V or 3.3 V output
   Up to 500 mW output power
   Quad dc-to-25 Mbps (NRZ) signal isolation channels
   16-lead SOIC package with 7.6 mm creepage
   High temperature operation: 105°C
   High common-mode transient immunity: >25 kV/µs
   Safety and regulatory approvals
      UL recognition: 2500 V rms for 1 minute per UL 1577
      CSA Component Acceptance Notice #5A
      VDE certificate of conformity
         DIN EN 69747-5-2 (VDE 0884 Teil 2):2003-1
         VIORM = 565 V peak

APPLICATIONS
   Hybrid electric battery management




Podobny numer części - ADUM5401WCRWZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM5401WCRWZ AD-ADUM5401WCRWZ Datasheet
536Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
ADUM5401WCRWZ-1 AD-ADUM5401WCRWZ-1 Datasheet
539Kb / 24P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
ADUM5401WCRWZ-1 AD-ADUM5401WCRWZ-1 Datasheet
536Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
More results


Podobny opis - ADUM5401WCRWZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM5401W AD-ADUM5401W Datasheet
452Kb / 20P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM6420A AD-ADUM6420A Datasheet
533Kb / 26P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
ADUM5401 AD-ADUM5401 Datasheet
587Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM5401WCRWZ-1 AD-ADUM5401WCRWZ-1 Datasheet
536Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
ADUM6400 AD-ADUM6400 Datasheet
593Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM6420A AD-ADUM6420A_V01 Datasheet
732Kb / 31P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM5404ARWZ-RL AD-ADUM5404ARWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM6400 AD-ADUM6400_V01 Datasheet
470Kb / 28P
   Quad-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM5401_VB AD-ADUM5401_VB Datasheet
481Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
ADUM5401ARWZ-RL AD-ADUM5401ARWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
More results




O Analog Devices


Analog Devices, Inc. (ADI) to spółka giełdowa, która projektuje, rozwija i produkuje obwody zintegrowane o wysokiej wydajności, mieszane i cyfrowe przetwarzanie sygnałów (DSP) (ICS).
Firma została założona w 1965 roku i ma siedzibę w Norwood w stanie Massachusetts.
ADI obsługuje szeroką gamę branż, w tym lotniska i obronę, motoryzację, komunikację, konsumenckie, przemysłowe, medyczne i testowe i pomiarowe.
Portfolio produktów firmy obejmuje między innymi konwertery danych, wzmacniacze i komparatory, ICS zarządzania energią, mikrokontrolery, czujniki i częstotliwość radiową (RF) oraz komponenty mikrofalowe.
ADI jest poświęcone innowacjom i zadowoleniu klientów i jest zaangażowana w dostarczanie swoim klientom wysokiej jakości, niezawodne rozwiązania w celu zaspokojenia ich potrzeb.
Koncentrując się na efektywności energetycznej i zrównoważonym rozwoju, ADI jest liderem w branży analogowej i mieszanej sygnału IC, kierując postępami technologicznymi i zapewniając innowacyjne rozwiązania najtrudniejszych problemów na świecie.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com