Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN4041 Arkusz danych (PDF) - Fairchild Semiconductor

FAN4041 Datasheet PDF - Fairchild Semiconductor
Numer części FAN4041
Pobierz  FAN4041 Pobierz

Rozmiar pliku   31.05 Kbytes
Page   6 Pages
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Szczegółowy opis Precision Micropower Shunt Voltage Reference

FAN4041 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
FAN4041 Datasheet PDF - Fairchild Semiconductor

Numer części FAN4041
Pobierz  FAN4041 Click to download

Rozmiar pliku   31.05 Kbytes
Page   6 Pages
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Szczegółowy opis Precision Micropower Shunt Voltage Reference

FAN4041 Arkusz danych (HTML) - Fairchild Semiconductor

FAN4041 Datasheet HTML 1Page - Fairchild Semiconductor FAN4041 Datasheet HTML 2Page - Fairchild Semiconductor FAN4041 Datasheet HTML 3Page - Fairchild Semiconductor FAN4041 Datasheet HTML 4Page - Fairchild Semiconductor FAN4041 Datasheet HTML 5Page - Fairchild Semiconductor FAN4041 Datasheet HTML 6Page - Fairchild Semiconductor

FAN4041 Szczegóły Produktu

Description

The FAN4041 adjustable precision shunt references are ideal for space- and cost-sensitive applications. They are available with output voltage tolerances of 0.5% and 1%. They also have excellent temperature coefficients, to 100ppm/°C for the tighter tolerance grades. The FAN4041 series has an extended operating current range, sinking as much as 25mA.



Features

• Adjustable shunt reference

• Tolerances to +0.5% (25°C)

• Low output noise

• Low temperature coefficient to 100 ppm/°C max

• Small packages

• Extended operating current range



Applications

• Portable equipment

• Disk drives

• Instrumentation

• Audio equipment

• Data acquisition systems



 




Podobny numer części - FAN4041

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN4040 FAIRCHILD-FAN4040 Datasheet
326Kb / 7P
   Precision Micropower Shunt Voltage Reference
FAN4040-2.5 FAIRCHILD-FAN4040-2.5 Datasheet
326Kb / 7P
   Precision Micropower Shunt Voltage Reference
FAN4040-3.3 FAIRCHILD-FAN4040-3.3 Datasheet
326Kb / 7P
   Precision Micropower Shunt Voltage Reference
FAN4040-5.0 FAIRCHILD-FAN4040-5.0 Datasheet
326Kb / 7P
   Precision Micropower Shunt Voltage Reference
FAN4040A-ES325 FAIRCHILD-FAN4040A-ES325 Datasheet
326Kb / 7P
   Precision Micropower Shunt Voltage Reference
More results


Podobny opis - FAN4041

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results




O Fairchild Semiconductor


Fairchild Semiconductor był pionierską firmą półprzewodników, która została założona pod koniec lat 50. XX wieku.
Firma była znana z innowacji w opracowywaniu pierwszego tranzystora komercyjnego i jej wkładu w rozwój technologii zintegrowanego obwodu.
Fairchild stał się wiodącym dostawcą półprzewodników energetycznych, analogowych i mieszanych obwodów zintegrowanych oraz innych produktów półprzewodników.
Firma została przejęta przez Semiconductor w 2016 roku, a jej produkty i technologie są nadal opracowywane i sprzedawane pod marką półprzewodnikową.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com