Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADV7179KCPZ-REEL2 Arkusz danych (PDF) - Analog Devices

ADV7179KCPZ-REEL2 Datasheet PDF - Analog Devices
Numer części ADV7179KCPZ-REEL2
Pobierz  ADV7179KCPZ-REEL2 Pobierz

Rozmiar pliku   550.0 Kbytes
Page   52 Pages
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices
Szczegółowy opis Chip Scale PAL/NTSC Video Encoder with Advanced Power Management

ADV7179KCPZ-REEL2 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
ADV7179KCPZ-REEL2 Datasheet PDF - Analog Devices

Numer części ADV7179KCPZ-REEL2
Pobierz  ADV7179KCPZ-REEL2 Click to download

Rozmiar pliku   550.0 Kbytes
Page   52 Pages
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices
Szczegółowy opis Chip Scale PAL/NTSC Video Encoder with Advanced Power Management

ADV7179KCPZ-REEL2 Arkusz danych (HTML) - Analog Devices

Back Button ADV7179KCPZ-REEL2 Datasheet HTML 1Page - Analog Devices ADV7179KCPZ-REEL2 Datasheet HTML 2Page - Analog Devices ADV7179KCPZ-REEL2 Datasheet HTML 3Page - Analog Devices ADV7179KCPZ-REEL2 Datasheet HTML 4Page - Analog Devices ADV7179KCPZ-REEL2 Datasheet HTML 5Page - Analog Devices ADV7179KCPZ-REEL2 Datasheet HTML 6Page - Analog Devices ADV7179KCPZ-REEL2 Datasheet HTML 7Page - Analog Devices ADV7179KCPZ-REEL2 Datasheet HTML 8Page - Analog Devices ADV7179KCPZ-REEL2 Datasheet HTML 9Page - Analog Devices ADV7179KCPZ-REEL2 Datasheet HTML 10Page - Analog Devices Next Button 

ADV7179KCPZ-REEL2 Szczegóły Produktu

GENERAL DESCRIPTION

The ADV7174/ADV7179 is an integrated digital video encoder that converts digital CCIR-601 4:2:2 8-bit component video data into a standard analog baseband television signal compatible with worldwide standards.



FEATURES

ITU-R1 BT601/BT656 YCrCb to PAL/NTSC video encoder

High quality 10-bit video DACs

SSAF™ (super sub-alias filter)

Advanced power management features

CGMS (copy generation management system)

WSS (wide screen signaling)

NTSC M, PAL N2, PAL B/D/G/H/I, PAL-M3, PAL 60

Single 27 MHz clock required (×2 oversampling)

Macrovision 7.1 (ADV7174 only)

80 dB video SNR

32-bit direct digital synthesizer for color subcarrier

Multistandard video output support:

  Composite (CVBS)

  Component S-video (Y/C)

Video input data port supports:

  CCIR-656 4:2:2 8-bit parallel input format

Programmable simultaneous composite and S-video or RGB

  (SCART)/YPbPr video outputs

Programmable luma filters low-pass [PAL/NTSC] notch,

  extended SSAF, CIF, and QCIF

Programmable chroma filters (low-pass [0.65 MHz, 1.0 MHz,

  1.2 MHz, and 2.0 MHz], CIF, and QCIF)

Programmable VBI (vertical blanking interval)

Programmable subcarrier frequency and phase

Programmable LUMA delay

Individual on/off control of each DAC

CCIR and square pixel operation

Integrated subcarrier locking to external video source

Color signal control/burst signal control

Interlaced/noninterlaced operation

Complete on-chip video timing generator

Programmable multimode master/slave operation

Closed captioning support

Teletext insertion port (PAL-WST)

On-board color bar generation

On-board voltage reference

2-wire serial MPU interface (I2C® compatible and fast I2C)

Single-supply 2.8 V and 3.3 V operation

Small 40-lead 6 mm × 6 mm LFCSP package

−40°C to +85°C at 3.3 V

−20°C to +85°C at 2.8 V



APPLICATIONS

Portable video applications

Mobile phones

Digital still cameras




Podobny numer części - ADV7179KCPZ-REEL2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADV7179KCP AD-ADV7179KCP Datasheet
488Kb / 52P
   Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
REV. A
ADV7179KCP-REEL AD-ADV7179KCP-REEL Datasheet
488Kb / 52P
   Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
REV. A
More results


Podobny opis - ADV7179KCPZ-REEL2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADV7174 AD-ADV7174_15 Datasheet
550Kb / 52P
   Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
REV. B
ADV7179 AD-ADV7179_15 Datasheet
550Kb / 52P
   Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
Rev. B
ADV7174 AD-ADV7174 Datasheet
488Kb / 52P
   Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
REV. A
ADV7170 AD-ADV7170 Datasheet
754Kb / 55P
   Digital PAL/NTSC Video Encoder with 10-Bit SSAF??and Advanced Power Management
REV. 0
logo
Intersil Corporation
HMP8190 INTERSIL-HMP8190 Datasheet
227Kb / 32P
   NTSC/PAL Video Encoder
HMP8170 INTERSIL-HMP8170_03 Datasheet
632Kb / 33P
   NTSC/PAL Video Encoder
HMP8170 INTERSIL-HMP8170 Datasheet
232Kb / 33P
   NTSC/PAL Video Encoder
logo
Motorola, Inc
MC13077 MOTOROLA-MC13077 Datasheet
159Kb / 14P
   ADVANCED PAL/NTSC ENCODER
logo
Zoran Corporation
CVE2 ZORAN-CVE2 Datasheet
228Kb / 2P
   NTSC/PAL Video Encoder
logo
Renesas Technology Corp
HMP8170 RENESAS-HMP8170 Datasheet
1Mb / 33P
   NTSC/PAL Video Encoder
Sep 2003
More results




O Analog Devices


Analog Devices, Inc. (ADI) to spółka giełdowa, która projektuje, rozwija i produkuje obwody zintegrowane o wysokiej wydajności, mieszane i cyfrowe przetwarzanie sygnałów (DSP) (ICS).
Firma została założona w 1965 roku i ma siedzibę w Norwood w stanie Massachusetts.
ADI obsługuje szeroką gamę branż, w tym lotniska i obronę, motoryzację, komunikację, konsumenckie, przemysłowe, medyczne i testowe i pomiarowe.
Portfolio produktów firmy obejmuje między innymi konwertery danych, wzmacniacze i komparatory, ICS zarządzania energią, mikrokontrolery, czujniki i częstotliwość radiową (RF) oraz komponenty mikrofalowe.
ADI jest poświęcone innowacjom i zadowoleniu klientów i jest zaangażowana w dostarczanie swoim klientom wysokiej jakości, niezawodne rozwiązania w celu zaspokojenia ich potrzeb.
Koncentrując się na efektywności energetycznej i zrównoważonym rozwoju, ADI jest liderem w branży analogowej i mieszanej sygnału IC, kierując postępami technologicznymi i zapewniając innowacyjne rozwiązania najtrudniejszych problemów na świecie.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com