Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG506AKN Arkusz danych (PDF) - Analog Devices

ADG506AKN Datasheet PDF - Analog Devices
Numer części ADG506AKN
Pobierz  ADG506AKN Pobierz

Rozmiar pliku   143.01 Kbytes
Page   8 Pages
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices
Szczegółowy opis CMOS 8-/16-Channel Analog Multiplexers

ADG506AKN Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
ADG506AKN Datasheet PDF - Analog Devices

Numer części ADG506AKN
Pobierz  ADG506AKN Click to download

Rozmiar pliku   143.01 Kbytes
Page   8 Pages
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices
Szczegółowy opis CMOS 8-/16-Channel Analog Multiplexers

ADG506AKN Arkusz danych (HTML) - Analog Devices

ADG506AKN Datasheet HTML 1Page - Analog Devices ADG506AKN Datasheet HTML 2Page - Analog Devices ADG506AKN Datasheet HTML 3Page - Analog Devices ADG506AKN Datasheet HTML 4Page - Analog Devices ADG506AKN Datasheet HTML 5Page - Analog Devices ADG506AKN Datasheet HTML 6Page - Analog Devices ADG506AKN Datasheet HTML 7Page - Analog Devices ADG506AKN Datasheet HTML 8Page - Analog Devices

ADG506AKN Szczegóły Produktu

GENERAL DESCRIPTION

The ADG506A and ADG507A are CMOS monolithic analog multiplexers with 16 channels and dual 8 channels, respectively. The ADG506A switches one of 16 inputs to a common output, depending on the state of four binary addresses and an enable input. The ADG507A switches one of eight differential inputs to a common differential output, depending on the state of three binary addresses and an enable input. Both devices have TTL and 5 V CMOS logic compatible digital inputs.



PRODUCT HIGHLIGHTS

1. Single/Dual Supply Specifications with a Wide Tolerance

   The devices are specified in the 10.8 V to 16.5 V range for both single and dual supplies.

2. Extended Signal Range

   The enhanced LC2MOS processing results in a high break down and an increased analog signal range of VSS to VDD.

3. Break-Before-Make Switching

   Switches are guaranteed break-before-make so input signals are protected against momentary shorting.

4. Low Leakage

   Leakage currents in the range of 20 pA make these multiplexers suitable for high precision circuits.

  

FEATURES

  44 V Supply Maximum Rating

  VSS to VDD Analog Signal Range

  Single/Dual Supply Specifications

  Wide Supply Ranges (10.8 V to 16.5 V)

  Extended Plastic Temperature Range (–408C to +858C)

  Low Power Dissipation (28 mW max)

  Low Leakage (20 pA typ)

  Available in 28-Lead DIP, SOIC, PLCC, TSSOP and LCCC Packages

  Superior Alternative to:

     DG506A, Hl-506

     DG507A, Hl-507



 




Podobny numer części - ADG506AKN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG506AKN AD-ADG506AKN Datasheet
134Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506AKN AD-ADG506AKN Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506AKN AD-ADG506AKN Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506AKN AD-ADG506AKN Datasheet
133Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506AKN AD-ADG506AKN Datasheet
133Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
More results


Podobny opis - ADG506AKN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG507AKRUZ AD-ADG507AKRUZ Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG507AKRZ AD-ADG507AKRZ Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506A AD-ADG506A Datasheet
134Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506AKNZ AD-ADG506AKNZ Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506ATQ AD-ADG506ATQ Datasheet
133Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506ATQ AD-ADG506ATQ Datasheet
154Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506ATE AD-ADG506ATE Datasheet
133Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG507AKPZ AD-ADG507AKPZ Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506AKPZ AD-ADG506AKPZ Datasheet
133Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
5962-89710013A AD-5962-89710013A Datasheet
415Kb / 20P
   CMOS Latched 8-/16-Channel Analog Multiplexers
REV. C
More results




O Analog Devices


Analog Devices, Inc. (ADI) to spółka giełdowa, która projektuje, rozwija i produkuje obwody zintegrowane o wysokiej wydajności, mieszane i cyfrowe przetwarzanie sygnałów (DSP) (ICS).
Firma została założona w 1965 roku i ma siedzibę w Norwood w stanie Massachusetts.
ADI obsługuje szeroką gamę branż, w tym lotniska i obronę, motoryzację, komunikację, konsumenckie, przemysłowe, medyczne i testowe i pomiarowe.
Portfolio produktów firmy obejmuje między innymi konwertery danych, wzmacniacze i komparatory, ICS zarządzania energią, mikrokontrolery, czujniki i częstotliwość radiową (RF) oraz komponenty mikrofalowe.
ADI jest poświęcone innowacjom i zadowoleniu klientów i jest zaangażowana w dostarczanie swoim klientom wysokiej jakości, niezawodne rozwiązania w celu zaspokojenia ich potrzeb.
Koncentrując się na efektywności energetycznej i zrównoważonym rozwoju, ADI jest liderem w branży analogowej i mieszanej sygnału IC, kierując postępami technologicznymi i zapewniając innowacyjne rozwiązania najtrudniejszych problemów na świecie.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com