Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC653EGVUA Arkusz danych (PDF) - Microchip Technology

TC653EGVUA Datasheet PDF - Microchip Technology
Numer części TC653EGVUA
Pobierz  TC653EGVUA Pobierz

Rozmiar pliku   450.99 Kbytes
Page   14 Pages
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Szczegółowy opis Integrated Temperature Sensor & Brushless DC Fan Controller

TC653EGVUA Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
TC653EGVUA Datasheet PDF - Microchip Technology

Numer części TC653EGVUA
Pobierz  TC653EGVUA Click to download

Rozmiar pliku   450.99 Kbytes
Page   14 Pages
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Szczegółowy opis Integrated Temperature Sensor & Brushless DC Fan Controller

TC653EGVUA Arkusz danych (HTML) - Microchip Technology

Back Button TC653EGVUA Datasheet HTML 1Page - Microchip Technology TC653EGVUA Datasheet HTML 2Page - Microchip Technology TC653EGVUA Datasheet HTML 3Page - Microchip Technology TC653EGVUA Datasheet HTML 4Page - Microchip Technology TC653EGVUA Datasheet HTML 5Page - Microchip Technology TC653EGVUA Datasheet HTML 6Page - Microchip Technology TC653EGVUA Datasheet HTML 7Page - Microchip Technology TC653EGVUA Datasheet HTML 8Page - Microchip Technology TC653EGVUA Datasheet HTML 9Page - Microchip Technology TC653EGVUA Datasheet HTML 10Page - Microchip Technology Next Button 

TC653EGVUA Szczegóły Produktu

General Description
The TC652/TC653 are integrated temperature sensors and brushless DC fan speed controllers with FanSense™ technology. The TC652/TC653 measure their junction temperature and control the speed of the fan based on that temperature, making them especially suited for applications in modern electronic equipment. The FanSense™ Fan Fault detect circuitry eliminates the need for a more expensive 3-wire fan.
Temperature data is converted from the on-chip thermal sensing element and translated into a fractional fan speed from 40% to 100%. A temperature selection guide in the data sheet is used to choose the low and high temperature limits to control the fan. The TC652/TC653 also include a single trip point over temperature alert (TOVER) that eliminates the need for additional temperature sensors. In addition, the TC653 includes an auto fan shutdown function for additional power savings.
The TC652/TC653 are easy to use, require no software overhead and are therefore the ideal choice for implementing thermal management in a variety of systems.

Features
• Integrated Temperature Sensing and Multi-speed Fan Control
• FanSense™ Fan Fault Detect Circuitry
• Built-in Over-Temperature Alert (TOVER)
• Temperature Proportional Fan Speed Control for
   Acoustic Noise Reduction and Longer Fan Life
• Pulse Width Modulation Output Drive for Cost
   and Power Savings
• Solid-State Temperature Sensing
• ±1°C (Typical) Accuracy from 25°C to +70°C
• 2.8V – 5.5V Operating Range
• TC653 includes Auto Fan Shutdown
• Low Operating Current: 50µA (Typical)

Applications
• Thermal Protection For Personal Computers
• Digital Set-Top Boxes
• Notebook Computers
• Data Communications
• Power Supplies
• Projectors




Podobny numer części - TC653EGVUA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
TC653 MICROCHIP-TC653 Datasheet
443Kb / 14P
   Integrated Temperature Sensor & Brushless DC Fan Controller with FanSense?줔etect & Over-Temperature
2002
TC653 MICROCHIP-TC653 Datasheet
215Kb / 16P
   Integrated Temperature Sensor & Brushless DC Fan Controller with FanSense??Detect & Over-Temperature
11/29/12
TC653 MICROCHIP-TC653 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
TC653 MICROCHIP-TC653 Datasheet
2Mb / 44P
   Analog and Interface Product Selector Guide
11/29/11
TC653 MICROCHIP-TC653 Datasheet
431Kb / 14P
   Integrated Temperature Sensor & Brushless DC Fan
04/20/02
More results


Podobny opis - TC653EGVUA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
TC652AEVUATR MICROCHIP-TC652AEVUATR Datasheet
431Kb / 14P
   Integrated Temperature Sensor & Brushless DC Fan
04/20/02
TC652 MICROCHIP-TC652 Datasheet
443Kb / 14P
   Integrated Temperature Sensor & Brushless DC Fan Controller with FanSense?줔etect & Over-Temperature
2002
TC652 MICROCHIP-TC652_13 Datasheet
215Kb / 16P
   Integrated Temperature Sensor & Brushless DC Fan Controller with FanSense??Detect & Over-Temperature
11/29/12
TC651 MICROCHIP-TC651 Datasheet
440Kb / 14P
   Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Over-Temperature Alert
2002
TC650 MICROCHIP-TC650_13 Datasheet
262Kb / 18P
   Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Overtemperature Alert
11/29/12
logo
STMicroelectronics
TC650 STMICROELECTRONICS-TC650_04 Datasheet
210Kb / 16P
   Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Overtemperature Alert
logo
Copal Electronics
F17FA COPAL-F17FA Datasheet
68Kb / 2P
   BRUSHLESS DC FAN
logo
List of Unclassifed Man...
KD1206PTS1 ETC1-KD1206PTS1 Datasheet
935Kb / 6P
   DC BRUSHLESS FAN
PMD1212PTB1-A ETC-PMD1212PTB1-A Datasheet
552Kb / 9P
   DC BRUSHLESS FAN
logo
Analog Devices
ADT7470 AD-ADT7470 Datasheet
522Kb / 40P
   Temperature Sensor Hub and Fan Controller
Rev. PrA
More results




O Microchip Technology


Microchip Technology to amerykańska firma półprzewodników, która została założona w 1989 roku.
Firma zapewnia szeroką gamę produktów mikrokontrolerów, analogowych, pamięci i bezpieczeństwa dla różnych aplikacji na rynkach motoryzacyjnych, przemysłowych i konsumenckich.
Microchip jest jednym z największych dostawców mikrokontrolerów na świecie i jest znany ze swojej wiedzy w zakresie projektowania o niskiej mocy i skupienia się na technologiach oszczędzania energii.
Firma zapewnia również narzędzia programistyczne i oprogramowanie, które pomagają klientom projektować i prototypować ich produkty.
Microchip ma działalność w ponad 70 krajach, a jego produkty są wykorzystywane w szerokiej gamie zastosowań.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com