Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7745ARUZ-REEL Arkusz danych (PDF) - Analog Devices

AD7745ARUZ-REEL Datasheet PDF - Analog Devices
Numer części AD7745ARUZ-REEL
Pobierz  AD7745ARUZ-REEL Pobierz

Rozmiar pliku   780.16 Kbytes
Page   28 Pages
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices
Szczegółowy opis 24-Bit Capacitance-to-Digital Converter with Temperature Sensor

AD7745ARUZ-REEL Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
AD7745ARUZ-REEL Datasheet PDF - Analog Devices

Numer części AD7745ARUZ-REEL
Pobierz  AD7745ARUZ-REEL Click to download

Rozmiar pliku   780.16 Kbytes
Page   28 Pages
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices
Szczegółowy opis 24-Bit Capacitance-to-Digital Converter with Temperature Sensor

AD7745ARUZ-REEL Arkusz danych (HTML) - Analog Devices

Back Button AD7745ARUZ-REEL Datasheet HTML 1Page - Analog Devices AD7745ARUZ-REEL Datasheet HTML 2Page - Analog Devices AD7745ARUZ-REEL Datasheet HTML 3Page - Analog Devices AD7745ARUZ-REEL Datasheet HTML 4Page - Analog Devices AD7745ARUZ-REEL Datasheet HTML 5Page - Analog Devices AD7745ARUZ-REEL Datasheet HTML 6Page - Analog Devices AD7745ARUZ-REEL Datasheet HTML 7Page - Analog Devices AD7745ARUZ-REEL Datasheet HTML 8Page - Analog Devices AD7745ARUZ-REEL Datasheet HTML 9Page - Analog Devices AD7745ARUZ-REEL Datasheet HTML 10Page - Analog Devices Next Button 

AD7745ARUZ-REEL Szczegóły Produktu

GENERAL DESCRIPTION
The AD7745/AD7746 are a high resolution, Σ-Δ capacitance-to-digital converter (CDC). The capacitance to be measured is connected directly to the device inputs. The architecture features inherent high resolution (24-bit no missing codes, up to 21-bit effective resolution), high linearity (±0.01%), and high accuracy (±4 fF factory calibrated). The AD7745/AD7746 capacitance input range is ±4 pF (changing), while it can accept up to 17 pF common-mode capacitance (not changing), which can be balanced by a programmable on-chip, digital-tocapacitance converter (CAPDAC).

FEATURES
   Capacitance-to-digital converter
      New standard in single chip solutions
      Interfaces to single or differential floating sensors
      Resolution down to 4 aF (that is, up to 21 ENOB)
      Accuracy: 4 fF
      Linearity: 0.01%
      Common-mode (not changing) capacitance up to 17 pF
      Full-scale (changing) capacitance range: ±4 pF
      Tolerant of parasitic capacitance to ground up to 60 pF
      Update rate: 10 Hz to 90 Hz
      Simultaneous 50 Hz and 60 Hz rejection at 16 Hz
   Temperature sensor on-chip
      Resolution: 0.1°C, accuracy: ±2°C
   Voltage input channel
   Internal clock oscillator
   2-wire serial interface (I2C®-compatible)
   Power
      2.7 V to 5.25 V single-supply operation
      0.7 mA current consumption
   Operating temperature: –40°C to +125°C
   16-lead TSSOP package

APPLICATIONS
   Automotive, industrial, and medical systems for
      Pressure measurement
      Position sensing
      Level sensing
      Flowmeters
      Humidity sensing
      Impurity detection




Podobny numer części - AD7745ARUZ-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7745ARUZ-REEL AD-AD7745ARUZ-REEL Datasheet
779Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7745ARUZ-REEL7 AD-AD7745ARUZ-REEL7 Datasheet
779Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
More results


Podobny opis - AD7745ARUZ-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7745 AD-AD7745_15 Datasheet
780Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7746 AD-AD7746_15 Datasheet
780Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7747 AD-AD7747 Datasheet
205Kb / 20P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
Rev. PrC, 28. July 2006
AD7745 AD-AD7745 Datasheet
779Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7747ARUZ AD-AD7747ARUZ Datasheet
428Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7747 AD-AD7747_17 Datasheet
455Kb / 29P
   24-Bit Capacitance-to-Digital Converter
logo
Avia Semiconductor Co.,...
HX710 AVIA-HX710 Datasheet
53Kb / 1P
   24-Bit Analog-to-Digital Converter (ADC) with Built-in Temperature Sensor
logo
Analog Devices
AD7152 AD-AD7152 Datasheet
481Kb / 24P
   12-Bit Capacitance-to-Digital Converter
REV. 0
AD7152 AD-AD7152_17 Datasheet
459Kb / 24P
   12-Bit Capacitance-to-Digital Converter
logo
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
More results




O Analog Devices


Analog Devices, Inc. (ADI) to spółka giełdowa, która projektuje, rozwija i produkuje obwody zintegrowane o wysokiej wydajności, mieszane i cyfrowe przetwarzanie sygnałów (DSP) (ICS).
Firma została założona w 1965 roku i ma siedzibę w Norwood w stanie Massachusetts.
ADI obsługuje szeroką gamę branż, w tym lotniska i obronę, motoryzację, komunikację, konsumenckie, przemysłowe, medyczne i testowe i pomiarowe.
Portfolio produktów firmy obejmuje między innymi konwertery danych, wzmacniacze i komparatory, ICS zarządzania energią, mikrokontrolery, czujniki i częstotliwość radiową (RF) oraz komponenty mikrofalowe.
ADI jest poświęcone innowacjom i zadowoleniu klientów i jest zaangażowana w dostarczanie swoim klientom wysokiej jakości, niezawodne rozwiązania w celu zaspokojenia ich potrzeb.
Koncentrując się na efektywności energetycznej i zrównoważonym rozwoju, ADI jest liderem w branży analogowej i mieszanej sygnału IC, kierując postępami technologicznymi i zapewniając innowacyjne rozwiązania najtrudniejszych problemów na świecie.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com