Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM6321CY46-ARJ-RL7 Arkusz danych (PDF) - Analog Devices

ADM6321CY46-ARJ-RL7 Datasheet PDF - Analog Devices
Numer części ADM6321CY46-ARJ-RL7
Pobierz  ADM6321CY46-ARJ-RL7 Pobierz

Rozmiar pliku   254.48 Kbytes
Page   16 Pages
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices
Szczegółowy opis Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23

ADM6321CY46-ARJ-RL7 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
ADM6321CY46-ARJ-RL7 Datasheet PDF - Analog Devices

Numer części ADM6321CY46-ARJ-RL7
Pobierz  ADM6321CY46-ARJ-RL7 Click to download

Rozmiar pliku   254.48 Kbytes
Page   16 Pages
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices
Szczegółowy opis Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23

ADM6321CY46-ARJ-RL7 Arkusz danych (HTML) - Analog Devices

Back Button ADM6321CY46-ARJ-RL7 Datasheet HTML 1Page - Analog Devices ADM6321CY46-ARJ-RL7 Datasheet HTML 2Page - Analog Devices ADM6321CY46-ARJ-RL7 Datasheet HTML 3Page - Analog Devices ADM6321CY46-ARJ-RL7 Datasheet HTML 4Page - Analog Devices ADM6321CY46-ARJ-RL7 Datasheet HTML 5Page - Analog Devices ADM6321CY46-ARJ-RL7 Datasheet HTML 6Page - Analog Devices ADM6321CY46-ARJ-RL7 Datasheet HTML 7Page - Analog Devices ADM6321CY46-ARJ-RL7 Datasheet HTML 8Page - Analog Devices ADM6321CY46-ARJ-RL7 Datasheet HTML 9Page - Analog Devices ADM6321CY46-ARJ-RL7 Datasheet HTML 10Page - Analog Devices Next Button 

ADM6321CY46-ARJ-RL7 Szczegóły Produktu

GENERAL DESCRIPTION
The ADM6316/ADM6317/ADM6318/ADM6319/ADM6320/ADM6321/ADM6322 are supervisory circuits that monitor power supply voltage levels and code execution integrity in microprocessor-based systems. As well as providing power-on reset signals, an on-chip watchdog timer can reset the microprocessor if it fails to strobe within a preset timeout period. A reset signal can also be asserted by an external push button through a manual reset input. The seven devices feature different combinations of watchdog input, manual reset input, and output stage configuration, as shown in Table 1.

FEATURES
   26 reset threshold options
      2.5 V to 5 V in 100 mV increments
   4 reset timeout options
      1 ms, 20 ms, 140 ms, and 1120 ms (minimum)
   4 watchdog timeout options
   6.3 ms, 102 ms, 1600 ms, and 25.6 sec (typical)
   Manual reset input
   Reset output stages
      Push-pull active low
      Open-drain active low
      Push-pull active high
   Low power consumption: 5 μA
   Guaranteed reset output valid to VCC = 1 V
   Power supply glitch immunity
   Specified over industrial temperature range
   5-lead SOT-23 package
  
APPLICATIONS
   Microprocessor systems
   Computers
   Controllers
   Intelligent instruments
   Portable equipment




Podobny numer części - ADM6321CY46-ARJ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM6321CY46ARJ AD-ADM6321CY46ARJ Datasheet
255Kb / 11P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev.PrC
ADM6321CY46ARJZ-R7 AD-ADM6321CY46ARJZ-R7 Datasheet
372Kb / 14P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. J
More results


Podobny opis - ADM6321CY46-ARJ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM6316 AD-ADM6316 Datasheet
255Kb / 11P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev.PrC
ADM6316 AD-ADM6316_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM8316WBX30ARJZR7 AD-ADM8316WBX30ARJZR7 Datasheet
314Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
REV. 0
ADM8321WAY30ARJZR7 AD-ADM8321WAY30ARJZR7 Datasheet
314Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
REV. 0
ADM6320 AD-ADM6320_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6319C46ARJZ-RL7 AD-ADM6319C46ARJZ-RL7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6320CZ29ARJZ-R7 AD-ADM6320CZ29ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6317 AD-ADM6317_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6319 AD-ADM6319_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6321 AD-ADM6321_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
More results




O Analog Devices


Analog Devices, Inc. (ADI) to spółka giełdowa, która projektuje, rozwija i produkuje obwody zintegrowane o wysokiej wydajności, mieszane i cyfrowe przetwarzanie sygnałów (DSP) (ICS).
Firma została założona w 1965 roku i ma siedzibę w Norwood w stanie Massachusetts.
ADI obsługuje szeroką gamę branż, w tym lotniska i obronę, motoryzację, komunikację, konsumenckie, przemysłowe, medyczne i testowe i pomiarowe.
Portfolio produktów firmy obejmuje między innymi konwertery danych, wzmacniacze i komparatory, ICS zarządzania energią, mikrokontrolery, czujniki i częstotliwość radiową (RF) oraz komponenty mikrofalowe.
ADI jest poświęcone innowacjom i zadowoleniu klientów i jest zaangażowana w dostarczanie swoim klientom wysokiej jakości, niezawodne rozwiązania w celu zaspokojenia ich potrzeb.
Koncentrując się na efektywności energetycznej i zrównoważonym rozwoju, ADI jest liderem w branży analogowej i mieszanej sygnału IC, kierując postępami technologicznymi i zapewniając innowacyjne rozwiązania najtrudniejszych problemów na świecie.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com