Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM812ZARTZ-REEL Arkusz danych (PDF) - Analog Devices

ADM812ZARTZ-REEL Datasheet PDF - Analog Devices
Numer części ADM812ZARTZ-REEL
Pobierz  ADM812ZARTZ-REEL Pobierz

Rozmiar pliku   178.35 Kbytes
Page   12 Pages
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices
Szczegółowy opis Microprocessor Supervisory Circuit in 4-Lead SOT-143 with DSP

ADM812ZARTZ-REEL Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
ADM812ZARTZ-REEL Datasheet PDF - Analog Devices

Numer części ADM812ZARTZ-REEL
Pobierz  ADM812ZARTZ-REEL Click to download

Rozmiar pliku   178.35 Kbytes
Page   12 Pages
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices
Szczegółowy opis Microprocessor Supervisory Circuit in 4-Lead SOT-143 with DSP

ADM812ZARTZ-REEL Arkusz danych (HTML) - Analog Devices

Back Button ADM812ZARTZ-REEL Datasheet HTML 1Page - Analog Devices ADM812ZARTZ-REEL Datasheet HTML 2Page - Analog Devices ADM812ZARTZ-REEL Datasheet HTML 3Page - Analog Devices ADM812ZARTZ-REEL Datasheet HTML 4Page - Analog Devices ADM812ZARTZ-REEL Datasheet HTML 5Page - Analog Devices ADM812ZARTZ-REEL Datasheet HTML 6Page - Analog Devices ADM812ZARTZ-REEL Datasheet HTML 7Page - Analog Devices ADM812ZARTZ-REEL Datasheet HTML 8Page - Analog Devices ADM812ZARTZ-REEL Datasheet HTML 9Page - Analog Devices ADM812ZARTZ-REEL Datasheet HTML 10Page - Analog Devices Next Button 

ADM812ZARTZ-REEL Szczegóły Produktu

GENERAL DESCRIPTION
The ADM811/ADM812 are reliable voltage monitoring devices suitable for use in most voltage monitoring applications. The ADM811/ADM812 are designed to monitor six different voltages, each allowing a 5% or 10% degradation of standard PSU voltages before a reset occurs. These voltages have been selected for the effective monitoring of 2.5 V, 3 V, 3.3 V, and 5 V supply voltage levels.

FEATURES
  Superior upgrade for MAX811/MAX812
  Specified over temperature
  Low power consumption: 5 µA typical
  Precision voltage monitor: 2.5 V, 3 V, 3.3 V, 5 V options
  Reset assertion down to 1 VCC
  Power-on reset: 140 ms minimum
  Logic low RESET output (ADM811)
  Logic high RESET output (ADM812)
  Built-in manual reset

APPLICATIONS
  Microprocessor systems
  Controllers
  Intelligent instruments
  Automotive systems
  Safety systems
  Portable instruments




Podobny numer części - ADM812ZARTZ-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM812 AD-ADM812 Datasheet
83Kb / 6P
   Microprocessors Supervisory Circuit in 4-Lead SOT-143
Rev. G
ADM812LART-REEL AD-ADM812LART-REEL Datasheet
83Kb / 6P
   Microprocessors Supervisory Circuit in 4-Lead SOT-143
Rev. G
ADM812LART-REEL-7 AD-ADM812LART-REEL-7 Datasheet
83Kb / 6P
   Microprocessors Supervisory Circuit in 4-Lead SOT-143
Rev. G
ADM812MART-REEL AD-ADM812MART-REEL Datasheet
83Kb / 6P
   Microprocessors Supervisory Circuit in 4-Lead SOT-143
Rev. G
ADM812MART-REEL-7 AD-ADM812MART-REEL-7 Datasheet
83Kb / 6P
   Microprocessors Supervisory Circuit in 4-Lead SOT-143
Rev. G
More results


Podobny opis - ADM812ZARTZ-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM812 AD-ADM812_15 Datasheet
178Kb / 12P
   Microprocessor Supervisory Circuit in 4-Lead SOT-143 with DSP
Rev. G
ADM811 AD-ADM811 Datasheet
178Kb / 12P
   Microprocessor Supervisory Circuit in 4-Lead SOT-143 with DSP
Rev. G
ADM811 AD-ADM811_15 Datasheet
178Kb / 12P
   Microprocessor Supervisory Circuit in 4-Lead SOT-143 with DSP
Rev. G
ADM6315 AD-ADM6315_15 Datasheet
197Kb / 12P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. G
ADM6315_VE AD-ADM6315_VE Datasheet
272Kb / 12P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. E
ADM6315-29D3ARTRL7 AD-ADM6315-29D3ARTRL7 Datasheet
197Kb / 12P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. G
ADM6315-26D3ARTZR7 AD-ADM6315-26D3ARTZR7 Datasheet
228Kb / 12P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. F
ADM6315-26D3ARTRL7 AD-ADM6315-26D3ARTRL7 Datasheet
197Kb / 12P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. E
ADM6315-26D3ARTRL7 AD-ADM6315-26D3ARTRL7 Datasheet
286Kb / 12P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. E
ADM6315 AD-ADM6315 Datasheet
99Kb / 8P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
REV. 0
More results




O Analog Devices


Analog Devices, Inc. (ADI) to spółka giełdowa, która projektuje, rozwija i produkuje obwody zintegrowane o wysokiej wydajności, mieszane i cyfrowe przetwarzanie sygnałów (DSP) (ICS).
Firma została założona w 1965 roku i ma siedzibę w Norwood w stanie Massachusetts.
ADI obsługuje szeroką gamę branż, w tym lotniska i obronę, motoryzację, komunikację, konsumenckie, przemysłowe, medyczne i testowe i pomiarowe.
Portfolio produktów firmy obejmuje między innymi konwertery danych, wzmacniacze i komparatory, ICS zarządzania energią, mikrokontrolery, czujniki i częstotliwość radiową (RF) oraz komponenty mikrofalowe.
ADI jest poświęcone innowacjom i zadowoleniu klientów i jest zaangażowana w dostarczanie swoim klientom wysokiej jakości, niezawodne rozwiązania w celu zaspokojenia ich potrzeb.
Koncentrując się na efektywności energetycznej i zrównoważonym rozwoju, ADI jest liderem w branży analogowej i mieszanej sygnału IC, kierując postępami technologicznymi i zapewniając innowacyjne rozwiązania najtrudniejszych problemów na świecie.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com