Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AKD4382 Arkusz danych (PDF) - Asahi Kasei Microsystems

AKD4382 Datasheet PDF - Asahi Kasei Microsystems
Numer części AKD4382
Pobierz  AKD4382 Pobierz

Rozmiar pliku   409.01 Kbytes
Page   26 Pages
Producent  AKM [Asahi Kasei Microsystems]
Strona internetowa  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Szczegółowy opis EVALUATION BOARD REV.A FOR AK4382

AKD4382 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
AKD4382 Datasheet PDF - Asahi Kasei Microsystems

Numer części AKD4382
Pobierz  AKD4382 Click to download

Rozmiar pliku   409.01 Kbytes
Page   26 Pages
Producent  AKM [Asahi Kasei Microsystems]
Strona internetowa  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Szczegółowy opis EVALUATION BOARD REV.A FOR AK4382

AKD4382 Arkusz danych (HTML) - Asahi Kasei Microsystems

Back Button AKD4382 Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4382 Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4382 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4382 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4382 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4382 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4382 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4382 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4382 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4382 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button 

AKD4382 Szczegóły Produktu

GENERAL DESCRIPTION
The AK4382 offers the perfect mix for cost and performance based audio systems. Using AKMs multi bit architecture for its modulator the AK4382 delivers a wide dynamic range while preserving linearity for improved THD+N performance. The AK4382 has full differential SCF outputs, removing the need for AC coupling capacitors and increasing performance for systems with excessive clock jitter. The 24 Bit word length and 192kHz sampling rate make this part ideal for a wide range of applications including DVDAudio. The AK4382 is offered in a space saving 16pin TSSOP package.

FEATURES
□ Sampling Rate Ranging from 8kHz to 192kHz
□ 128 times Oversampling (Normal Speed Mode)
□ 64 times Oversampling (Double Speed Mode)
□ 32 times Oversampling (Quad Speed Mode)
□ 24-Bit 8 times FIR Digital Filter
□ On chip SCF
□ Digital de-emphasis for 32k, 44.1k and 48kHz sampling
□ Soft mute
□ Digital Attenuator (256 steps)
□ I/F format: 24-Bit MSB justified, 24/20/16-Bit LSB justified or I2S
□ Master clock: 256fs, 384fs, 512fs or 768fs (Normal Speed Mode)
    128fs, 192fs, 256fs or 384fs (Double Speed Mode)
    128fs, 192fs (Quad Speed Mode)
□ THD+N: -94dB
□ Dynamic Range: 112dB
□ High Tolerance to Clock Jitter
□ Power supply: 4.75 to 5.25V
□ Very Small Package: 16pin TSSOP (6.4mm x 5.0mm)




Podobny numer części - AKD4382

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Asahi Kasei Microsystem...
AKD4382 AKM-AKD4382 Datasheet
251Kb / 21P
   112dB 192kHz 24-BIT SCH DAC
AKD4382A-SB AKM-AKD4382A-SB Datasheet
482Kb / 31P
   192kHz sampling 24Bit ?誇 DAC
More results


Podobny opis - AKD4382

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Asahi Kasei Microsystem...
AKD4523 AKM-AKD4523 Datasheet
1Mb / 30P
   EVALUATION BOARD REV.A FOR AK4523
AKD5393 AKM-AKD5393 Datasheet
602Kb / 22P
   EVALUATION BOARD REV.A FOR AK5393
AKD4309B AKM-AKD4309B Datasheet
1Mb / 15P
   EVALUATION BOARD REV.A FOR AK4309B
AKD4363 AKM-AKD4363 Datasheet
340Kb / 30P
   EVALUATION BOARD REV.A FOR AK4363
AKD4569 AKM-AKD4569 Datasheet
311Kb / 27P
   Evaluation board Rev.A for AK4569
AKD4584 AKM-AKD4584 Datasheet
366Kb / 41P
   Evaluation board Rev.A for AK4584
AKD5365 AKM-AKD5365 Datasheet
270Kb / 27P
   Evaluation board Rev.A for AK5365
AKD4380 AKM-AKD4380 Datasheet
220Kb / 21P
   EVALUATION BOARD REV.A FOR AK4380
AKD4524 AKM-AKD4524 Datasheet
746Kb / 28P
   EVALUATION BOARD REV.A FOR AK4524
AKD4353 AKM-AKD4353 Datasheet
260Kb / 25P
   EVALUATION BOARD REV.A FOR AK4353
More results



Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com