Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7142ACPZ-1REEL1 Arkusz danych (PDF) - Analog Devices

AD7142ACPZ-1REEL1 Datasheet PDF - Analog Devices
Numer części AD7142ACPZ-1REEL1
Pobierz  AD7142ACPZ-1REEL1 Pobierz

Rozmiar pliku   844.88 Kbytes
Page   73 Pages
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices
Szczegółowy opis Programmable Controller for Capacitance Touch Sensors

AD7142ACPZ-1REEL1 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
AD7142ACPZ-1REEL1 Datasheet PDF - Analog Devices

Numer części AD7142ACPZ-1REEL1
Pobierz  AD7142ACPZ-1REEL1 Click to download

Rozmiar pliku   844.88 Kbytes
Page   73 Pages
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices
Szczegółowy opis Programmable Controller for Capacitance Touch Sensors

AD7142ACPZ-1REEL1 Arkusz danych (HTML) - Analog Devices

Back Button AD7142ACPZ-1REEL1 Datasheet HTML 1Page - Analog Devices AD7142ACPZ-1REEL1 Datasheet HTML 2Page - Analog Devices AD7142ACPZ-1REEL1 Datasheet HTML 3Page - Analog Devices AD7142ACPZ-1REEL1 Datasheet HTML 4Page - Analog Devices AD7142ACPZ-1REEL1 Datasheet HTML 5Page - Analog Devices AD7142ACPZ-1REEL1 Datasheet HTML 6Page - Analog Devices AD7142ACPZ-1REEL1 Datasheet HTML 7Page - Analog Devices AD7142ACPZ-1REEL1 Datasheet HTML 8Page - Analog Devices AD7142ACPZ-1REEL1 Datasheet HTML 9Page - Analog Devices AD7142ACPZ-1REEL1 Datasheet HTML 10Page - Analog Devices Next Button 

AD7142ACPZ-1REEL1 Szczegóły Produktu

GENERAL DESCRIPTION
The AD7142 and AD7142-1 are integrated capacitance-to-digital converters (CDCs) with on-chip environmental calibration for use in systems requiring a novel user input method. The AD7142 and AD7142-1 can interface to external capacitance sensors implementing functions such as capacitive buttons, scroll bars, or wheels.

FEATURES
   Programmable capacitance-to-digital converter
      36 ms update rate (@ maximum sequence length)
      Better than 1 fF resolution
      14 capacitance sensor input channels
      No external RC tuning components required
      Automatic conversion sequencer
   On-chip automatic calibration logic
      Automatic compensation for environmental changes
      Automatic adaptive threshold and sensitivity levels
   On-chip RAM to store calibration data
   SPI®-compatible serial interface (AD7142)
   I2C®-compatible serial interface (AD7142-1)
   Separate VDRIVE level for serial interface
   Interrupt output and GPIO
   32-lead, 5 mm x 5 mm LFCSP_VQ
   2.6 V to 3.6 V supply voltage
   Low operating current
      Full power mode: less than 1 mA
      Low power mode: 50 μA

APPLICATIONS
   Personal music and multimedia players
   Cell phones
   Digital still cameras
   Smart hand-held devices
   Television, A/V, and remote controls
   Gaming consoles




Podobny numer części - AD7142ACPZ-1REEL1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7142ACPZ-1REEL AD-AD7142ACPZ-1REEL Datasheet
1Mb / 70P
   Programmable Controller for Capacitance Touch Sensors
More results


Podobny opis - AD7142ACPZ-1REEL1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7142 AD-AD7142_17 Datasheet
1Mb / 70P
   Programmable Controller for Capacitance Touch Sensors
AD7142 AD-AD7142_15 Datasheet
958Kb / 73P
   Programmable Controller for Capacitance Touch Sensors
REV. A
AD7143 AD-AD7143 Datasheet
1,006Kb / 56P
   Programmable Controller for Capacitance Touch Sensors
REV. 0
AD7143 AD-AD7143_17 Datasheet
589Kb / 57P
   Programmable Controller for Capacitance Touch Sensors
AD7143 AD-AD7143_15 Datasheet
784Kb / 57P
   Programmable Controller for Capacitance Touch Sensors
REV. 0
AD7148 AD-AD7148 Datasheet
1Mb / 56P
   Programmable Touch Controller for Single Electrode Capacitance Sensors
REV. 0
AD7147 AD-AD7147_15 Datasheet
889Kb / 73P
   CapTouch Programmable Controller for Single-Electrode Capacitance Sensors
REV. D
AD7147 AD-AD7147 Datasheet
1Mb / 68P
   CapTouch??Programmable Controller for Single-Electrode Capacitance Sensors
REV. 0
logo
Texas Instruments
TSC2301 TI1-TSC2301_15 Datasheet
1Mb / 94P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER
logo
ON Semiconductor
LC717A30UR ONSEMI-LC717A30UR Datasheet
241Kb / 14P
   Capacitance?륞igital?륝onverter LSI for Electrostatic Capacitive Touch Sensors
November, 2018 ??Rev. 0
More results




O Analog Devices


Analog Devices, Inc. (ADI) to spółka giełdowa, która projektuje, rozwija i produkuje obwody zintegrowane o wysokiej wydajności, mieszane i cyfrowe przetwarzanie sygnałów (DSP) (ICS).
Firma została założona w 1965 roku i ma siedzibę w Norwood w stanie Massachusetts.
ADI obsługuje szeroką gamę branż, w tym lotniska i obronę, motoryzację, komunikację, konsumenckie, przemysłowe, medyczne i testowe i pomiarowe.
Portfolio produktów firmy obejmuje między innymi konwertery danych, wzmacniacze i komparatory, ICS zarządzania energią, mikrokontrolery, czujniki i częstotliwość radiową (RF) oraz komponenty mikrofalowe.
ADI jest poświęcone innowacjom i zadowoleniu klientów i jest zaangażowana w dostarczanie swoim klientom wysokiej jakości, niezawodne rozwiązania w celu zaspokojenia ich potrzeb.
Koncentrując się na efektywności energetycznej i zrównoważonym rozwoju, ADI jest liderem w branży analogowej i mieszanej sygnału IC, kierując postępami technologicznymi i zapewniając innowacyjne rozwiązania najtrudniejszych problemów na świecie.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com