Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8191AASTZ1 Arkusz danych (PDF) - Analog Devices

AD8191AASTZ1 Datasheet PDF - Analog Devices
Numer części AD8191AASTZ1
Pobierz  AD8191AASTZ1 Pobierz

Rozmiar pliku   837.79 Kbytes
Page   28 Pages
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices
Szczegółowy opis 4:1 HDMI/DVI Switch with Equalization

AD8191AASTZ1 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
AD8191AASTZ1 Datasheet PDF - Analog Devices

Numer części AD8191AASTZ1
Pobierz  AD8191AASTZ1 Click to download

Rozmiar pliku   837.79 Kbytes
Page   28 Pages
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices
Szczegółowy opis 4:1 HDMI/DVI Switch with Equalization

AD8191AASTZ1 Arkusz danych (HTML) - Analog Devices

Back Button AD8191AASTZ1 Datasheet HTML 1Page - Analog Devices AD8191AASTZ1 Datasheet HTML 2Page - Analog Devices AD8191AASTZ1 Datasheet HTML 3Page - Analog Devices AD8191AASTZ1 Datasheet HTML 4Page - Analog Devices AD8191AASTZ1 Datasheet HTML 5Page - Analog Devices AD8191AASTZ1 Datasheet HTML 6Page - Analog Devices AD8191AASTZ1 Datasheet HTML 7Page - Analog Devices AD8191AASTZ1 Datasheet HTML 8Page - Analog Devices AD8191AASTZ1 Datasheet HTML 9Page - Analog Devices AD8191AASTZ1 Datasheet HTML 10Page - Analog Devices Next Button 

AD8191AASTZ1 Szczegóły Produktu

GENERAL DESCRIPTION
The AD8191A is an HDMI™/DVI switch featuring equalized TMDS® inputs and pre-emphasized TMDS outputs, ideal for systems with long cable runs. Outputs can be set to a high impedance state to reduce the power dissipation and/or to allow the construction of larger arrays using the wire-OR technique.
The AD8191A is provided in a 100-lead LQFP, Pb-free, surface mount package specified to operate over the −40°C to +85°C temperature range.

FEATURES
4 inputs, one output HDMI/DVI link
Pin-to-pin compatible with the AD8197A
   4 TMDS channels per link
      Supports 250 Mbps to 1.65 Gbps data rates
      Supports 25 MHz to 165 MHz pixel clocks
      Equalized inputs for operation with long HDMI cables(20 meters at 1080p)
      Fully buffered unidirectional inputs/outputs
      Globally switchable, 50 Ω on-chip terminations
      Pre-emphasized outputs
      Low added jitter
      Single-supply operation (3.3 V)
   4 auxiliary channels per link
      Bidirectional unbuffered inputs/outputs
      Flexible supply operation (3.3 V to 5 V)
      HDCP standard compatible
      Allows switching of DDC bus and 2 additional signals
Output disable feature
   Reduced power dissipation
   Removable output termination
   Allows building of larger arrays
Two AD8191As support HDMI/DVI dual link
Standards compatible: HDMI receiver, DVI, HDCP
Serial (I2C slave) and parallel control interface
100-lead, 14 mm × 14 mm LQFP, Pb-free package

APPLICATIONS
Multiple input displays
Projectors
A/V receivers
Set-top boxes
Advanced television (HDTV) sets




Podobny numer części - AD8191AASTZ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8191A AD-AD8191A Datasheet
837Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191ASTZ AD-AD8191ASTZ Datasheet
975Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191ASTZ-RL AD-AD8191ASTZ-RL Datasheet
975Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191A AD-AD8191A_15 Datasheet
837Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
More results


Podobny opis - AD8191AASTZ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8197 AD-AD8197_15 Datasheet
842Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191 AD-AD8191_15 Datasheet
848Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197A AD-AD8197A_07 Datasheet
771Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197 AD-AD8197 Datasheet
700Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
PrA
AD8197A AD-AD8197A_15 Datasheet
772Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191 AD-AD8191 Datasheet
975Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197B AD-AD8197B Datasheet
804Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191A AD-AD8191A_15 Datasheet
837Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
ADV3000 AD-ADV3000 Datasheet
781Kb / 28P
   3:1 HDMI/DVI Switch with Equalization
REV. 0
AD8196 AD-AD8196 Datasheet
533Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
PrA
More results




O Analog Devices


Analog Devices, Inc. (ADI) to spółka giełdowa, która projektuje, rozwija i produkuje obwody zintegrowane o wysokiej wydajności, mieszane i cyfrowe przetwarzanie sygnałów (DSP) (ICS).
Firma została założona w 1965 roku i ma siedzibę w Norwood w stanie Massachusetts.
ADI obsługuje szeroką gamę branż, w tym lotniska i obronę, motoryzację, komunikację, konsumenckie, przemysłowe, medyczne i testowe i pomiarowe.
Portfolio produktów firmy obejmuje między innymi konwertery danych, wzmacniacze i komparatory, ICS zarządzania energią, mikrokontrolery, czujniki i częstotliwość radiową (RF) oraz komponenty mikrofalowe.
ADI jest poświęcone innowacjom i zadowoleniu klientów i jest zaangażowana w dostarczanie swoim klientom wysokiej jakości, niezawodne rozwiązania w celu zaspokojenia ich potrzeb.
Koncentrując się na efektywności energetycznej i zrównoważonym rozwoju, ADI jest liderem w branży analogowej i mieszanej sygnału IC, kierując postępami technologicznymi i zapewniając innowacyjne rozwiązania najtrudniejszych problemów na świecie.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com