Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADP1706ARDZ-115R7 Arkusz danych (PDF) - Analog Devices

ADP1706ARDZ-115R7 Datasheet PDF - Analog Devices
Numer części ADP1706ARDZ-115R7
Pobierz  ADP1706ARDZ-115R7 Pobierz

Rozmiar pliku   563.02 Kbytes
Page   20 Pages
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices
Szczegółowy opis 1 A, Low Dropout, CMOS Linear Regulator

ADP1706ARDZ-115R7 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
ADP1706ARDZ-115R7 Datasheet PDF - Analog Devices

Numer części ADP1706ARDZ-115R7
Pobierz  ADP1706ARDZ-115R7 Click to download

Rozmiar pliku   563.02 Kbytes
Page   20 Pages
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices
Szczegółowy opis 1 A, Low Dropout, CMOS Linear Regulator

ADP1706ARDZ-115R7 Arkusz danych (HTML) - Analog Devices


ADP1706ARDZ-115R7 Szczegóły Produktu

GENERAL DESCRIPTION
The ADP1706/ADP1707/ADP1708 are CMOS, low dropout linear regulators that operate from 2.5 V to 5.5 V and provide up to 1 A of output current. Using an advanced proprietary architecture, they provide high power supply rejection and achieve excellent line and load transient response with a small 4.7 μF ceramic output capacitor.

FEATURES
    Maximum output current: 1 A
    Input voltage range: 2.5 V to 5.5 V
    Low shutdown current: <1 μA
    Low dropout voltage: 345 mV @ 1 A load
    Initial accuracy: ±1%
    Accuracy over line, load, and temperature: ±2.5%
    16 fixed output voltage options with soft start: 0.75 V to 3.3 V (ADP1706)
    16 fixed output voltage options with tracking 0.75 V to 3.3 V (ADP1707)
    Adjustable output voltage option: 0.8 V to 5.0 V (ADP1708)
    Stable with small 4.7 μF ceramic output capacitor
    Excellent load/line transient response
    Current limit and thermal overload protection
    Logic-controlled enable
    Available in an 8-lead, exposed paddle SOIC and 3 mm × 3 mm, 8-lead exposed paddle LFCSP

APPLICATIONS
    Notebook computers
    Memory components
    Telecommunications equipment
    Network equipment
    DSP/FPGA/microprocessor supplies
    Instrumentation equipment/data acquisition systems




Podobny numer części - ADP1706ARDZ-115R7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP1706ARDZ-1.0-R7 AD-ADP1706ARDZ-1.0-R7 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1706ARDZ-1.0-R7 AD-ADP1706ARDZ-1.0-R7 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1706ARDZ-1.0-R7 AD-ADP1706ARDZ-1.0-R7 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
Rev. 0
ADP1706ARDZ-1.05R7 AD-ADP1706ARDZ-1.05R7 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1706ARDZ-1.05R7 AD-ADP1706ARDZ-1.05R7 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
More results


Podobny opis - ADP1706ARDZ-115R7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP1706ARDZ-0.75R7 AD-ADP1706ARDZ-0.75R7 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1707ACPZ-1.8-R7 AD-ADP1707ACPZ-1.8-R7 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1708ARDZ AD-ADP1708ARDZ Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
Rev. 0
ADP1706 AD-ADP1706 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
logo
Texas Instruments
LP38690-ADJ TI1-LP38690-ADJ_16 Datasheet
1Mb / 27P
[Old version datasheet]   1-A Low Dropout CMOS Linear Regulator
logo
Analog Devices
ADP1740 AD-ADP1740 Datasheet
165Kb / 6P
   2 A, Low Dropout, CMOS Linear Regulator
Rev. PrA
logo
SeCoS Halbleitertechnol...
SJ1212 SECOS-SJ1212 Datasheet
396Kb / 3P
   1 A Low Dropout Positive Low Dropout Linear Regulator
logo
ON Semiconductor
NCP565 ONSEMI-NCP565_10 Datasheet
180Kb / 17P
   1.5 A Low Dropout Linear Regulator
November, 2010 ??Rev. 15
NCP565 ONSEMI-NCP565 Datasheet
111Kb / 12P
   1.5 A Low Dropout Linear Regulator
July, 2004 ??Rev. 8
logo
Analog Devices
ADP1714 AD-ADP1714_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
More results




O Analog Devices


Analog Devices, Inc. (ADI) to spółka giełdowa, która projektuje, rozwija i produkuje obwody zintegrowane o wysokiej wydajności, mieszane i cyfrowe przetwarzanie sygnałów (DSP) (ICS).
Firma została założona w 1965 roku i ma siedzibę w Norwood w stanie Massachusetts.
ADI obsługuje szeroką gamę branż, w tym lotniska i obronę, motoryzację, komunikację, konsumenckie, przemysłowe, medyczne i testowe i pomiarowe.
Portfolio produktów firmy obejmuje między innymi konwertery danych, wzmacniacze i komparatory, ICS zarządzania energią, mikrokontrolery, czujniki i częstotliwość radiową (RF) oraz komponenty mikrofalowe.
ADI jest poświęcone innowacjom i zadowoleniu klientów i jest zaangażowana w dostarczanie swoim klientom wysokiej jakości, niezawodne rozwiązania w celu zaspokojenia ich potrzeb.
Koncentrując się na efektywności energetycznej i zrównoważonym rozwoju, ADI jest liderem w branży analogowej i mieszanej sygnału IC, kierując postępami technologicznymi i zapewniając innowacyjne rozwiązania najtrudniejszych problemów na świecie.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com