Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADSP-2162BP-40(3.3V) Arkusz danych (PDF) - Analog Devices

ADSP-2162BP-40(3.3V) Datasheet PDF - Analog Devices
Numer części ADSP-2162BP-40(3.3V)
Pobierz  ADSP-2162BP-40(3.3V) Pobierz

Rozmiar pliku   667.08 Kbytes
Page   64 Pages
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices
Szczegółowy opis ADSP-2100 Family DSP Microcomputers

ADSP-2162BP-40(3.3V) Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
ADSP-2162BP-40(3.3V) Datasheet PDF - Analog Devices

Numer części ADSP-2162BP-40(3.3V)
Pobierz  ADSP-2162BP-40(3.3V) Click to download

Rozmiar pliku   667.08 Kbytes
Page   64 Pages
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices
Szczegółowy opis ADSP-2100 Family DSP Microcomputers

ADSP-2162BP-40(3.3V) Arkusz danych (HTML) - Analog Devices

Back Button ADSP-2162BP-40(3.3V) Datasheet HTML 1Page - Analog Devices ADSP-2162BP-40(3.3V) Datasheet HTML 2Page - Analog Devices ADSP-2162BP-40(3.3V) Datasheet HTML 3Page - Analog Devices ADSP-2162BP-40(3.3V) Datasheet HTML 4Page - Analog Devices ADSP-2162BP-40(3.3V) Datasheet HTML 5Page - Analog Devices ADSP-2162BP-40(3.3V) Datasheet HTML 6Page - Analog Devices ADSP-2162BP-40(3.3V) Datasheet HTML 7Page - Analog Devices ADSP-2162BP-40(3.3V) Datasheet HTML 8Page - Analog Devices ADSP-2162BP-40(3.3V) Datasheet HTML 9Page - Analog Devices ADSP-2162BP-40(3.3V) Datasheet HTML 10Page - Analog Devices Next Button 

ADSP-2162BP-40(3.3V) Szczegóły Produktu

GENERAL DESCRIPTION
The ADSP-2100 Family processors are single-chip microcomputers optimized for digital signal processing (DSP) and other high speed numeric processing applications. The ADSP-21xx processors are all built upon a common core. Each processor combines the core DSP architecture—computation units, data address generators, and program sequencer—with differentiating features such as on-chip program and data memory RAM, a programmable timer, one or two serial ports, and, on the ADSP-2111, a host interface port.

SUMMARY
   16-Bit Fixed-Point DSP Microprocessors with
      On-Chip Memory
   Enhanced Harvard Architecture for Three-Bus
      Performance: Instruction Bus & Dual Data Buses
   Independent Computation Units: ALU, Multiplier/
      Accumulator, and Shifter
   Single-Cycle Instruction Execution & Multifunction
      Instructions
   On-Chip Program Memory RAM or ROM
      & Data Memory RAM
   Integrated I/O Peripherals: Serial Ports, Timer,
      Host Interface Port (ADSP-2111 Only)

FEATURES
   25 MIPS, 40 ns Maximum Instruction Rate
   Separate On-Chip Buses for Program and Data Memory
   Program Memory Stores Both Instructions and Data
      (Three-Bus Performance)
   Dual Data Address Generators with Modulo and
      Bit-Reverse Addressing
   Efficient Program Sequencing with Zero-Overhead
      Looping: Single-Cycle Loop Setup
   Automatic Booting of On-Chip Program Memory from
      Byte-Wide External Memory (e.g., EPROM )
   Double-Buffered Serial Ports with Companding Hardware,
      Automatic Data Buffering, and Multichannel Operation
   ADSP-2111 Host Interface Port Provides Easy Interface
      to 68000, 80C51, ADSP-21xx, Etc.
   Automatic Booting of ADSP-2111 Program Memory
      Through Host Interface Port
   Three Edge- or Level-Sensitive Interrupts
   Low Power IDLE Instruction
   PGA, PLCC, PQFP, and TQFP Packages
   MIL-STD-883B Versions Available
   ADSP-2101, ADSP-2105, and ADSP-2115 are obsolete




Podobny numer części - ADSP-2162BP-40(3.3V)

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-2162BP-40 AD-ADSP-2162BP-40 Datasheet
243Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-2162BP-40 AD-ADSP-2162BP-40 Datasheet
666Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2162BP-40 AD-ADSP-2162BP-40 Datasheet
668Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2162BP-40 AD-ADSP-2162BP-40 Datasheet
461Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2162BP-40 AD-ADSP-2162BP-40 Datasheet
389Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
More results


Podobny opis - ADSP-2162BP-40(3.3V)

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-2105KP-40 AD-ADSP-2105KP-40 Datasheet
389Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2101 AD-ADSP-2101_15 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-21XX AD-ADSP-21XX Datasheet
666Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2115BPZ-100 AD-ADSP-2115BPZ-100 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-21XX1111 AD-ADSP-21XX1111 Datasheet
668Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-21XX4444 AD-ADSP-21XX4444 Datasheet
461Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2103 AD-ADSP-2103_15 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2105 AD-ADSP-2105_15 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2115 AD-ADSP-2115_15 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADDS-21XX-TOOLS AD-ADDS-21XX-TOOLS Datasheet
121Kb / 16P
   ADSP-2100 Family Development Tools
REV. B
More results




O Analog Devices


Analog Devices, Inc. (ADI) to spółka giełdowa, która projektuje, rozwija i produkuje obwody zintegrowane o wysokiej wydajności, mieszane i cyfrowe przetwarzanie sygnałów (DSP) (ICS).
Firma została założona w 1965 roku i ma siedzibę w Norwood w stanie Massachusetts.
ADI obsługuje szeroką gamę branż, w tym lotniska i obronę, motoryzację, komunikację, konsumenckie, przemysłowe, medyczne i testowe i pomiarowe.
Portfolio produktów firmy obejmuje między innymi konwertery danych, wzmacniacze i komparatory, ICS zarządzania energią, mikrokontrolery, czujniki i częstotliwość radiową (RF) oraz komponenty mikrofalowe.
ADI jest poświęcone innowacjom i zadowoleniu klientów i jest zaangażowana w dostarczanie swoim klientom wysokiej jakości, niezawodne rozwiązania w celu zaspokojenia ich potrzeb.
Koncentrując się na efektywności energetycznej i zrównoważonym rozwoju, ADI jest liderem w branży analogowej i mieszanej sygnału IC, kierując postępami technologicznymi i zapewniając innowacyjne rozwiązania najtrudniejszych problemów na świecie.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com