Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FU-319SPP-CV6 Arkusz danych (PDF) - Mitsubishi Electric Semiconductor

FU-319SPP-CV6 Datasheet PDF - Mitsubishi Electric Semiconductor
Numer części FU-319SPP-CV6
Pobierz  FU-319SPP-CV6 Pobierz

Rozmiar pliku   38.57 Kbytes
Page   3 Pages
Producent  MITSUBISHI [Mitsubishi Electric Semiconductor]
Strona internetowa  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Szczegółowy opis InGaAs PD PREAMP MODULE FOR THE 1.31 um AND 1.55 um WAVELENGTH RANGE

FU-319SPP-CV6 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
FU-319SPP-CV6 Datasheet PDF - Mitsubishi Electric Semiconductor

Numer części FU-319SPP-CV6
Pobierz  FU-319SPP-CV6 Click to download

Rozmiar pliku   38.57 Kbytes
Page   3 Pages
Producent  MITSUBISHI [Mitsubishi Electric Semiconductor]
Strona internetowa  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Szczegółowy opis InGaAs PD PREAMP MODULE FOR THE 1.31 um AND 1.55 um WAVELENGTH RANGE

FU-319SPP-CV6 Arkusz danych (HTML) - Mitsubishi Electric Semiconductor

FU-319SPP-CV6 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor FU-319SPP-CV6 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor FU-319SPP-CV6 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor

FU-319SPP-CV6 Szczegóły Produktu

DESCRIPTION
FU-319SPP-CV6 is InGaAs pin photodiode module with GaAs preamplifier, designed for use in high-speed, long haul optical communication systems. The coaxial package contains an InGaAs pin photodiode coupled with single-mode fiber pigtail and GaAs preamplifier.

FEATURES
• High-sensitivity (-23dBm typ)
• 5pin coaxial package
• Selectable single power supply voltage (+5V or - 5.2V). (InGaAs pin photodiode and GaAs preamplifier are isolated from the case.)
• GaAs preamplifier with AGC function
• Differential output (50W)

APPLICATION
   2.5Gbps.optical receiver (OC-48, STM-16)
   Extended reach datacom and telecom applications
   Long haul optical communication systems




Podobny numer części - FU-319SPP-CV6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mitsubishi Electric Sem...
FU-319SPP-C6 MITSUBISHI-FU-319SPP-C6 Datasheet
37Kb / 3P
   InGaAs PD PREAMP MODULE FOR THE 1.31 mm AND 1.55 mm WAVELENGTH RANGE
More results


Podobny opis - FU-319SPP-CV6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mitsubishi Electric Sem...
FU-311SPP-CV4 MITSUBISHI-FU-311SPP-CV4 Datasheet
50Kb / 3P
   InGaAs PD PREAMP MODULE FOR THE 1.31 um AND 1.55 um WAVELENGTH RANGE
FU-311SPP-CV3 MITSUBISHI-FU-311SPP-CV3 Datasheet
49Kb / 3P
   InGaAs PD PREAMP MODULE FOR THE 1.31 um AND 1.55 um WAVELENGTH RANGE
FU-319SPA-C6 MITSUBISHI-FU-319SPA-C6 Datasheet
39Kb / 3P
   InGaAs APD PREAMP MODULE FOR THE 1.31 um AND 1.55 um WAVELENGTH RANGE
FU-319SPA-CV6 MITSUBISHI-FU-319SPA-CV6 Datasheet
48Kb / 3P
   InGaAs APD PREAMP MODULE FOR THE 1.31 um AND 1.55 um WAVELENGTH RANGE
319SPA-X6M20 MITSUBISHI-319SPA-X6M20 Datasheet
39Kb / 4P
   INGAAS APD PREAMP MODULE FOR THE 1.31 UM AND 1.55 UM WAVELENGTH RANGE
FU-319SPP-C6 MITSUBISHI-FU-319SPP-C6 Datasheet
37Kb / 3P
   InGaAs PD PREAMP MODULE FOR THE 1.31 mm AND 1.55 mm WAVELENGTH RANGE
FU-627SLD-F1M54 MITSUBISHI-FU-627SLD-F1M54 Datasheet
51Kb / 3P
   1.55 um LD MODULE WITH SINGLEMODE FIBER PIGTAIL
logo
PHOENIX CONTACT
2200158 PHOENIX-2200158 Datasheet
66Kb / 2P
   Item is from the UM-BASIC/UM-PRO product range
2200155 PHOENIX-2200155 Datasheet
66Kb / 2P
   Item is from the UM-BASIC/UM-PRO product range
logo
Mitsubishi Electric Sem...
FU-627SLD-F1 MITSUBISHI-FU-627SLD-F1 Datasheet
42Kb / 3P
   1.55 um LD MODULE WITH SINGLEMODE FIBER PIGTAIL
More results



Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com