Producent | Numer części | Arkusz danych | Szczegółowy opis |
NXP Semiconductors |
8XC54
|
355Kb / 56P |
80C51 8-bit microcontroller family 8K-4K/256-1K OTP/ROM/ROMless, low voltage (2.7V-5.5V), low power, high speed (33 MHz)
2000 Aug 07 |
80C51
|
350Kb / 38P |
80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless low voltage 2.7V.5.5V, low power, high speed 33 MHz
2000 Jan 20 |
P87C51X2BBD157
|
409Kb / 62P |
80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP, low voltage (2.7 to 5.5 V), low power, high speed (30/33 MHz)
2003 Jan 24 |
80C451
|
162Kb / 22P |
80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless, expanded I/O
1998 May 01 |
83C453
|
188Kb / 26P |
80C51 8-bit microcontroller family 8K/256 OTP/ROM, expanded I/O
1998 Apr 23 |
80C575
|
383Kb / 40P |
80C51 8-bit microcontroller family 8K/256 OTP/ROM/ROMless, 4 comparator, failure detect circuitry, watchdog timer
1998 May 01 |
80C31X2
|
380Kb / 62P |
80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V, low power, high speed 30/33 MHz
2003 Jan 24 |
8XC51_8XC52
|
263Kb / 38P |
80C51 8-bit microcontroller family 4 K/8 K OTP/ROM low voltage (2.7 V??.5 V), lowpower, high speed (33 MHz), 128/256 B RAM
2000 Aug 07 |
P80C31X2
|
408Kb / 62P |
80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage (2.7 to 5.5 V), low power, high speed (30/33 MHz)
2003 Jan 24 |
80C31
|
238Kb / 32P |
80C51 8-bit microcontroller family 128/256 byte RAM ROMless low voltage (2.7 V–5.5 V), low power, high speed (33 MHz)
2000 Aug 07 |