Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL28117FBZ Arkusz danych (PDF) - Intersil Corporation

ISL28117FBZ Datasheet PDF - Intersil Corporation
Numer części ISL28117FBZ
Pobierz  ISL28117FBZ Pobierz

Rozmiar pliku   1420.14 Kbytes
Page   34 Pages
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Szczegółowy opis 40V Precision Low Power Operational Amplifiers

ISL28117FBZ Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
ISL28117FBZ Datasheet PDF - Intersil Corporation

Numer części ISL28117FBZ
Pobierz  ISL28117FBZ Click to download

Rozmiar pliku   1420.14 Kbytes
Page   34 Pages
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Szczegółowy opis 40V Precision Low Power Operational Amplifiers

ISL28117FBZ Arkusz danych (HTML) - Intersil Corporation

Back Button ISL28117FBZ Datasheet HTML 1Page - Intersil Corporation ISL28117FBZ Datasheet HTML 2Page - Intersil Corporation ISL28117FBZ Datasheet HTML 3Page - Intersil Corporation ISL28117FBZ Datasheet HTML 4Page - Intersil Corporation ISL28117FBZ Datasheet HTML 5Page - Intersil Corporation ISL28117FBZ Datasheet HTML 6Page - Intersil Corporation ISL28117FBZ Datasheet HTML 7Page - Intersil Corporation ISL28117FBZ Datasheet HTML 8Page - Intersil Corporation ISL28117FBZ Datasheet HTML 9Page - Intersil Corporation ISL28117FBZ Datasheet HTML 10Page - Intersil Corporation Next Button 

ISL28117FBZ Szczegóły Produktu

The ISL28117, ISL28217 and ISL28417 are a family of very high
precision amplifiers featuring low noise vs power consumption,
low offset voltage, low IBIAS current and low temperature drift
making them the ideal choice for applications requiring both high
DC accuracy and AC performance. The combination of precision,
low noise, and small footprint provides the user with outstanding
value and flexibility relative to similar competitive parts.
Applications for these amplifiers include precision active
filters, medical and analytical instrumentation, precision
power supply controls, and industrial controls.
The ISL28117 single and ISL28217 dual are offered in an
8 Ld SOIC, MSOP and TDFN packages. The ISL28417 is offered
in 14 Ld SOIC, 14 Ld TSSOP packages. All devices are offered
in standard pin configurations and operate over the extended
temperature range from -40°C to +125°C.

Features
• Low input offset . . . . . . . . . . . . . . . . . . . . . . . . . . . ±50µV, Max.
• Superb offset TC. . . . . . . . . . . . . . . . . . . . . . . . 0.6µV/°C, Max.
• Input bias current. . . . . . . . . . . . . . . . . . . . . . . . . . . ±1nA, Max.
• Input bias current TC . . . . . . . . . . . . . . . . . . . . .±5pA/°C, Max.
• Low current consumption . . . . . . . . . . . . . . . . . . . . . . . . 440µA
• Voltage noise . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8nV/Hz
• Wide supply range . . . . . . . . . . . . . . . . . . . . . . . . . .4.5V to 40V
• Operating temperature range. . . . . . . . . . . .-40°C to +125°C
• Small package offerings in single, dual and quad
• Pb-Free (RoHS compliant)
• No phase reversal

Applications
• Precision instruments
• Medical instrumentation
• Spectral analysis equipment
• Active filter blocks
• Thermocouples and RTD reference buffers
• Data acquisition
• Power supply control




Podobny numer części - ISL28117FBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28117FBZ INTERSIL-ISL28117FBZ Datasheet
844Kb / 18P
   40V Precision Low Power Operational Amplifiers
ISL28117FBZ INTERSIL-ISL28117FBZ Datasheet
1Mb / 32P
   40V Precision Low Power Operational Amplifiers
ISL28117FBZ INTERSIL-ISL28117FBZ Datasheet
1Mb / 25P
   40V Precision Low Power Operational Amplifiers
ISL28117FBZ INTERSIL-ISL28117FBZ Datasheet
1Mb / 33P
   40V Precision Low Power Operational Amplifiers
ISL28117FBZ INTERSIL-ISL28117FBZ Datasheet
1Mb / 34P
   40V Precision Low Power Operational Amplifiers
November 30, 2012
More results


Podobny opis - ISL28117FBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28117FBBZ INTERSIL-ISL28117FBBZ Datasheet
1Mb / 34P
   40V Precision Low Power Operational Amplifiers
November 30, 2012
ISL28117_1110 INTERSIL-ISL28117_1110 Datasheet
1Mb / 33P
   40V Precision Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL28117 RENESAS-ISL28117 Datasheet
2Mb / 39P
   40V Precision Low Power Operational Amplifiers
logo
Intersil Corporation
ISL28117 INTERSIL-ISL28117 Datasheet
844Kb / 18P
   40V Precision Low Power Operational Amplifiers
ISL28117 INTERSIL-ISL28117_11 Datasheet
1Mb / 32P
   40V Precision Low Power Operational Amplifiers
ISL28117 INTERSIL-ISL28117_10 Datasheet
1Mb / 25P
   40V Precision Low Power Operational Amplifiers
ISL70417SEH INTERSIL-ISL70417SEH Datasheet
1Mb / 22P
   Rad Hard 40V Quad Precision Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL70417SEH RENESAS-ISL70417SEH Datasheet
1Mb / 22P
   Radiation Hardened 40V Quad Precision Low Power Operational Amplifiers
Oct 24, 2019
logo
Intersil Corporation
ISL28108_1107 INTERSIL-ISL28108_1107 Datasheet
1Mb / 26P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28108_1111 INTERSIL-ISL28108_1111 Datasheet
1Mb / 32P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
More results




O Intersil Corporation


Intersil Corporation była amerykańską firmą półprzewodników, która specjalizowała się w projektowaniu i produkcji wysokowydajnych obwodów zintegrowanych analogowych i mieszanych.
Firma została założona w 1967 r. I była znana ze swojej wiedzy specjalistycznej w zakresie zarządzania energią, konwersją danych i technologii częstotliwości radiowej (RF).
Produkty Intersil były używane w szerokiej gamie zastosowań, takich jak elektronika konsumpcyjna, przemysł, telekomunikacja oraz lotnica i obrona.
W 2016 r. Intersil został przejęty przez Renesas Electronics Corporation, japońską firmę półprzewodników.
Marka i technologia Intersil są nadal opracowywane i sprzedawane w ramach portfela produktów Renesas.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com