Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL55001IBZ Arkusz danych (PDF) - Intersil Corporation

ISL55001IBZ Datasheet PDF - Intersil Corporation
Numer części ISL55001IBZ
Pobierz  ISL55001IBZ Pobierz

Rozmiar pliku   558.88 Kbytes
Page   12 Pages
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Szczegółowy opis High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifier

ISL55001IBZ Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
ISL55001IBZ Datasheet PDF - Intersil Corporation

Numer części ISL55001IBZ
Pobierz  ISL55001IBZ Click to download

Rozmiar pliku   558.88 Kbytes
Page   12 Pages
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Szczegółowy opis High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifier

ISL55001IBZ Arkusz danych (HTML) - Intersil Corporation

Back Button ISL55001IBZ Datasheet HTML 1Page - Intersil Corporation ISL55001IBZ Datasheet HTML 2Page - Intersil Corporation ISL55001IBZ Datasheet HTML 3Page - Intersil Corporation ISL55001IBZ Datasheet HTML 4Page - Intersil Corporation ISL55001IBZ Datasheet HTML 5Page - Intersil Corporation ISL55001IBZ Datasheet HTML 6Page - Intersil Corporation ISL55001IBZ Datasheet HTML 7Page - Intersil Corporation ISL55001IBZ Datasheet HTML 8Page - Intersil Corporation ISL55001IBZ Datasheet HTML 9Page - Intersil Corporation ISL55001IBZ Datasheet HTML 10Page - Intersil Corporation Next Button 

ISL55001IBZ Szczegóły Produktu

The ISL55001 is a high speed, low power, low cost
monolithic operational amplifier. The ISL55001 is
unity-gain stable and features a 300V/µs slew rate and
220MHz bandwidth while requiring only 9mA of supply
current.
The power supply operating range of the ISL55001 is
from ±15V down to ±2.5V. For single-supply operation,
the ISL55001 operates from 30V down to 5V.
The ISL55001 also features an extremely wide output
voltage swing of -12.75V/+13.4V with VS = ±15V and
RL = 1kΩ.
At a gain of +1, the ISL55001 has a -3dB bandwidth of
220MHz with a phase margin of 50°. Because of its
conventional voltage-feedback topology, the ISL55001
allows the use of reactive or non-linear elements in its
feedback network. This versatility combined with low
cost and 140mA of output-current drive makes the
ISL55001 an ideal choice for price-sensitive applications
requiring low power and high speed.
The ISL55001 is available in an 8 Ld SO package and
specified for operation over the full -40°C to +85°C
temperature range.

Features
• 220MHz -3dB Bandwidth
• Unity-gain Stable
• Low Supply Current: 9mA @ VS = ±15V
• Wide Supply Range: ±2.5V to ±15V Dual-Supply and
5V to 30V Single-Supply
• High Slew Rate: 300V/µs
• Fast Settling: 75ns to 0.1% for a 10V Step
• Wide Output Voltage Swing: -12.75V/+13.6V with
VS = ±15V, RL = 1kΩ
• Low Cost, Enhanced Replacement for the EL2044
• Pb-free (RoHS compliant)

Applications
• Video Amplifiers
• Single-supply Amplifiers
• Active Filters/Integrators
• High Speed Sample-and-Hold
• High Speed Signal Processing
• ADC/DAC Buffers
• Pulse/RF Amplifiers
• Pin Diode Receivers
• Log Amplifiers
• Photo Multiplier Amplifiers
• Difference Amplifier




Podobny numer części - ISL55001IBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL55001IBZ INTERSIL-ISL55001IBZ Datasheet
562Kb / 12P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifier
logo
Renesas Technology Corp
ISL55001IBZ RENESAS-ISL55001IBZ Datasheet
863Kb / 12P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
ISL55001IBZ-T13 INTERSIL-ISL55001IBZ-T13 Datasheet
562Kb / 12P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifier
logo
Renesas Technology Corp
ISL55001IBZ-T13 RENESAS-ISL55001IBZ-T13 Datasheet
863Kb / 12P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
ISL55001IBZ-T7 INTERSIL-ISL55001IBZ-T7 Datasheet
562Kb / 12P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifier
More results


Podobny opis - ISL55001IBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL55001 RENESAS-ISL55001 Datasheet
863Kb / 12P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
ISL55001 INTERSIL-ISL55001 Datasheet
562Kb / 12P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifier
ISL55002 INTERSIL-ISL55002 Datasheet
699Kb / 14P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifiers
ISL55004IB INTERSIL-ISL55004IB Datasheet
512Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
July 27, 2006
ISL55004 INTERSIL-ISL55004_06 Datasheet
508Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Renesas Technology Corp
ISL55004 RENESAS-ISL55004 Datasheet
800Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
ISL55002 RENESAS-ISL55002 Datasheet
815Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
ISL55002 INTERSIL-ISL55002_06 Datasheet
530Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Elantec Semiconductor
EL2073C ELANTEC-EL2073C Datasheet
368Kb / 12P
   200MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
EL2073 INTERSIL-EL2073 Datasheet
252Kb / 10P
   200MHz Unity-Gain Stable Operational Amplifier
More results




O Intersil Corporation


Intersil Corporation była amerykańską firmą półprzewodników, która specjalizowała się w projektowaniu i produkcji wysokowydajnych obwodów zintegrowanych analogowych i mieszanych.
Firma została założona w 1967 r. I była znana ze swojej wiedzy specjalistycznej w zakresie zarządzania energią, konwersją danych i technologii częstotliwości radiowej (RF).
Produkty Intersil były używane w szerokiej gamie zastosowań, takich jak elektronika konsumpcyjna, przemysł, telekomunikacja oraz lotnica i obrona.
W 2016 r. Intersil został przejęty przez Renesas Electronics Corporation, japońską firmę półprzewodników.
Marka i technologia Intersil są nadal opracowywane i sprzedawane w ramach portfela produktów Renesas.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com