Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL24201IRTZ-EVALZ Arkusz danych (PDF) - Intersil Corporation

ISL24201IRTZ-EVALZ Datasheet PDF - Intersil Corporation
Numer części ISL24201IRTZ-EVALZ
Pobierz  ISL24201IRTZ-EVALZ Pobierz

Rozmiar pliku   465.4 Kbytes
Page   12 Pages
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Szczegółowy opis Programmable VCOM Calibrator with EEPROM

ISL24201IRTZ-EVALZ Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
ISL24201IRTZ-EVALZ Datasheet PDF - Intersil Corporation

Numer części ISL24201IRTZ-EVALZ
Pobierz  ISL24201IRTZ-EVALZ Click to download

Rozmiar pliku   465.4 Kbytes
Page   12 Pages
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Szczegółowy opis Programmable VCOM Calibrator with EEPROM

ISL24201IRTZ-EVALZ Arkusz danych (HTML) - Intersil Corporation

Back Button ISL24201IRTZ-EVALZ Datasheet HTML 1Page - Intersil Corporation ISL24201IRTZ-EVALZ Datasheet HTML 2Page - Intersil Corporation ISL24201IRTZ-EVALZ Datasheet HTML 3Page - Intersil Corporation ISL24201IRTZ-EVALZ Datasheet HTML 4Page - Intersil Corporation ISL24201IRTZ-EVALZ Datasheet HTML 5Page - Intersil Corporation ISL24201IRTZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL24201IRTZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL24201IRTZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL24201IRTZ-EVALZ Datasheet HTML 9Page - Intersil Corporation ISL24201IRTZ-EVALZ Datasheet HTML 10Page - Intersil Corporation Next Button 

ISL24201IRTZ-EVALZ Szczegóły Produktu

The ISL24201 provides an 8-bit programmable current sink that
is used in conjunction with an external voltage divider and buffer
amplifier to generate a voltage source that is positioned between
the analog supply voltage and ground. The current sink’s
resolution is controlled by an external resistor, RSET, and the
span of the VCOM voltage is controlled by the voltage divider
resistor ratio and the source impedance of R1 and R2. This
device has an 8-bit data register and 8-bit EEPROM for storing a
volatile and a permanent value for its output. The ISL24201 has
an I2C bus interface that is used to read and write to its registers
and EEPROM. At power-up the EEPROM value is transferred to
the data register and output.
The ISL24201 is available in an 8 Ld 3mm x 3mm TDFN
package. This package has a maximum height of 0.8mm for very
low profile designs. The ambient operating temperature range is
-40°C to +85°C.

Features
• 8-bit, 256-Step, Adjustable Sink Current Output
• 4.5V to 18V Analog Supply Voltage Operating Range
• 2.25V to 3.6V Logic Supply Voltage Operating Range
• 400kHz, I2C Interface
• On-Chip 8-Bit EEPROM
• Output Guaranteed Monotonic Over-Temperature
• Pb-free (RoHS-compliant)

Applications
• LCD Panel VCOM Generator
• Electrophoretic Display VCOM Generator
• Resistive Sensor Driver
• Low Power Current Loop




Podobny numer części - ISL24201IRTZ-EVALZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL24201IRTZ-EVALZ INTERSIL-ISL24201IRTZ-EVALZ Datasheet
468Kb / 12P
   Programmable VCOM Calibrator with EEPROM Pb-free (RoHS-compliant)
logo
Renesas Technology Corp
ISL24201IRTZ-EVALZ RENESAS-ISL24201IRTZ-EVALZ Datasheet
609Kb / 12P
   Programmable VCOM Calibrator with EEPROM
More results


Podobny opis - ISL24201IRTZ-EVALZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL24202 RENESAS-ISL24202 Datasheet
576Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Intersil Corporation
ISL24202 INTERSIL-ISL24202 Datasheet
437Kb / 12P
   Programmable VCOM Calibrator with EEPROM
ISL24202IRTZ INTERSIL-ISL24202IRTZ Datasheet
435Kb / 12P
   Programmable VCOM Calibrator with EEPROM
March 15, 2011
logo
Renesas Technology Corp
ISL24201 RENESAS-ISL24201 Datasheet
609Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Maxim Integrated Produc...
MAX1512 MAXIM-MAX1512 Datasheet
682Kb / 12P
   EEPROM-Programmable TFT VCOM Calibrator
Rev 2; 8/04
MAX8738 MAXIM-MAX8738 Datasheet
283Kb / 13P
   EEPROM-Programmable TFT VCOM Calibrator with I2C Interface
Rev 0; 3/05
logo
Renesas Technology Corp
ISL24212 RENESAS-ISL24212 Datasheet
585Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
logo
Intersil Corporation
ISL24211 INTERSIL-ISL24211 Datasheet
455Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
ISL24212 INTERSIL-ISL24212 Datasheet
468Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
ISL24211IRTZ INTERSIL-ISL24211IRTZ Datasheet
453Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
February 23, 2011
More results




O Intersil Corporation


Intersil Corporation była amerykańską firmą półprzewodników, która specjalizowała się w projektowaniu i produkcji wysokowydajnych obwodów zintegrowanych analogowych i mieszanych.
Firma została założona w 1967 r. I była znana ze swojej wiedzy specjalistycznej w zakresie zarządzania energią, konwersją danych i technologii częstotliwości radiowej (RF).
Produkty Intersil były używane w szerokiej gamie zastosowań, takich jak elektronika konsumpcyjna, przemysł, telekomunikacja oraz lotnica i obrona.
W 2016 r. Intersil został przejęty przez Renesas Electronics Corporation, japońską firmę półprzewodników.
Marka i technologia Intersil są nadal opracowywane i sprzedawane w ramach portfela produktów Renesas.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com