Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7091R-4BRUZ Arkusz danych (PDF) - Analog Devices

AD7091R-4BRUZ Datasheet PDF - Analog Devices
Numer części AD7091R-4BRUZ
Pobierz  AD7091R-4BRUZ Pobierz

Rozmiar pliku   861.82 Kbytes
Page   42 Pages
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices
Szczegółowy opis 2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit SAR ADC

AD7091R-4BRUZ Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
AD7091R-4BRUZ Datasheet PDF - Analog Devices

Numer części AD7091R-4BRUZ
Pobierz  AD7091R-4BRUZ Click to download

Rozmiar pliku   861.82 Kbytes
Page   42 Pages
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices
Szczegółowy opis 2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit SAR ADC

AD7091R-4BRUZ Arkusz danych (HTML) - Analog Devices

Back Button AD7091R-4BRUZ Datasheet HTML 1Page - Analog Devices AD7091R-4BRUZ Datasheet HTML 2Page - Analog Devices AD7091R-4BRUZ Datasheet HTML 3Page - Analog Devices AD7091R-4BRUZ Datasheet HTML 4Page - Analog Devices AD7091R-4BRUZ Datasheet HTML 5Page - Analog Devices AD7091R-4BRUZ Datasheet HTML 6Page - Analog Devices AD7091R-4BRUZ Datasheet HTML 7Page - Analog Devices AD7091R-4BRUZ Datasheet HTML 8Page - Analog Devices AD7091R-4BRUZ Datasheet HTML 9Page - Analog Devices AD7091R-4BRUZ Datasheet HTML 10Page - Analog Devices Next Button 

AD7091R-4BRUZ Szczegóły Produktu

GENERAL DESCRIPTION
The AD7091R-2/AD7091R-4/AD7091R-8 family is a multichannel 12-bit, ultralow power, successive approximation analog-to-digital converter (ADC) that is available in two, four, or eight analog input channel options. The AD7091R-2/AD7091R-4/AD7091R-8 operate from a single 2.7 V to 5.25 V power supply and are capable of achieving a sampling rate of 1 MSPS.

FEATURES
   Ultralow system power
      Flexible power/throughput rate management
      Normal mode
         1.4 mW at 1 MSPS
      Power-down mode
         550 nA typical at VDD = 5.25 V
         435 nA typical at VDD = 3 V
      Programmable ALERT interrupt pin (4-/8-channel models)
   High performance
      1 MSPS throughput with no latency/pipeline delay
      SNR: 70 dB typical at 10 kHz input frequency
      THD: −80 dB typical at 10 kHz input frequency
      INL: ±0.7 LSB typical, ±1.0 LSB maximum
   Small system footprint
      On-chip accurate 2.5 V reference, 5 ppm/°C typical drift
      MUXOUT/ADCIN to allow single buffer amplifier
      Daisy-chain mode
      16-lead, 20-lead, and 24-lead 4 mm × 4 mm LFCSP packages
      16-lead, 20-lead, and 24-lead TSSOP packages
   Easy to use
      SPI/QSPI™/MICROWIRE™/DSP compatible digital interface
      Integrated programmable channel sequencer
      BUSY indication available (4-/8-channel models)
   Built in features for control and monitoring applications
      GPOx pins available (4-/8-channel models)
   Wide operating range
      Temperature range: −40°C to +125°C
      Specified for VDD of 2.7 V to 5.25 V
  
APPLICATIONS
   Battery-powered systems
   Personal digital assistants
   Medical instruments
   Mobile communications
   Instrumentation and control systems
   Data acquisition systems
   Optical sensors
   Diagnostic/monitoring functions




Podobny numer części - AD7091R-4BRUZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
AD7091R-4BRUZ ETC2-AD7091R-4BRUZ Datasheet
1Mb / 41P
   2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit ADC in 16-/20-/24-Lead TSSOP
AD7091R-4BRUZ-RL7 ETC2-AD7091R-4BRUZ-RL7 Datasheet
1Mb / 41P
   2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit ADC in 16-/20-/24-Lead TSSOP
More results


Podobny opis - AD7091R-4BRUZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC
logo
Analog Devices
AD7298-1 AD-AD7298-1_17 Datasheet
764Kb / 25P
   8-Channel, 1 MSPS, 10-Bit SAR ADC
AD7298-1 AD-AD7298-1 Datasheet
739Kb / 24P
   8-Channel, 1 MSPS, 10-Bit SAR ADC
AD7091 AD-AD7091 Datasheet
448Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 8-Lead LFCSP
REV. A
logo
List of Unclassifed Man...
AD7091R-2BRUZ ETC2-AD7091R-2BRUZ Datasheet
1Mb / 41P
   2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit ADC in 16-/20-/24-Lead TSSOP
logo
Analog Devices
AD7866ARUZ AD-AD7866ARUZ Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7262 AD-AD7262_17 Datasheet
881Kb / 33P
   1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC
AD7866 AD-AD7866 Datasheet
304Kb / 20P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. 0
AD7866 AD-AD7866_15 Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7866 AD-AD7866_17 Datasheet
430Kb / 25P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
More results




O Analog Devices


Analog Devices, Inc. (ADI) to spółka giełdowa, która projektuje, rozwija i produkuje obwody zintegrowane o wysokiej wydajności, mieszane i cyfrowe przetwarzanie sygnałów (DSP) (ICS).
Firma została założona w 1965 roku i ma siedzibę w Norwood w stanie Massachusetts.
ADI obsługuje szeroką gamę branż, w tym lotniska i obronę, motoryzację, komunikację, konsumenckie, przemysłowe, medyczne i testowe i pomiarowe.
Portfolio produktów firmy obejmuje między innymi konwertery danych, wzmacniacze i komparatory, ICS zarządzania energią, mikrokontrolery, czujniki i częstotliwość radiową (RF) oraz komponenty mikrofalowe.
ADI jest poświęcone innowacjom i zadowoleniu klientów i jest zaangażowana w dostarczanie swoim klientom wysokiej jakości, niezawodne rozwiązania w celu zaspokojenia ich potrzeb.
Koncentrując się na efektywności energetycznej i zrównoważonym rozwoju, ADI jest liderem w branży analogowej i mieszanej sygnału IC, kierując postępami technologicznymi i zapewniając innowacyjne rozwiązania najtrudniejszych problemów na świecie.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com