Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADuM1240ARZ Arkusz danych (PDF) - Analog Devices

ADuM1240ARZ Datasheet PDF - Analog Devices
Numer części ADuM1240ARZ
Pobierz  ADuM1240ARZ Pobierz

Rozmiar pliku   470.65 Kbytes
Page   24 Pages
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices
Szczegółowy opis Micropower, Dual-Channel Digital Isolators

ADuM1240ARZ Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
ADuM1240ARZ Datasheet PDF - Analog Devices

Numer części ADuM1240ARZ
Pobierz  ADuM1240ARZ Click to download

Rozmiar pliku   470.65 Kbytes
Page   24 Pages
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices
Szczegółowy opis Micropower, Dual-Channel Digital Isolators

ADuM1240ARZ Arkusz danych (HTML) - Analog Devices

Back Button ADuM1240ARZ Datasheet HTML 1Page - Analog Devices ADuM1240ARZ Datasheet HTML 2Page - Analog Devices ADuM1240ARZ Datasheet HTML 3Page - Analog Devices ADuM1240ARZ Datasheet HTML 4Page - Analog Devices ADuM1240ARZ Datasheet HTML 5Page - Analog Devices ADuM1240ARZ Datasheet HTML 6Page - Analog Devices ADuM1240ARZ Datasheet HTML 7Page - Analog Devices ADuM1240ARZ Datasheet HTML 8Page - Analog Devices ADuM1240ARZ Datasheet HTML 9Page - Analog Devices ADuM1240ARZ Datasheet HTML 10Page - Analog Devices Next Button 

ADuM1240ARZ Szczegóły Produktu

GENERAL DESCRIPTION
The ADuM1240/ADuM1241/ADuM1245/ADuM12461 are micropower, 2-channel, digital isolators based on the Analog Devices, Inc., iCoupler® technology. Combining high speed, complementary metal oxide semiconductor (CMOS) and monolithic air core transformer technologies, these isolation components provide outstanding performance characteristics superior to the alternatives, such as optocoupler devices.

FEATURES
    Ultralow power operation
        3.3 V operation
            5.6 μA per channel quiescent current, refresh enabled
            0.3 μA per channel quiescent current, refresh disabled
            148 μA/Mbps per channel typical dynamic current
        2.5 V operation
            3.1 μA per channel quiescent current, refresh enabled
            0.1 μA per channel quiescent current, refresh disabled
            116 μA/Mbps per channel typical dynamic current
    Small, 20-lead SSOP package and small 8-lead SOIC package
    Bidirectional communication
    Up to 2 Mbps data rate nonreturn to zero (NRZ)
    High temperature operation: 125°C
    High common-mode transient immunity: >25 kV/μs
    Safety and Regulatory Approvals
        UL 1577 component recognition program
            3750 V rms for 1 minute per UL 1577 (20-lead SSOP)
            3000 V rms for 1 minute per UL 1577 (8-lead SOIC)
        CSA Component Acceptance Notice 5A
        VDE certificate of conformity
            DIN V VDE V 0884-10 (VDE V 0884-10): 2006-12
            VIORM = 849 V peak (20-lead SSOP)
            VIORM = 560 V peak (8-lead SOIC)

APPLICATIONS
    General-purpose, low power, multichannel isolation
    1 MHz low power serial peripheral interface (SPI)
    4 mA to 20 mA loop process control




Podobny numer części - ADuM1240ARZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM1240ARZ AD-ADUM1240ARZ Datasheet
491Kb / 24P
   Micropower, Dual-Channel Digital Isolators
Rev. B
ADUM1240ARZ-RL7 AD-ADUM1240ARZ-RL7 Datasheet
491Kb / 24P
   Micropower, Dual-Channel Digital Isolators
Rev. B
More results


Podobny opis - ADuM1240ARZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM1240 AD-ADUM1240_V01 Datasheet
491Kb / 24P
   Micropower, Dual-Channel Digital Isolators
Rev. B
ADUM1440 AD-ADUM1440 Datasheet
440Kb / 24P
   Micropower Quad-Channel Digital Isolators
REV. 0
ADUM1440 AD-ADUM1440_V01 Datasheet
465Kb / 25P
   Micropower Quad-Channel Digital Isolators
Rev. E
ADUM1200 AD-ADUM1200 Datasheet
704Kb / 20P
   Dual-Channel Digital Isolators
REV. B
ADUM1200 AD-ADUM1200_15 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADUM1200UR-EP AD-ADUM1200UR-EP Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADUM1201 AD-ADUM1201_15 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
logo
Texas Instruments
ISO7220A TI1-ISO7220A_15 Datasheet
1Mb / 35P
[Old version datasheet]   Dual Channel Digital Isolators
logo
Analog Devices
ADUM1200 AD-ADUM1200_12 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
logo
Silicon Laboratories
SI8410 SILABS-SI8410 Datasheet
571Kb / 26P
   SINGLE & DUAL-CHANNEL DIGITAL ISOLATORS
More results




O Analog Devices


Analog Devices, Inc. (ADI) to spółka giełdowa, która projektuje, rozwija i produkuje obwody zintegrowane o wysokiej wydajności, mieszane i cyfrowe przetwarzanie sygnałów (DSP) (ICS).
Firma została założona w 1965 roku i ma siedzibę w Norwood w stanie Massachusetts.
ADI obsługuje szeroką gamę branż, w tym lotniska i obronę, motoryzację, komunikację, konsumenckie, przemysłowe, medyczne i testowe i pomiarowe.
Portfolio produktów firmy obejmuje między innymi konwertery danych, wzmacniacze i komparatory, ICS zarządzania energią, mikrokontrolery, czujniki i częstotliwość radiową (RF) oraz komponenty mikrofalowe.
ADI jest poświęcone innowacjom i zadowoleniu klientów i jest zaangażowana w dostarczanie swoim klientom wysokiej jakości, niezawodne rozwiązania w celu zaspokojenia ich potrzeb.
Koncentrując się na efektywności energetycznej i zrównoważonym rozwoju, ADI jest liderem w branży analogowej i mieszanej sygnału IC, kierując postępami technologicznymi i zapewniając innowacyjne rozwiązania najtrudniejszych problemów na świecie.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com