Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS-926MC Arkusz danych (PDF) - List of Unclassifed Manufacturers

ADS-926MC Datasheet PDF - List of Unclassifed Manufacturers
Numer części ADS-926MC
Pobierz  ADS-926MC Pobierz

Rozmiar pliku   151.41 Kbytes
Page   8 Pages
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers
Szczegółowy opis 14-Bit, 500kHz, Low-Power Sampling A/D Converters

ADS-926MC Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
ADS-926MC Datasheet PDF - List of Unclassifed Manufacturers

Numer części ADS-926MC
Pobierz  ADS-926MC Click to download

Rozmiar pliku   151.41 Kbytes
Page   8 Pages
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers
Szczegółowy opis 14-Bit, 500kHz, Low-Power Sampling A/D Converters

ADS-926MC Arkusz danych (HTML) - List of Unclassifed Manufacturers

ADS-926MC Datasheet HTML 1Page - List of Unclassifed Manufacturers ADS-926MC Datasheet HTML 2Page - List of Unclassifed Manufacturers ADS-926MC Datasheet HTML 3Page - List of Unclassifed Manufacturers ADS-926MC Datasheet HTML 4Page - List of Unclassifed Manufacturers ADS-926MC Datasheet HTML 5Page - List of Unclassifed Manufacturers ADS-926MC Datasheet HTML 6Page - List of Unclassifed Manufacturers ADS-926MC Datasheet HTML 7Page - List of Unclassifed Manufacturers ADS-926MC Datasheet HTML 8Page - List of Unclassifed Manufacturers

ADS-926MC Szczegóły Produktu

[Datel]

GENERAL DESCRIPTION
The ADS-926 is a high-performance, 14-bit, 500kHz sampling A/D converter. This device accurately samples full-scale input signals up to Nyquist frequencies with no missing codes and exhibits outstanding dynamic performance that surpasses most 16-bit, 500kHz sampling A/Ds. THD and SNR, for example, are typically –90dB and 80dB when converting full scale input signals up to 100kHz.

FEATURES
• 14-bit resolution
• 500kHz sampling rate
• Functionally complete; No missing codes
• Small 24-pin DDIP or SMT package
• Operates from ±15V or ±12V supplies
• Low power, 1.75 Watts maximum
• Samples up to Nyquist frequencies
• Outstanding dynamic performance
• Bipolar ±5V input range
 




Podobny numer części - ADS-926MC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
ADS-926MC ETC-ADS-926MC Datasheet
187Kb / 8P
   14-Bit, 500kHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-926MC MURATA-PS-ADS-926MC Datasheet
189Kb / 8P
   14-Bit, 500kHz, Low-Power Sampling A/D Converters
ADS-926MC MURATA-PS-ADS-926MC Datasheet
153Kb / 8P
   14-Bit, 500kHz, Low-Power Sampling A/D Converters
logo
DATEL, Inc.
ADS-926MC DATEL-ADS-926MC Datasheet
107Kb / 1P
   Sampling A/D Converters
ADS-926MC-C DATEL-ADS-926MC-C Datasheet
107Kb / 1P
   Sampling A/D Converters
More results


Podobny opis - ADS-926MC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Murata Power Solutions ...
ADS-916 MURATA-PS-ADS-916 Datasheet
189Kb / 8P
   14-Bit, 500kHz, Low-Power Sampling A/D Converters
ADS-926 MURATA-PS-ADS-926 Datasheet
153Kb / 8P
   14-Bit, 500kHz, Low-Power Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-916 ETC-ADS-916 Datasheet
187Kb / 8P
   14-Bit, 500kHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-928 MURATA-PS-ADS-928 Datasheet
1Mb / 4P
   500kHz, 14-Bit Sampling A/D Converters
logo
List of Unclassifed Man...
ADS950 ETC-ADS950 Datasheet
184Kb / 6P
   18-Bit, 500kHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-930 MURATA-PS-ADS-930 Datasheet
297Kb / 8P
   16-Bit, 500kHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-930 ETC1-ADS-930 Datasheet
603Kb / 8P
   16-Bit, 500kHz Sampling A/D Converters
ADS-927 ETC-ADS-927 Datasheet
150Kb / 8P
   14-Bit, 1MHz, Low-Power Sampling A/D Converters
ADS929 ETC-ADS929 Datasheet
190Kb / 8P
   14-Bit, 2MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-919 MURATA-PS-ADS-919 Datasheet
187Kb / 8P
   14-Bit, 2MHz, Low-Power Sampling A/D Converters
More results



Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com