Producent | Numer części | Arkusz danych | Szczegółowy opis |
AIMTEC |
AMEPR10D-5020AZUD
|
357Kb / 4P |
up to 0.7A | AC-DC LED driver
|
AMEPR8D-AZ
|
254Kb / 4P |
up to 0.7A | AC-DC LED Driver
|
AMEPR8D-2435AZ
|
507Kb / 4P |
up to 0.7A | AC-DC LED Driver
|
AMEPR10D-AZ
|
427Kb / 4P |
up to 0.7A | AC-DC / DC-DC LED driver
|
AMEPR25D-24100AZ
|
212Kb / 4P |
up to 1A | AC-DC LED Driver
|
AMEPR30D-5070AZ-U
|
505Kb / 5P |
up to 2A | AC-DC LED driver
|
AMER60N-42130Z
|
819Kb / 7P |
up to 1600mA | AC-DC LED driver
|
AMEPR50N-42100Z
|
549Kb / 6P |
up to 1150mA | AC-DC LED driver
|
AMER160-48320Z
|
436Kb / 6P |
up to 3400mA | AC-DC LED driver
|
AMEQR50N-50100Z
|
418Kb / 4P |
up to 1000mA | AC-DC LED driver
|