Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC145165P Arkusz danych (PDF) - Motorola, Inc

MC145165P Datasheet PDF - Motorola, Inc
Numer części MC145165P
Pobierz  MC145165P Pobierz

Rozmiar pliku   49.09 Kbytes
Page   2 Pages
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Szczegółowy opis LOW-VOLTAGE 60MHZ UNIVERSAL PROGRAMMABLE DUAL PLL FREQUENCY SYNTHESIZER CMOS

MC145165P Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
MC145165P Datasheet PDF - Motorola, Inc

Numer części MC145165P
Pobierz  MC145165P Click to download

Rozmiar pliku   49.09 Kbytes
Page   2 Pages
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Szczegółowy opis LOW-VOLTAGE 60MHZ UNIVERSAL PROGRAMMABLE DUAL PLL FREQUENCY SYNTHESIZER CMOS

MC145165P Arkusz danych (HTML) - Motorola, Inc

MC145165P Datasheet HTML 1Page - Motorola, Inc MC145165P Datasheet HTML 2Page - Motorola, Inc

MC145165P Szczegóły Produktu

Low-Voltage 60MHz Universal Programmable Dual PLL Frequency Synthesizer CMOS

The MC145165 is a low–voltage dual phase–locked loop (PLL) frequency synthesizer especially designed for CT–1 cordless phone applications worldwide. This frequency synthesizer is also for any product with a frequency operation at 60 MHz or below.
This chip is suitable for any portable RF products which use two 1.2 V chargeable Ni–Cd batteries. The feature of low operating voltage can reduce the current consumption and the cost of the portable RF products by reducing the number of batteries used.

• Operating Voltage Range: 1.8 to 3.6 V
• Operating Temperature Range: – 40 to + 75°C
• Operating Power Consumption: 1.5 mA @ 1.8 V
• Maximum Operating Frequency: 60 MHz
• Minimum Input Sensitivity: 60 MHz @ 200 mV p–p, VDD = 1.8 V
• Three or Four Pins Used for Serial MCU Interface
• Built–In MCU Clock Output with Frequency of Reference Oscillator ÷3/÷4
• Power Saving Mode Controlled by MCU
• Lock Detect Signal
• On–Chip Reference Oscillator Supports External Crystals to 16.0 MHz
• Reference Frequency Counter Division Range: 16 to 4095
• Auxiliary Reference Frequency Counter Division Range: 16 to 16,383
• Transmit Counter Division Range: 16 to 65,535
• Receive Counter Division Range: 16 to 65,535




Podobny numer części - MC145165P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC145160 MOTOROLA-MC145160 Datasheet
189Kb / 7P
   Dual PLLs For 46/49 MHz Cordless Telephones CMOS
MC145162 MOTOROLA-MC145162 Datasheet
153Kb / 24P
   60MHZ AND 85 MHZ UNIVERSAL PROGRAMMABLE DUAL PLL FREQUENCY SYNTHESIZERS
MC145162-1 MOTOROLA-MC145162-1 Datasheet
153Kb / 24P
   60MHZ AND 85 MHZ UNIVERSAL PROGRAMMABLE DUAL PLL FREQUENCY SYNTHESIZERS
MC145162D MOTOROLA-MC145162D Datasheet
153Kb / 24P
   60MHZ AND 85 MHZ UNIVERSAL PROGRAMMABLE DUAL PLL FREQUENCY SYNTHESIZERS
logo
LANSDALE Semiconductor ...
MC145162D LANSDALE-MC145162D Datasheet
1Mb / 24P
   60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers CMOS
More results


Podobny opis - MC145165P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hynix Semiconductor
GM6535 HYNIX-GM6535 Datasheet
225Kb / 23P
   60 MHz Universal Programmable Dual PLL Frequency synthesizer
logo
Motorola, Inc
MC145162 MOTOROLA-MC145162 Datasheet
153Kb / 24P
   60MHZ AND 85 MHZ UNIVERSAL PROGRAMMABLE DUAL PLL FREQUENCY SYNTHESIZERS
logo
LANSDALE Semiconductor ...
ML145106 LANSDALE-ML145106 Datasheet
389Kb / 8P
   PLL Frequency Synthesizer CMOS
logo
Fujitsu Component Limit...
MB87001A FUJITSU-MB87001A Datasheet
339Kb / 12P
   CMOS PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC145106 MOTOROLA-MC145106 Datasheet
119Kb / 8P
   PLL FREQUENCY SYNTHESIZER CMOS
logo
Fujitsu Component Limit...
MB87014A FUJITSU-MB87014A Datasheet
658Kb / 12P
   CMOS PLL Frequency Synthesizer
MB87073 FUJITSU-MB87073 Datasheet
409Kb / 12P
   CMOS PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4212L AD-ADF4212L_15 Datasheet
390Kb / 28P
   Dual Low Power PLL Frequency Synthesizer
Rev. E
ADF4212L AD-ADF4212L Datasheet
245Kb / 20P
   Dual Low Power PLL Frequency Synthesizer
REV. 0
logo
Motorola, Inc
MC145149 MOTOROLA-MC145149 Datasheet
157Kb / 12P
   Dual PLL Frequency Synthesizer
More results




O Motorola, Inc


Motorola, Inc. była amerykańską międzynarodową firmą telekomunikacyjną, która została założona w 1928 roku. Miała siedzibę w Schaumburgu w stanie Illinois i była jednym z największych dostawców telefonów komórkowych, sprzętu telekomunikacyjnego i półprzewodników. W całej swojej historii Motorola była znana z innowacji w dziedzinie telekomunikacji, w tym z rozwoju pierwszego na świecie dostępnego na rynku telefonu komórkowego, Dynatac i pierwszego na świecie dwukierunkowego pagera, Pageboya.

W 2011 r. Motorola podzielił się na dwie oddzielne firmy: Motorola Mobility i Motorola Solutions. Motorola Mobility została później przejęta przez Google w 2012 roku i jest obecnie spółką zależną Lenovo. Motorola Solutions koncentruje się na rozwiązaniach związanych z bezpieczeństwem publicznym i komercyjnym i przemysłowym. Firma zapewnia szeroką gamę produktów, w tym radiotelefony, mobilne urządzenia komputerowe i sprzęt infrastruktury sieciowej.

Motorola była jednym z pionierów branży telefonów komórkowych i ma bogatą historię innowacji i postępów technologicznych. Dziedzictwo firmy trwa poprzez jej spółki zależne, a jej technologia i produkty są nadal używane na całym świecie.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com