Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC145706DW Arkusz danych (PDF) - Motorola, Inc

MC145706DW Datasheet PDF - Motorola, Inc
Numer części MC145706DW
Pobierz  MC145706DW Pobierz

Rozmiar pliku   232.58 Kbytes
Page   12 Pages
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Szczegółowy opis 5 VOLT ONLY DRIVER/RECEIVER WITH AN INTERGRATED STANDBY MODE

MC145706DW Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
MC145706DW Datasheet PDF - Motorola, Inc

Numer części MC145706DW
Pobierz  MC145706DW Click to download

Rozmiar pliku   232.58 Kbytes
Page   12 Pages
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Szczegółowy opis 5 VOLT ONLY DRIVER/RECEIVER WITH AN INTERGRATED STANDBY MODE

MC145706DW Arkusz danych (HTML) - Motorola, Inc

Back Button MC145706DW Datasheet HTML 1Page - Motorola, Inc MC145706DW Datasheet HTML 2Page - Motorola, Inc MC145706DW Datasheet HTML 3Page - Motorola, Inc MC145706DW Datasheet HTML 4Page - Motorola, Inc MC145706DW Datasheet HTML 5Page - Motorola, Inc MC145706DW Datasheet HTML 6Page - Motorola, Inc MC145706DW Datasheet HTML 7Page - Motorola, Inc MC145706DW Datasheet HTML 8Page - Motorola, Inc MC145706DW Datasheet HTML 9Page - Motorola, Inc MC145706DW Datasheet HTML 10Page - Motorola, Inc Next Button 

MC145706DW Szczegóły Produktu

5 Volt Only Driver/Receiver with an Integrated Standly Mode
EIA–232–E and CCITT V.28

The MC145705/06/07 are a series of silicon–gate CMOS transceiver ICs that fulfill the electrical specifications of EIA–232–E and CCITT V.28 while operating from a single + 5 V power supply. These transceiver series are high performance and low power consumption devices that are equipped with standby and output enable function.
A voltage doubler and inverter convert the + 5 V to ± 10 V. This is accomplished through an on–board 20 kHz oscillator and four inexpensive external electrolytic capacitors.
The MC145705 is composed of two drivers and three receivers, the MC145706 has three drivers and two receivers, and the MC145707 has three drivers and three receivers. These drivers and receivers are virtually identical to those of the MC145407.

Drivers:
• ± 7.5 Output Swing
• 300 Ω Power–Off Impedance
• Output Current Limiting
• TTL and CMOS Compatible Inputs
• Three–State Outputs During Standby Mode
• Hold Output OFF (MARK) State by TxEN Pin

Receivers:
• ± 25 V Input Range
• 3 to 7 kΩ Input Impedance
• 0.8 V Hysteresis for Enhanced Noise Immunity
• Three–State Outputs During Standby Mode

Charge Pumps:
• + 5 to ± 10 V Dual Charge Pump Architecture
• Supply Outputs Capable of Driving Three Drivers on the MC145403/06 Simultaneously
• Requires Four Inexpensive Electrolytic Capacitors
• On–Chip 20 kHz Oscillators




Podobny numer części - MC145706DW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC14570 MOTOROLA-MC14570 Datasheet
486Kb / 16P
   PLL FREQUENCY SYNTHESIZER WITH SERIAL INTERFACE
MC14570D MOTOROLA-MC14570D Datasheet
486Kb / 16P
   PLL FREQUENCY SYNTHESIZER WITH SERIAL INTERFACE
MC14570P MOTOROLA-MC14570P Datasheet
486Kb / 16P
   PLL FREQUENCY SYNTHESIZER WITH SERIAL INTERFACE
More results


Podobny opis - MC145706DW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC14529B MOTOROLA-MC14529B Datasheet
253Kb / 8P
   3.3 VOLT ONLY DRIVER / RECEIVER WITH AN INTEGRATED STANDBY MODE
MC145583 MOTOROLA-MC145583 Datasheet
191Kb / 8P
   3.3 VOLT ONLY DRIVER / RECEIVER WITH AN INTEGRATED STANDBY MODE
MC145407 MOTOROLA-MC145407 Datasheet
178Kb / 8P
   5 VOLT ONLY DRIVER / RECEIVER
logo
LANSDALE Semiconductor ...
ML145583 LANSDALE-ML145583 Datasheet
527Kb / 7P
   3.3 Volt Only Driver/Receiver with an Integrated Standby Mode RS 232/EIA-232-E and CCITT V.28
ML145583 LANSDALE-ML145583_08 Datasheet
142Kb / 7P
   3.3 Volt Only Driver/Receiver
ML145407 LANSDALE-ML145407_08 Datasheet
173Kb / 8P
   5 Volt Only Driver
ML145407 LANSDALE-ML145407 Datasheet
679Kb / 8P
   5 Volt Only Driver/Receiver RS232 EIA-232-E and CCITT V.28
logo
Zarlink Semiconductor I...
MV8870 ZARLINK-MV8870 Datasheet
205Kb / 12P
   INTERGRATED DTMF RECEIVER
logo
ATMEL Corporation
AT45D021A ATMEL-AT45D021A Datasheet
395Kb / 28P
   2-megabit 5-volt Only Serial DataFlash
AT45D021 ATMEL-AT45D021 Datasheet
200Kb / 18P
   2-Megabit 5-volt Only Serial DataFlash
More results




O Motorola, Inc


Motorola, Inc. była amerykańską międzynarodową firmą telekomunikacyjną, która została założona w 1928 roku. Miała siedzibę w Schaumburgu w stanie Illinois i była jednym z największych dostawców telefonów komórkowych, sprzętu telekomunikacyjnego i półprzewodników. W całej swojej historii Motorola była znana z innowacji w dziedzinie telekomunikacji, w tym z rozwoju pierwszego na świecie dostępnego na rynku telefonu komórkowego, Dynatac i pierwszego na świecie dwukierunkowego pagera, Pageboya.

W 2011 r. Motorola podzielił się na dwie oddzielne firmy: Motorola Mobility i Motorola Solutions. Motorola Mobility została później przejęta przez Google w 2012 roku i jest obecnie spółką zależną Lenovo. Motorola Solutions koncentruje się na rozwiązaniach związanych z bezpieczeństwem publicznym i komercyjnym i przemysłowym. Firma zapewnia szeroką gamę produktów, w tym radiotelefony, mobilne urządzenia komputerowe i sprzęt infrastruktury sieciowej.

Motorola była jednym z pionierów branży telefonów komórkowych i ma bogatą historię innowacji i postępów technologicznych. Dziedzictwo firmy trwa poprzez jej spółki zależne, a jej technologia i produkty są nadal używane na całym świecie.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com