Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

US6T9 Arkusz danych(PDF) 1 Page - Rohm

Numer części US6T9
Szczegółowy opis  General purpose amplification (-30V, -1A)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

US6T9 Arkusz danych(HTML) 1 Page - Rohm

  US6T9 Datasheet HTML 1Page - Rohm US6T9 Datasheet HTML 2Page - Rohm US6T9 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
US6T9
Transistors
Rev.A
1/2
General purpose amplification (
−30V, −1A)
US6T9
Application
Low frequency amplifier
Driver
Features
1) Collector current is large.
2) Collector saturation voltage is low.
VCE(sat)
≤ −350mV
At IC = −500mA / IB = −25mA
External dimensions
(Unit : mm)
0.15Max.
(2)
(5)
(1)
(3)
(6)
(4)
1.7
0.2
0.2
2.1
ROHM : TUMT6
Abbreviated symbol : T09
1pin mark
Absolute maximum ratings
(Ta=25
°C)
Parameter
Symbol
VCBO
VCEO
VEBO
IC
ICP
PC
Tj
Tstg
Limits
−30
−30
−6
−1
400
150
−55 to +150
−2
∗1
Unit
V
V
V
A
A
mW/TOTAL
°C
°C
∗2
1.0
W/TOTAL ∗3
0.7
WELEMENT ∗3
∗1
∗2
∗3
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Power dissipation
Junction temperature
Range of storage temperature
Single pulse, PW
=1ms
Each Terminal Mounted on a Recommended
Mounted on a 25mm
×25mm× 0.8mm Ceramic substrate
t
Equivalent circuit
(4)
(5)
(6)
(1)
(2)
(3)
Electrical characteristics
(Ta=25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
VCB
=−10V, IE=0A, f=1MHz
fT
320
MHz
VCE
=−2V, IE=100mA, f=100MHz
BVCBO
−30
−−
V
IC
=−10µA
BVCEO
−30
−−
V
IC
=−1mA
BVEBO
−6
−−
V
IE
=−10µA
ICBO
−−
−100
nA
VCB
=−30V
IEBO
−−
−100
nA
VEB
=−6V
VCE(sat)
−−150
−350
mV
IC
=−500mA, IB=−25mA
hFE
270
680
VCE
=−2V, IC=−100mA
Cob
7
pF
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
Collector-emitter saturation voltage
DC current gain
Transition frequency
Collector output capacitance
∗ Pulsed


Podobny numer części - US6T9

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
US6T9 ROHM-US6T9 Datasheet
113Kb / 3P
General purpose amplification (−30V, −1A)
US6T9 ROHM-US6T9_1 Datasheet
113Kb / 3P
General purpose amplification (−30V, −1A)
More results

Podobny opis - US6T9

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
2SD2675 ROHM-2SD2675 Datasheet
90Kb / 3P
General purpose amplification (30V, 1A)
2SB1694 ROHM-2SB1694 Datasheet
67Kb / 2P
General purpose amplification (-30V, -1A)
2SD2656 ROHM-2SD2656 Datasheet
75Kb / 3P
General purpose amplification (30V, 1A)
US6X8 ROHM-US6X8 Datasheet
68Kb / 3P
General purpose amplification (30V, 1A)
QSX8 ROHM-QSX8 Datasheet
69Kb / 3P
General purpose amplification (30V, 1A)
2SD2675 ROHM-2SD2675_1 Datasheet
74Kb / 3P
General purpose amplification (30V, 1A)
US6X8 ROHM-US6X8_1 Datasheet
75Kb / 3P
General purpose amplification (30V, 1A)
logo
Littelfuse
2SD2675TL LITTELFUSE-2SD2675TL Datasheet
62Kb / 3P
General purpose amplification (30V, 1A)
logo
Rohm
BSS4130 ROHM-BSS4130 Datasheet
1Mb / 10P
General purpose amplification (30V, 1A)
BSS5130 ROHM-BSS5130 Datasheet
1Mb / 10P
General purpose amplification (-30V, -1A)
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com