| Zakładka z wyszukiwarką danych komponentów |
|
DSP56857 Arkusz danych(PDF) 123 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56857 Arkusz danych(HTML) 123 Page - Freescale Semiconductor, Inc |
|
123 / 662 page ![]() Generated Clocks System Integration Module (SIM), Rev. 4 Freescale Semiconductor 4-15 4.8 Generated Clocks A description of the System Integrated Module (SIM) clock signals is shown in Table 4-8. Table 4-8. SIM Clock Signals Clock Output Frequency Enable Condition Used By CLK_SYS_DRAM CLK_MSTR/2 ((~HOLD OFF)¾ HOLD_DRAM) and (~Stop mode) Data RAM CLK_SYS_IPBB CLK_MSTR/2 ((~HOLD OFF) ¾HOLD_IPBB) and (~Stop mode) IPBus Bridge CLK_SYS_CPUCLK CLK_MSTR/2 (~c7WAITST) and Run mode Core CLK_CPU_PCLK CLK_MSTR/2 (~Stop mode) and ((~RST_CORE)¾ JHAWKCORETAP_EN ¾ EOnCE EBL Note: JHAWKCORETAP_EN is re synchronized before use Core EOnCE clock CLK_CPU_NCLK CLK_MSTR/2 (~Stop mode) and (~RST_CORE)¾ N1CLKEN) Core EOnCE clock CLK_CPU_WCLK CLK_SCAN Always Enabled Core scan clock CLK_SYS_GENRL CLK_MSTR/2 (~HOLD OFF) and (~Stop mode) SIM, Program RAM, SBC, SAD, ROM CLK_SYS_GENRL_INV CLK_MSTR/2 (~HOLD OFF), (~Stop mode), and (TMODE_BIST) RAM and ROM BIST CLK_CPU_CONT CLK_MSTR/2 Always Enabled SIM CLK_PER_CONT CLK_MSTR/4 (~Stop mode) Peripherals CLK_PER_CONT_INV CLK_MSTR/4 (~Stop mode) EMI CLK_CLKOUT CLK_MSTR/8 (~CLKOUT Disable) Output pad CLKOUT PCLK_PHASE — Identical to CLK_PER_CONT, but phase shifted to rise earlier DMA, IPBB HOLD OFF — HOLD_DRAM ¾ HOLD_IPBB PAD, IPBB C7WAITST — (HOLD OFF¾ CORE-STALL) and RST_CORE Core |