Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

APM2518N Arkusz danych(PDF) 3 Page - Sinopower Semiconductor Inc

Numer części APM2518N
Szczegółowy opis  N-Channel Enhancement Mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SINOPWER [Sinopower Semiconductor Inc]
Strona internetowa  http://www.sinopowersemi.com/Form2/index.aspx
Logo SINOPWER - Sinopower Semiconductor Inc

APM2518N Arkusz danych(HTML) 3 Page - Sinopower Semiconductor Inc

  APM2518N Datasheet HTML 1Page - Sinopower Semiconductor Inc APM2518N Datasheet HTML 2Page - Sinopower Semiconductor Inc APM2518N Datasheet HTML 3Page - Sinopower Semiconductor Inc APM2518N Datasheet HTML 4Page - Sinopower Semiconductor Inc APM2518N Datasheet HTML 5Page - Sinopower Semiconductor Inc APM2518N Datasheet HTML 6Page - Sinopower Semiconductor Inc APM2518N Datasheet HTML 7Page - Sinopower Semiconductor Inc APM2518N Datasheet HTML 8Page - Sinopower Semiconductor Inc APM2518N Datasheet HTML 9Page - Sinopower Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
www.sinopowersemi.com
3
APM2518NU
®
Copyright ã Sinopower Semiconductor, Inc.
Rev. A.4 - December, 2016
Electrical Characteristics (Cont.) (T
A=25°C Unless Otherwise Noted)
APM2518NU
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Dynamic Characteristics
b
RG
Gate Resistance
VGS=0V,VDS=0V,F=1MHz
-
2.5
-
W
Ciss
Input Capacitance
-
1080
-
Coss
Output Capacitance
-
200
-
Crss
Reverse Transfer Capacitance
VGS=0V,
VDS=15V,
Frequency=1.0MHz
-
170
-
pF
td(ON)
Turn-on Delay Time
-
12
22
tr
Turn-on Rise Time
-
11
21
td(OFF)
Turn-off Delay Time
-
35
64
tf
Turn-off Fall Time
VDD=15V, RL=15W,
IDS=1A, VGEN=10V,
RG=6W
-
17
32
ns
Gate Charge Characteristics
b
Qg
Total Gate Charge
-
18
25
Qgs
Gate-Source Charge
-
2.7
-
Qgd
Gate-Drain Charge
VDS=15V, VGS=10V,
IDS=30A
-
8
-
nC
Note a : Pulse test ; pulse width
£300
ms, duty cycle£2%.
Note b : Guaranteed by design, not subject to production testing.


Podobny numer części - APM2518N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Anpec Electronics Corop...
APM2512N ANPEC-APM2512N Datasheet
205Kb / 9P
N-Channel Enhancement Mode MOSFET
APM2512NU ANPEC-APM2512NU Datasheet
207Kb / 11P
N-Channel Enhancement Mode MOSFET
APM2512NUC-TR ANPEC-APM2512NUC-TR Datasheet
207Kb / 11P
N-Channel Enhancement Mode MOSFET
APM2512NUC-TRL ANPEC-APM2512NUC-TRL Datasheet
205Kb / 9P
N-Channel Enhancement Mode MOSFET
APM2512NUC-TRL ANPEC-APM2512NUC-TRL Datasheet
207Kb / 11P
N-Channel Enhancement Mode MOSFET
More results

Podobny opis - APM2518N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
N-Channel Enhancement Mode MOSFET
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com