Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

APM2518N Arkusz danych(PDF) 4 Page - Sinopower Semiconductor Inc

Numer części APM2518N
Szczegółowy opis  N-Channel Enhancement Mode MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SINOPWER [Sinopower Semiconductor Inc]
Strona internetowa  http://www.sinopowersemi.com/Form2/index.aspx
Logo SINOPWER - Sinopower Semiconductor Inc

APM2518N Arkusz danych(HTML) 4 Page - Sinopower Semiconductor Inc

  APM2518N Datasheet HTML 1Page - Sinopower Semiconductor Inc APM2518N Datasheet HTML 2Page - Sinopower Semiconductor Inc APM2518N Datasheet HTML 3Page - Sinopower Semiconductor Inc APM2518N Datasheet HTML 4Page - Sinopower Semiconductor Inc APM2518N Datasheet HTML 5Page - Sinopower Semiconductor Inc APM2518N Datasheet HTML 6Page - Sinopower Semiconductor Inc APM2518N Datasheet HTML 7Page - Sinopower Semiconductor Inc APM2518N Datasheet HTML 8Page - Sinopower Semiconductor Inc APM2518N Datasheet HTML 9Page - Sinopower Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.sinopowersemi.com
4
APM2518NU
®
Copyright ã Sinopower Semiconductor, Inc.
Rev. A.4 - December, 2016
Typical Operating Characteristics
Power Dissipation
Tj - Junction Temperature (°C)
Drain Current
Tj - Junction Temperature (°C)
Safe Operation Area
VDS - Drain - Source Voltage (V)
Thermal Transient Impedance
Square Wave Pulse Duration (sec)
0
20 40 60 80 100 120 140 160 180
0
10
20
30
40
50
60
T
C=25
oC
0
20
40
60
80 100 120 140 160
0
10
20
30
40
50
60
T
C=25
oC,V
G=10V
0.01
0.1
1
10
100
0.1
1
10
100
400
1s
T
C=25
OC
10ms
1ms
100ms
DC
1E-4 1E-3
0.01
0.1
1
10
100
0.01
0.1
1
2
Mounted on 1in
2 pad
R
qJA :50
oC/W
0.01
0.02
0.05
0.1
0.2
Single Pulse
Duty = 0.5


Podobny numer części - APM2518N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Anpec Electronics Corop...
APM2512N ANPEC-APM2512N Datasheet
205Kb / 9P
   N-Channel Enhancement Mode MOSFET
APM2512NU ANPEC-APM2512NU Datasheet
207Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2512NUC-TR ANPEC-APM2512NUC-TR Datasheet
207Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2512NUC-TRL ANPEC-APM2512NUC-TRL Datasheet
205Kb / 9P
   N-Channel Enhancement Mode MOSFET
APM2512NUC-TRL ANPEC-APM2512NUC-TRL Datasheet
207Kb / 11P
   N-Channel Enhancement Mode MOSFET
More results

Podobny opis - APM2518N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com