Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

APM2518N Arkusz danych(PDF) 1 Page - Sinopower Semiconductor Inc

Numer części APM2518N
Szczegółowy opis  N-Channel Enhancement Mode MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SINOPWER [Sinopower Semiconductor Inc]
Strona internetowa  http://www.sinopowersemi.com/Form2/index.aspx
Logo SINOPWER - Sinopower Semiconductor Inc

APM2518N Arkusz danych(HTML) 1 Page - Sinopower Semiconductor Inc

  APM2518N Datasheet HTML 1Page - Sinopower Semiconductor Inc APM2518N Datasheet HTML 2Page - Sinopower Semiconductor Inc APM2518N Datasheet HTML 3Page - Sinopower Semiconductor Inc APM2518N Datasheet HTML 4Page - Sinopower Semiconductor Inc APM2518N Datasheet HTML 5Page - Sinopower Semiconductor Inc APM2518N Datasheet HTML 6Page - Sinopower Semiconductor Inc APM2518N Datasheet HTML 7Page - Sinopower Semiconductor Inc APM2518N Datasheet HTML 8Page - Sinopower Semiconductor Inc APM2518N Datasheet HTML 9Page - Sinopower Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
N-Channel Enhancement Mode MOSFET
www.sinopowersemi.com
1
APM2518NU
®
SINOPOWER reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
Copyright ã Sinopower Semiconductor, Inc.
Rev. A.4 - December, 2016
Pin Description
Ordering and Marking Information
Features
Applications
·
25V/50A,
R
DS(ON)=8mW (Typ.) @ VGS=10V
R
DS(ON)=15mW (Typ.) @ VGS=4.5V
· 100% UIS + R
g Tested
· Reliable and Rugged
·
Avalanche Rated
·
Lead Free and Green Devices Available
(RoHS Compliant)
·
Power Management in Desktop Computer or
DC/DC Converters.
N-Channel MOSFET
Top View of TO-252-2
G
S
D
APM2518N
Handling Code
Temperature Range
Package Code
Package Code
U : TO-252-2
Operating Junction Temperature Range
C : -55 to 150 oC
Handling Code
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device
APM2518N U :
APM2518N
XXXXX
XXXXX - Lot Code
Assembly Material
G
S
D
Note : SINOPOWER lead-free products contain molding compounds/die attach materials and 100% matte tin plate
termination finish; which are fully compliant with RoHS. SINOPOWER lead-free products meet or exceed the lead-
free requirements of IPC/JEDEC J-STD-020D for MSL classification at lead-free peak reflow temperature. SINOPOWER
defines “Green” to mean lead-free (RoHS compliant) and halogen free (Br or Cl does not exceed 900ppm by weight
in homogeneous material and total of Br and Cl does not exceed 1500ppm by weight).


Podobny numer części - APM2518N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Anpec Electronics Corop...
APM2512N ANPEC-APM2512N Datasheet
205Kb / 9P
   N-Channel Enhancement Mode MOSFET
APM2512NU ANPEC-APM2512NU Datasheet
207Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2512NUC-TR ANPEC-APM2512NUC-TR Datasheet
207Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2512NUC-TRL ANPEC-APM2512NUC-TRL Datasheet
205Kb / 9P
   N-Channel Enhancement Mode MOSFET
APM2512NUC-TRL ANPEC-APM2512NUC-TRL Datasheet
207Kb / 11P
   N-Channel Enhancement Mode MOSFET
More results

Podobny opis - APM2518N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com