Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

APM2518N Arkusz danych(PDF) 10 Page - Sinopower Semiconductor Inc

Numer części APM2518N
Szczegółowy opis  N-Channel Enhancement Mode MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SINOPWER [Sinopower Semiconductor Inc]
Strona internetowa  http://www.sinopowersemi.com/Form2/index.aspx
Logo SINOPWER - Sinopower Semiconductor Inc

APM2518N Arkusz danych(HTML) 10 Page - Sinopower Semiconductor Inc

Back Button APM2518N Datasheet HTML 2Page - Sinopower Semiconductor Inc APM2518N Datasheet HTML 3Page - Sinopower Semiconductor Inc APM2518N Datasheet HTML 4Page - Sinopower Semiconductor Inc APM2518N Datasheet HTML 5Page - Sinopower Semiconductor Inc APM2518N Datasheet HTML 6Page - Sinopower Semiconductor Inc APM2518N Datasheet HTML 7Page - Sinopower Semiconductor Inc APM2518N Datasheet HTML 8Page - Sinopower Semiconductor Inc APM2518N Datasheet HTML 9Page - Sinopower Semiconductor Inc APM2518N Datasheet HTML 10Page - Sinopower Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
www.sinopowersemi.com
10
APM2518NU
®
Copyright ã Sinopower Semiconductor, Inc.
Rev. A.4 - December, 2016
Table 2. Pb-free Process – Classification Temperatures (Tc)
Package
Thickness
Volume mm
3
<350
Volume mm
3
350-2000
Volume mm
3
>2000
<1.6 mm
260
°C
260
°C
260
°C
1.6 mm – 2.5 mm
260
°C
250
°C
245
°C
³2.5 mm
250
°C
245
°C
245
°C
Table 1. SnPb Eutectic Process – Classification Temperatures (Tc)
Package
Thickness
Volume mm
3
<350
Volume mm
3
³350
<2.5 mm
235
°C
220
°C
³2.5 mm
220
°C
220
°C
Profile Feature
Sn-Pb Eutectic Assembly
Pb-Free Assembly
Preheat & Soak
Temperature min (Tsmin)
Temperature max (Tsmax)
Time (Tsmin to Tsmax) (ts)
100
°C
150
°C
60-120 seconds
150
°C
200
°C
60-120 seconds
Average ramp-up rate
(Tsmax to TP)
3
°C/second max.
3
°C/second max.
Liquidous temperature (TL)
Time at liquidous (tL)
183
°C
60-150 seconds
217
°C
60-150 seconds
Peak package body Temperature
(Tp)*
See Classification Temp in table 1
See Classification Temp in table 2
Time (tP)** within 5°C of the specified
classification temperature (Tc)
20** seconds
30** seconds
Average ramp-down rate (Tp to Tsmax)
6
°C/second max.
6
°C/second max.
Time 25
°C to peak temperature
6 minutes max.
8 minutes max.
* Tolerance for peak profile Temperature (Tp) is defined as a supplier minimum and a user maximum.
** Tolerance for time at peak profile temperature (tp) is defined as a supplier minimum and a user maximum.
Classification Reflow Profiles
Customer Service
Sinopower Semiconductor, Inc.
5F, No. 6, Dusing 1St Rd., Hsinchu Science Park,
Hsinchu, 30078, Taiwan
TEL: 886-3-5635818
Fax: 886-3-5635080
Reliability Test Program
Test item
Method
Description
SOLDERABILITY
JESD-22, B102
5 Sec, 245
°C
HTRB
JESD-22, A108
1000 Hrs, 80% of VDS max @ Tjmax
HTGB
JESD-22, A108
1000 Hrs, 100% of VGS max @ Tjmax
PCT
JESD-22, A102
168 Hrs, 100
%RH, 2atm, 121°C
TCT
JESD-22, A104
500 Cycles, -65
°C~150°C


Podobny numer części - APM2518N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Anpec Electronics Corop...
APM2512N ANPEC-APM2512N Datasheet
205Kb / 9P
   N-Channel Enhancement Mode MOSFET
APM2512NU ANPEC-APM2512NU Datasheet
207Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2512NUC-TR ANPEC-APM2512NUC-TR Datasheet
207Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2512NUC-TRL ANPEC-APM2512NUC-TRL Datasheet
205Kb / 9P
   N-Channel Enhancement Mode MOSFET
APM2512NUC-TRL ANPEC-APM2512NUC-TRL Datasheet
207Kb / 11P
   N-Channel Enhancement Mode MOSFET
More results

Podobny opis - APM2518N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com