Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

APM2518N Arkusz danych(PDF) 2 Page - Sinopower Semiconductor Inc

Numer części APM2518N
Szczegółowy opis  N-Channel Enhancement Mode MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SINOPWER [Sinopower Semiconductor Inc]
Strona internetowa  http://www.sinopowersemi.com/Form2/index.aspx
Logo SINOPWER - Sinopower Semiconductor Inc

APM2518N Arkusz danych(HTML) 2 Page - Sinopower Semiconductor Inc

  APM2518N Datasheet HTML 1Page - Sinopower Semiconductor Inc APM2518N Datasheet HTML 2Page - Sinopower Semiconductor Inc APM2518N Datasheet HTML 3Page - Sinopower Semiconductor Inc APM2518N Datasheet HTML 4Page - Sinopower Semiconductor Inc APM2518N Datasheet HTML 5Page - Sinopower Semiconductor Inc APM2518N Datasheet HTML 6Page - Sinopower Semiconductor Inc APM2518N Datasheet HTML 7Page - Sinopower Semiconductor Inc APM2518N Datasheet HTML 8Page - Sinopower Semiconductor Inc APM2518N Datasheet HTML 9Page - Sinopower Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.sinopowersemi.com
2
APM2518NU
®
Copyright ã Sinopower Semiconductor, Inc.
Rev. A.4 - December, 2016
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
Common Ratings (TA=25°C Unless Otherwise Noted)
VDSS
Drain-Source Voltage
25
V
VGSS
Gate-Source Voltage
±20
TJ
Maximum Junction Temperature
150
°C
TSTG
Storage Temperature Range
-55 to 150
°C
IS
Diode Continuous Forward Current
30
A
IDP
300μs Pulse Drain Current Tested
TC=25°C
120
A
TC=100°C
80
ID
Continuous Drain Current
TC=25°C
50*
A
TC=100°C
35
PD
Maximum Power Dissipation
TC=25°C
50
W
TC=100°C
20
RqJC
Thermal Resistance-Junction to Case
2.5
°C/W
RqJA
Thermal Resistance-Junction to Ambient
50
°C/W
EAS
Drain-Source Avalanche Energy, L=0.1mH
33.8
mJ
Note *:Current limited by bond wire.
APM2518NU
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Static Characteristics
BVDSS Drain-Source Breakdown Voltage
VGS=0V, IDS=250mA
25
-
-
V
VDS=20V, VGS=0V
-
-
1
IDSS
Zero Gate Voltage Drain Current
TJ=85°C
-
-
30
mA
VGS(th)
Gate Threshold Voltage
VDS=VGS, IDS=250mA
1.3
1.8
2.5
V
IGSS
Gate Leakage Current
VGS=±20V, VDS=0V
-
-
±100
nA
VGS=10V, IDS=30A
-
8
9.5
RDS(ON)
a Drain-Source On-state Resistance
VGS=4.5V, IDS=15A
-
15
20
mW
Diode Characteristics
VSD
a
Diode Forward Voltage
ISD=15A, VGS=0V
-
0.8
1.1
V
trr
Reverse Recovery Time
-
24
-
ns
Qrr
Reverse Recovery Charge
IDS=30A, dlSD/dt=100A/ms
-
16
-
nC
Electrical Characteristics (T
A=25°C Unless Otherwise Noted)


Podobny numer części - APM2518N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Anpec Electronics Corop...
APM2512N ANPEC-APM2512N Datasheet
205Kb / 9P
   N-Channel Enhancement Mode MOSFET
APM2512NU ANPEC-APM2512NU Datasheet
207Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2512NUC-TR ANPEC-APM2512NUC-TR Datasheet
207Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2512NUC-TRL ANPEC-APM2512NUC-TRL Datasheet
205Kb / 9P
   N-Channel Enhancement Mode MOSFET
APM2512NUC-TRL ANPEC-APM2512NUC-TRL Datasheet
207Kb / 11P
   N-Channel Enhancement Mode MOSFET
More results

Podobny opis - APM2518N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com