Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STR720RBQ6 Arkusz danych(PDF) 282 Page - STMicroelectronics

Numer części STR720RBQ6
Szczegółowy opis  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RBQ6 Arkusz danych(HTML) 282 Page - STMicroelectronics

Back Button STR720RBQ6 Datasheet HTML 278Page - STMicroelectronics STR720RBQ6 Datasheet HTML 279Page - STMicroelectronics STR720RBQ6 Datasheet HTML 280Page - STMicroelectronics STR720RBQ6 Datasheet HTML 281Page - STMicroelectronics STR720RBQ6 Datasheet HTML 282Page - STMicroelectronics STR720RBQ6 Datasheet HTML 283Page - STMicroelectronics STR720RBQ6 Datasheet HTML 284Page - STMicroelectronics STR720RBQ6 Datasheet HTML 285Page - STMicroelectronics STR720RBQ6 Datasheet HTML 286Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 401 page
background image
STR720 - USB SLAVE INTERFACE (USB)
282/401
Bit 1
PDWN: Power down
This bit is used to completely switch off all USB-related analog parts if it is
required to completely disable the USB Peripheral for any reason. When this bit
is set, the USB Peripheral is disconnected from the transceivers and it cannot
be used.
0: Exit Power Down.
1: Enter Power down mode.
Bit 0
FRES: Force USB Reset
0: Clear USB reset.
1: Force a reset of the USB Peripheral, exactly like a RESET signalling on the
USB. The USB Peripheral is held in RESET state until software clears this bit. A
“USB-RESET” interrupt is generated, if enabled.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More