| Zakładka z wyszukiwarką danych komponentów |
|
STM32MP157AAA3 Arkusz danych(PDF) 123 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32MP157AAA3 Arkusz danych(HTML) 123 Page - STMicroelectronics |
|
123 / 258 page ![]() DS12504 Rev 2 123/258 STM32MP157A Electrical characteristics 238 6 Electrical characteristics 6.1 Parameter conditions Unless otherwise specified, all voltages are referenced to VSS. 6.1.1 Minimum and maximum values Unless otherwise specified the minimum and maximum values are guaranteed in the worst conditions of junction temperature, supply voltage and frequencies by tests in production on 100% of the devices with an junction temperature at TJ = 25 °C and TJ = TJmax (given by the selected temperature range). Data based on characterization results, design simulation and/or technology characteristics are indicated in the table footnotes and are not tested in production. Based on characterization, the minimum and maximum values refer to sample tests and represent the mean value plus or minus three times the standard deviation (mean±3σ). 6.1.2 Typical values Unless otherwise specified, typical data are based on TJ = 25 °C, VDD = 3.3 V, VDDCORE = 1.2 V. They are given only as design guidelines and are not tested. Typical ADC accuracy values are determined by characterization of a batch of samples from a standard diffusion lot over the full temperature range, where 95% of the devices have an error less than or equal to the value indicated (mean±2σ). 6.1.3 Typical curves Unless otherwise specified, all typical curves are given only as design guidelines and are not tested. 6.1.4 Loading capacitor The loading conditions used for pin parameter measurement are shown in Figure 9. 6.1.5 Pin input voltage The input voltage measurement on a pin of the device is described in Figure 10. Figure 9. Pin loading conditions Figure 10. Pin input voltage MSv47493V1 Device pin C = 50 pF MSv47494V1 Device pin VIN |