Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

3004265 Arkusz danych(PDF) 3 Page - PHOENIX CONTACT

Numer części 3004265
Szczegółowy opis  UK 6,3-HESILED 24
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHOENIX [PHOENIX CONTACT]
Strona internetowa  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3004265 Arkusz danych(HTML) 3 Page - PHOENIX CONTACT

  3004265 Datasheet HTML 1Page - PHOENIX CONTACT 3004265 Datasheet HTML 2Page - PHOENIX CONTACT 3004265 Datasheet HTML 3Page - PHOENIX CONTACT 3004265 Datasheet HTML 4Page - PHOENIX CONTACT 3004265 Datasheet HTML 5Page - PHOENIX CONTACT 3004265 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UK 6,3-HESILED 24 Order No.: 3004265
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3004265
PHOENIX CONTACT Deutschland GmbH
Page 3 / 6
http://www.phoenixcontact.de
Mar 24, 2010
2 conductors with same cross section, stranded,
ferrules without plastic sleeve, min.
0.5 mm²
2 conductors with same cross section, stranded,
ferrules without plastic sleeve, max.
4 mm²
2 conductors with same cross section, stranded,
TWIN ferrules with plastic sleeve, min.
0.5 mm²
2 conductors with same cross section, stranded,
TWIN ferrules with plastic sleeve, max.
6 mm²
Cross-section with insertion bridge, solid max.
10 mm²
Cross-section with insertion bridge, stranded max. 10 mm²
Type of connection
Screw connection
Stripping length
12 mm
Internal cylindrical gage
B6
Screw thread
M4
Tightening torque, min
1.2 Nm
Tightening torque max
1.5 Nm
Certificates / Approvals
Certification
CSA, GL, GOST, LR, UL
CSA
Nominal voltage UN
600 V
Nominal current IN
25 A
AWG/kcmil
26-8
UL
Nominal voltage UN
600 V
Nominal current IN
10 A
AWG/kcmil
26-8


Podobny numer części - 3004265

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PHOENIX CONTACT
3004223 PHOENIX-3004223 Datasheet
81Kb / 2P
This item is no longer available. Should you have any questions, please contact our Sales Team.
logo
edding Group
300423 EDDING-300423 Datasheet
10Mb / 64P
THE PRODUCTS 2007
logo
PHOENIX CONTACT
3004249 PHOENIX-3004249 Datasheet
155Kb / 6P
UK 6,3-HESILA 250
More results

Podobny opis - 3004265

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PHOENIX CONTACT
3000540 PHOENIX-3000540 Datasheet
80Kb / 6P
Fuse modular terminal block - UK 5-HESILED 24 N
3004126 PHOENIX-3004126 Datasheet
169Kb / 14P
Fuse modular terminal block - UK 5-HESILED 24
3004139 PHOENIX-3004139 Datasheet
81Kb / 2P
UK 5-HESILED 60
3004171 PHOENIX-3004171 Datasheet
161Kb / 6P
UK 6,3-HESI
3004249 PHOENIX-3004249 Datasheet
155Kb / 6P
UK 6,3-HESILA 250
3048399 PHOENIX-3048399 Datasheet
115Kb / 5P
UK 10,3-HESILED N 690
3048661 PHOENIX-3048661 Datasheet
86Kb / 3P
UK 10,3-HESILED N 72
3211087 PHOENIX-3211087 Datasheet
131Kb / 5P
UK 20,6-J HESILED
3211142 PHOENIX-3211142 Datasheet
131Kb / 5P
UK 27-J HESILED
3211168 PHOENIX-3211168 Datasheet
88Kb / 2P
UK 27-J HESILED 3POL
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com