Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

3004265 Arkusz danych(PDF) 1 Page - PHOENIX CONTACT

Numer części 3004265
Szczegółowy opis  UK 6,3-HESILED 24
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHOENIX [PHOENIX CONTACT]
Strona internetowa  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3004265 Arkusz danych(HTML) 1 Page - PHOENIX CONTACT

  3004265 Datasheet HTML 1Page - PHOENIX CONTACT 3004265 Datasheet HTML 2Page - PHOENIX CONTACT 3004265 Datasheet HTML 3Page - PHOENIX CONTACT 3004265 Datasheet HTML 4Page - PHOENIX CONTACT 3004265 Datasheet HTML 5Page - PHOENIX CONTACT 3004265 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 6
http://www.phoenixcontact.de
Mar 24, 2010
Extract from the online
catalog
 
UK 6,3-HESILED 24
Order No.: 3004265
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3004265
 
 
Fuse terminal block for cartridge fuse insert, cross section: 0.5 - 16
mm², AWG: 26 - 8, width: 10.2 mm, color: black
 
Commercial data
EAN
4017918090753
Pack
50 pcs.
Customs tariff
85363010
Weight/Piece
0.03542 KG
Catalog page information
Page 370 (CL-2009)
Product notes
WEEE/RoHS-compliant since:
09/01/2006
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
General
Number of levels
1
Number of connections
2
Color
black
Insulating material
PA
Inflammability class acc. to UL 94
V2


Podobny numer części - 3004265

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PHOENIX CONTACT
3004223 PHOENIX-3004223 Datasheet
81Kb / 2P
This item is no longer available. Should you have any questions, please contact our Sales Team.
logo
edding Group
300423 EDDING-300423 Datasheet
10Mb / 64P
THE PRODUCTS 2007
logo
PHOENIX CONTACT
3004249 PHOENIX-3004249 Datasheet
155Kb / 6P
UK 6,3-HESILA 250
More results

Podobny opis - 3004265

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PHOENIX CONTACT
3000540 PHOENIX-3000540 Datasheet
80Kb / 6P
Fuse modular terminal block - UK 5-HESILED 24 N
3004126 PHOENIX-3004126 Datasheet
169Kb / 14P
Fuse modular terminal block - UK 5-HESILED 24
3004139 PHOENIX-3004139 Datasheet
81Kb / 2P
UK 5-HESILED 60
3004171 PHOENIX-3004171 Datasheet
161Kb / 6P
UK 6,3-HESI
3004249 PHOENIX-3004249 Datasheet
155Kb / 6P
UK 6,3-HESILA 250
3048399 PHOENIX-3048399 Datasheet
115Kb / 5P
UK 10,3-HESILED N 690
3048661 PHOENIX-3048661 Datasheet
86Kb / 3P
UK 10,3-HESILED N 72
3211087 PHOENIX-3211087 Datasheet
131Kb / 5P
UK 20,6-J HESILED
3211142 PHOENIX-3211142 Datasheet
131Kb / 5P
UK 27-J HESILED
3211168 PHOENIX-3211168 Datasheet
88Kb / 2P
UK 27-J HESILED 3POL
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com