Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MJ21195 Arkusz danych(PDF) 4 Page - ON Semiconductor

Numer części MJ21195
Szczegółowy opis  COMPLEMENTARY SILICON POWER TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJ21195 Arkusz danych(HTML) 4 Page - ON Semiconductor

  MJ21195 Datasheet HTML 1Page - ON Semiconductor MJ21195 Datasheet HTML 2Page - ON Semiconductor MJ21195 Datasheet HTML 3Page - ON Semiconductor MJ21195 Datasheet HTML 4Page - ON Semiconductor MJ21195 Datasheet HTML 5Page - ON Semiconductor MJ21195 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MJ21195 MJ21196
4
Motorola Bipolar Power Transistor Device Data
Figure 9. Typical Saturation Voltages
IC, COLLECTOR CURRENT (AMPS)
Figure 10. Typical Saturation Voltages
IC, COLLECTOR CURRENT (AMPS)
Figure 11. Typical Base–Emitter Voltage
IC, COLLECTOR CURRENT (AMPS)
Figure 12. Typical Base–Emitter Voltage
IC, COLLECTOR CURRENT (AMPS)
Figure 13. Active Region Safe Operating Area
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
There are two limitations on the power handling ability of a
transistor; average junction temperature and secondary
breakdown. Safe operating area curves indicate IC – VCE
limits of the transistor that must be observed for reliable
operation; i.e., the transistor must not be subjected to
greater dissipation than the curves indicate.
The data of Figure 13 is based on TJ(pk) = 200°C; TC is
variable depending on conditions. At high case tempera-
tures, thermal limitations will reduce the power than can be
handled to values less than the limitations imposed by
second breakdown.
PNP MJ21195
NPN MJ21196
TYPICAL CHARACTERISTICS
PNP MJ21195
NPN MJ21196
3.0
2.5
2.0
1.5
1.0
0.5
0
100
10
1.0
0.1
1.6
1.2
1.0
0.8
0.6
0.4
0
100
10
1.0
0.1
0.2
10
1.0
0.1
100
10
1.0
0.1
10
1.0
0.1
100
10
1.0
0.1
100
10
1.0
0.1
100
10
1.0
1000
TJ = 25°C
VCE = 20 V (SOLID)
VCE = 5 V (DASHED)
TJ = 25°C
IC/IB = 10
VBE(sat)
VCE(sat)
1.4
TJ = 25°C
IC/IB = 10
VBE(sat)
VCE(sat)
TJ = 25°C
VCE = 20 V (SOLID)
VCE = 5 V (DASHED)
TJ = 25°C
10 ms
50 ms
250 ms
1 sec


Podobny numer części - MJ21195

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MJ21195 ONSEMI-MJ21195 Datasheet
83Kb / 6P
   Silicon Power Transistors
February, 2006 ??Rev. 4
logo
Inchange Semiconductor ...
MJ21195 ISC-MJ21195 Datasheet
131Kb / 2P
   Silicon PNP Power Transistor
logo
New Jersey Semi-Conduct...
MJ21195 NJSEMI-MJ21195 Datasheet
159Kb / 2P
   Silicon Power Transistors
logo
ON Semiconductor
MJ21195G ONSEMI-MJ21195G Datasheet
83Kb / 6P
   Silicon Power Transistors
February, 2006 ??Rev. 4
MJ21195G ONSEMI-MJ21195G Datasheet
131Kb / 6P
   Silicon Power Transistors 16 AMPERES COMPLEMENTARY SILICON
September, 2013 ??Rev. 6
More results

Podobny opis - MJ21195

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
MJE172 STMICROELECTRONICS-MJE172_03 Datasheet
52Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H_06 Datasheet
68Kb / 5P
   Complementary Silicon Power Transistors
February, 2006 ??Rev. 9
logo
STMicroelectronics
TIP31A STMICROELECTRONICS-TIP31A Datasheet
64Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP33B ONSEMI-TIP33B Datasheet
102Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
MJE4343 ONSEMI-MJE4343 Datasheet
142Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
1998
MJF15030 ONSEMI-MJF15030 Datasheet
246Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1995
logo
STMicroelectronics
BD235 STMICROELECTRONICS-BD235 Datasheet
75Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
BD241A STMICROELECTRONICS-BD241A Datasheet
66Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
June 1997
BD243B STMICROELECTRONICS-BD243B Datasheet
34Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
September 1999
logo
Motorola, Inc
TIP35A MOTOROLA-TIP35A Datasheet
157Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com