Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32L552VCU6PTR Arkusz danych(PDF) 307 Page - STMicroelectronics

Numer części STM32L552VCU6PTR
Szczegółowy opis  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCU6PTR Arkusz danych(HTML) 307 Page - STMicroelectronics

Back Button STM32L552VCU6PTR Datasheet HTML 303Page - STMicroelectronics STM32L552VCU6PTR Datasheet HTML 304Page - STMicroelectronics STM32L552VCU6PTR Datasheet HTML 305Page - STMicroelectronics STM32L552VCU6PTR Datasheet HTML 306Page - STMicroelectronics STM32L552VCU6PTR Datasheet HTML 307Page - STMicroelectronics STM32L552VCU6PTR Datasheet HTML 308Page - STMicroelectronics STM32L552VCU6PTR Datasheet HTML 309Page - STMicroelectronics STM32L552VCU6PTR Datasheet HTML 310Page - STMicroelectronics STM32L552VCU6PTR Datasheet HTML 311Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 307 / 340 page
background image
DS12737 Rev 6
307/340
STM32L552xx
Electrical characteristics
307
5.3.33
UCPD characteristics
UCPD controller complies with USB Type-C Rev 1.2 and USB Power Delivery Rev 3.0
specifications.
Table 152. UCPD characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
UCPD operating
supply voltage
Sink mode only
3.0
3.3
3.6
V
Sink and source mode
3.135
3.3
3.465



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More