Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DS31256 Arkusz danych(PDF) 113 Page - Maxim Integrated Products

Numer części DS31256
Szczegółowy opis  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Arkusz danych(HTML) 113 Page - Maxim Integrated Products

Back Button DS31256 Datasheet HTML 109Page - Maxim Integrated Products DS31256 Datasheet HTML 110Page - Maxim Integrated Products DS31256 Datasheet HTML 111Page - Maxim Integrated Products DS31256 Datasheet HTML 112Page - Maxim Integrated Products DS31256 Datasheet HTML 113Page - Maxim Integrated Products DS31256 Datasheet HTML 114Page - Maxim Integrated Products DS31256 Datasheet HTML 115Page - Maxim Integrated Products DS31256 Datasheet HTML 116Page - Maxim Integrated Products DS31256 Datasheet HTML 117Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
113 of 183
descriptor pointer and PV fields in the packet descriptor to 0 to ready them for transmission). The second
option allows the software a cleaner error-recovery technique. See Figure 9-14 for more details.
Figure 9-14. Transmit DMA Error Recovery Algorithm
Host Actions
The host typically handles the transmit DMA as follows:
1) The host places readied packets into the pending queue.
2) The host either polls (or is interrupted) that some outgoing packets have completed transmission and
that it should read the done queue.
3) If done queue reports that an error was incurred and that a packet was not transmitted, the host must
requeue the packet for transmission.
Transmit DMA Actions
A typical scenario for the transmit DMA is as follows:
1) The transmit DMA constantly reads the pending queue looking for packets that are queued for
transmission.
2) The transmit DMA updates the done queue as packets or data buffers to complete transmission.
3) If an error occurs, the transmit DMA disables the channel and waits for the host to request that the
channel be enabled.
Read Done Queue
Status = 1xx?
No
Data Buffers and
Packet Descriptor
Space Available
for Reuse
Yes
Set CHRST = 1 for
the Next Descriptor
Written to the
Pending Queue
Set the PV and the Next
Pending Descriptor Pointer
Fields to 0 in the Errored
Packet Descriptor
Place the Errored Packet
Descriptor Back into the
Pending Queue for
Retransmission



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More